Part Number Hot Search : 
0100100 101EF 40007 40007 M57215BL 001140 MAX50 2SC57
Product Description
Full Text Search
  hard Datasheet PDF File

For hard  Found Datasheets File :: 12380    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AT89C51SND1 AT89C51SND1C

ATMEL Corporation
Part No. AT89C51SND1 AT89C51SND1C
OCR Text ...t Process Algorithm RESET hard Cond? ISP# = L? hardware Process Prog Cond? BLJB = P? hard Cond Init ENBOOT = 1 PC = F000h FCON = 00h Standard Init ENBOOT = 0 PC = 0000h FCON = F0h Prog Cond Init ENBOOT = 1 PC = F000h FC...
Description C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes Flash. MultiMediaCard™, DataFlash®, SmartMedia™, CompactFlash™ ...
MP3 Microcontrollers

File Size 148.86K  /  25 Page

View it Online

Download Datasheet





    26052 26054 26053 26051 26050 26055

List of Unclassifed Manufacturers
Part No. 26052 26054 26053 26051 26050 26055
OCR Text ...le blade cvm steel, hardened, hard chromed. item no. mm inch mm inch mm inch pkg. 260 50 0.8 .03 40 1.6 134 5.3 10 260 51 1.0 .04 40 1.6 134 5.3 10 260 52 1.2 .05 40 1.6 134 5.3 10 260 53 1.5 .06 40 1.6 134 5.3 10 260 54 1.5 .06 60 2....
Description Wiha Soft Grip PicoFinish Precision Screwdrivers

File Size 305.51K  /  1 Page

View it Online

Download Datasheet

    Philips
Part No. TDA8592J/N3
OCR Text ...via the i 2 c-bus. 7.5 muting a hard mute and a soft mute can both be performed via the i 2 c-bus. a hard mute mutes the ampli?er within 0.5 ms. a soft mute mutes the ampli?er within 20 ms and is less audible. a hard mute is also activated ...
Description I2C-bus controlled 4 x 50 W power amplifier

File Size 184.82K  /  32 Page

View it Online

Download Datasheet

    C&K Components
Part No. KT11P4CM KT11P4SA1M KT11P4JM KT11B1SM KT11P2SM KT11B2SM KT11P2SA1M KT11P3SA1M KT11P3CM KT11P3JM KT11P4SM KT11B0CM KT11B0JM KT11B0SM KT11B2CM KT11B2JM KT11B1JM KT11B1CM KT11P2CM KT11P2JM KT11P3SM KT11B0SAM
OCR Text hard plastic actuator with p3 hard plastic actuator with p4 hard plastic actuator pc mounting features /benefits typical applications internal actuator seal and insert molded terminals e permit soldering and cleaning tin-lead plated ter...
Description Internal actuator seal and insert molded terminals permit soldering and cleaning
Sealed Tactile Switches
Internal actuator seal and insert molded terminals?permit soldering and cleaning

File Size 425.58K  /  3 Page

View it Online

Download Datasheet

    IRHF7330SE

International Rectifier
Part No. IRHF7330SE
OCR Text ...l single event effect (see) rad hard pd - 91864 pre-irradiation 400volt, 1.2 w w w w w , see rad hard hexfet international rectifiers see rad hard technology hexfets demonstrate immunity to see failure. ad- ditionally, under identical p...
Description N-Channel Single Event Effect (SEE) Rad hard HEXFET Transistor(N 娌?? ???浠舵?搴?Rad hard HEXFET????朵?绠々

File Size 94.41K  /  8 Page

View it Online

Download Datasheet

    36410 36442 36445 36305 36308 36307 36309 36315 36409 36420

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. 36410 36442 36445 36305 36308 36307 36309 36315 36409 36420
OCR Text ...ium-molybdenum steel, hardened, hard chrome finish. wiha t-handle high quality plastic, impact resistant. item no. size mm inch mm inch mm inch lbs pkg. 364 09 t9 100 3.9 4.0 5/32 80 3.1 .07 10 364 10 t10 100 3.9 4.0 5/32 80 3.1 .07 10 364...
Description Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys

File Size 218.07K  /  1 Page

View it Online

Download Datasheet

    HON HAI PRECISION INDUSTRY CO LTD
Part No. 2H1A2503-PE701
OCR Text ... . specifications hard metric connector 2h series plug type e 2.0mm [.078?] pitch 250 pos. 25column mechanical mating force: 0.75n max . u n mating force: 0.15n min . durability: 250 cycles elec...
Description 250 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, PLUG

File Size 282.47K  /  2 Page

View it Online

Download Datasheet

    SU1000XLA

List of Unclassifed Manufacturers
Part No. SU1000XLA
OCR Text ...requency fluctuations and other hard-to-solve power problems not addressed by other ups systems. true sine wave output and zero transfer time offers guaranteed compatibility with all equipment types. highly efficient operation in optional e...
Description SmartOnline 1kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets

File Size 519.42K  /  7 Page

View it Online

Download Datasheet

    SU1000RTXL2UA

List of Unclassifed Manufacturers
Part No. SU1000RTXL2UA
OCR Text ... frequency variations and other hard to solve power problems not addressed by other ups types highlights 1000va / 1kva / 800 watt on-line double-conversion 2u rack/tower ups 100/110/120v +/-2% output at 50/60hz, high efficiency economy mod...
Description SmartOnline 1kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets

File Size 496.54K  /  8 Page

View it Online

Download Datasheet

    SU10000RT3U

List of Unclassifed Manufacturers
Part No. SU10000RT3U
OCR Text ...t electrical impulses and other hard-to-solve power problems not addressed by other ups types maintains full-time sine wave output within 2% of selectable 200/208/220/230/240v nominal during brownouts as low 100v and overvoltages as high as...
Description SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets

File Size 550.16K  /  8 Page

View it Online

Download Datasheet

For hard  Found Datasheets File :: 12380    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hard

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4481408596039