Part Number Hot Search : 
N3055 HW9D1 2SK30 70NBS CXA10 A2050 PN222112 ADV7185
Product Description
Full Text Search
  ghz Datasheet PDF File

For ghz Found Datasheets File :: 28625    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    R191381000

List of Unclassifed Manufacturers
Part No. R191381000
OCR Text ...155 c frequency 0 - 11 ghz hermetic seal na atm.cm3/s vswr 1.30 + 0,0000 x f(ghz) maxi panel leakage na insertion loss 0.05 ? f(ghz) db maxi rf leakage - ( 101 ...
Description BULKHEAD ADAPTOR N FEMALE - SMA FEMALE SQUARE FLANGE

File Size 25.52K  /  2 Page

View it Online

Download Datasheet





    http://
Part No. HMC663LC310
OCR Text ...ced high ip3 m i x e r, 6 - 12 ghz v03.0709 general description features functional diagram high lo/ r f i solation: 40 db wide i f bandwidth: dc - 4 ghz passive double-balanced topology low conversion loss: 8 db 16 lead ceramic 3x3mm s ...
Description GaAs MMIC DOUBLE-BALANCED HIGH IP3 Mixer, 6 - 12 ghz

File Size 285.74K  /  6 Page

View it Online

Download Datasheet

    2SC5004 2SC5004-T1 2SC5004NE58219 2SC5004-T2

NEC[NEC]
NEC Corp.
NEC, Corp.
Part No. 2SC5004 2SC5004-T1 2SC5004NE58219 2SC5004-T2
OCR Text ... * * * 0.5 High fT : 5.0 ghz TYP. (@ VCE = 5 V, IC = 5 mA, f = 1 ghz) Low Cre : 0.9 pF TYP. (@ VCB = 5 V, IE = 0, f = 1 MHz) Ultra Super Mini Mold Package. (1.6 mm x 0.8 mm) 1.6 0.1 1.0 0.2+0.1 -0 0.5 3 1 ORDERING ...
Description    NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
SC70/&#181;DFN, Single/Dual Low-Voltage, Low-Power &#181;P Reset Circuits
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD NPN硅外延晶体管3引脚超超级迷你模
NPN epitaxial-type silicon transistor

File Size 52.91K  /  8 Page

View it Online

Download Datasheet

    2SC5005 2SC5005-T1 2SC5005NE58119

NEC Corp.
NEC[NEC]
Part No. 2SC5005 2SC5005-T1 2SC5005NE58119
OCR Text ...TURES * * * High fT : 5.5 ghz TYP. (@ VCE = 5 V, IC = 5 mA, f = 1 ghz) Low Cre : 0.7 pF TYP. (@ VCB = 5 V, IE = 0, f = 1 MHz) Ultra Super Mini Mold Package. (1.6 mm x 0.8 mm) 0.5 3 1 ORDERING INFORMATION 0.6 PART NUMBE...
Description    NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Discrete

File Size 53.49K  /  8 Page

View it Online

Download Datasheet

    2SC5006 2SC5006-T1 2SC5006NE85619 2SC5006-T1-T2

NEC[NEC]
NEC Corp.
NEC, Corp.
Part No. 2SC5006 2SC5006-T1 2SC5006NE85619 2SC5006-T1-T2
OCR Text ...igh fT * Low Cre * Low NF : 4.5 ghz TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 ghz) : 0.7 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz) : 1.2 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 ghz) 2 1.6 0.1 0.8 0.1 PACKAGE DIMENSIONS in millimeters * Hi...
Description    NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD NPN硅外延晶体管3引脚超超级迷你模
NPN epitaxial-type silicon transistor

File Size 60.49K  /  10 Page

View it Online

Download Datasheet

    2SC5007 2SC5007-T1 2SC5007NE68119 2SC5007-T1-T2

http://
NEC[NEC]
NEC Corp.
Part No. 2SC5007 2SC5007-T1 2SC5007NE68119 2SC5007-T1-T2
OCR Text ...igh fT * Low Cre * Low NF : 7.0 ghz TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 ghz) : 0.45 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz) : 1.4 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 ghz) 2 0.5 1.6 0.1 1.0 0.2+0.1 -0 0.3 +0.1 -0 0.15 +0.1 -0.05 P...
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Discrete

File Size 62.00K  /  10 Page

View it Online

Download Datasheet

    2SC5008 2SC5008-T1 2SC5008NE68019 2SC5008-T1-T2

NEC Corp.
NEC[NEC]
Part No. 2SC5008 2SC5008-T1 2SC5008NE68019 2SC5008-T1-T2
OCR Text ...Low Voltage Use. * High fT: 8.0 ghz TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 ghz) * Low NF: 1.9 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 ghz) * High |S21e|2: 7.5 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 ghz) * Ultra Super Mini Mold Package. * Low Cr...
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits

File Size 59.73K  /  10 Page

View it Online

Download Datasheet

    2SC5009 2SC5009-T1 2SC5009-T1-T2

NEC[NEC]
NEC Corp.
Part No. 2SC5009 2SC5009-T1 2SC5009-T1-T2
OCR Text ... Low Cre * Low NF * High : 12.0 ghz TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 ghz) : 0.3 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz) 8.5 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 ghz) : 2.5 dB TYP. (@ VCE = 3 V, IC = 3 mA, f = 2 ghz) 3 1 * Ult...
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD

File Size 57.57K  /  10 Page

View it Online

Download Datasheet

    2SC5010 2SC5010-T1 2SC5010-T1-T2

NEC Corp.
Part No. 2SC5010 2SC5010-T1 2SC5010-T1-T2
OCR Text ...gh fT * Low Cre * Low NF : 12.0 ghz TYP. (@ VCE = 3 V, IC = 10 mA, f = 2 ghz) : 0.4 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz) : 1.5 dB TYP. (@ VCE = 3 V, IC = 3 mA, f = 2 ghz) 2 1.6 0.1 1.0 0.2 +0.1 -0 0.5 0.3 +0.1 -0 0.15 +0.1 -0.05 ...
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
128 x 128 pixel format, LED or EL Backlight available

File Size 59.95K  /  10 Page

View it Online

Download Datasheet

    2SC5011 2SC5011-T1 2SC5011-T2 2SC5011-T1-T2

NEC[NEC]
NEC Corp.
Part No. 2SC5011 2SC5011-T1 2SC5011-T2 2SC5011-T1-T2
OCR Text ...ain Bandwidth Product (fT = 6.5 ghz TYP.) * Low Noise, High Gain * Low Voltage Operation 2.0 0.2 0.60 0.65 PACKAGE DIMENSIONS in millimeters 0.3 +0.1 -0.05 2.1 0.2 1.25 0.1 0.3 +0.1 -0.05 (LEADS 2, 3, 4) (1.3) XYZ ORDERIN...
Description NPN epitaxial-type silicon transistor
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 50.99K  /  8 Page

View it Online

Download Datasheet

For ghz Found Datasheets File :: 28625    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ghz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.80682611465454