|
|
|
http:// AGERE[Agere Systems]
|
Part No. |
R768PsAA R768 R768PDAA R768PGAA R768PJAA
|
OCR Text |
...
High data rate capability, 40 gbits/s PIN photodetector Fully operational through the L-band (1.6 m) wavelength range single-mode fiber pigtail with FC/PC optical connector Operating case temperature range: 0 C to 65 C Compact, butterfly ... |
Description |
R768-Type OC-768/sTM-256 Lightweight Receiver
|
File Size |
52.06K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
Lineage Power
|
Part No. |
TTRN0110G
|
OCR Text |
gbits/s clock synthesizer, 16:1 data multiplexer advance data sheet august 2000 features n fully-integrated 10 ghz clock synthesizer; 16:1 data multiplexer n supports standard oc-192/stm-64 data rate of 9.9532 ghz as well as fec rate of 1... |
Description |
10 gbits/s Clock synthesizer, 16:1 Data Multiplexer(10 G秒时钟合成器6:1数据多路复用
|
File Size |
397.44K /
30 Page |
View
it Online |
Download Datasheet |
|
|
|
Agere Systems
|
Part No. |
1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 1340TNPC 1340-TYPE
|
OCR Text |
...5 mbits/s, 622 mbits/s, or 1.25 gbits/s, the versat ile 1340-type receiver is manufactured in a 20-pin, plastic dip with a multimode fiber pigtail. features backward compatible with 1310 receiver family space-saving, self-contained, 2... |
Description |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor size AWG:10; No. strands x strand size:solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHs Compliant: Yes Hook-Up Wire; Conductor size AWG:12; No. strands x strand size:65 x 30; Jacket Color:White; Approval Bodies:UL, CsA; Approval Categories:UL AWM style 1015, CsA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHs Compliant: Yes Hook-Up Wire; Conductor size AWG:12; No. strands x strand size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CsA; Approval Categories:UL AWM style 1015, CsA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHs Compliant: Yes Hook-Up Wire; Conductor size AWG:12; No. strands x strand size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CsA; Approval Categories:UL AWM style 1015, CsA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHs Compliant: Yes 1340-Type Lightwave Receiver
|
File Size |
110.45K /
12 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|