Part Number Hot Search : 
05SH3 MSAU214 89HR1KTR X5083S8 6060R 240128 HT3421A SB121
Product Description
Full Text Search
  gain Datasheet PDF File

For gain Found Datasheets File :: 105008    Search Time::0.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    INFINEON[Infineon Technologies AG]
Part No. BFP196
OCR Text ...nt VEB = 1 V, IC = 0 DC current gain IC = 50 mA, VCE = 8 V hFE 50 100 200 IEBO 1 A ICBO 100 nA ICES 100 A V(BR)CEO 12 V Symbol min. Values typ. max. Unit 2 Jun-22-2001 BFP196 Electrical Characteristics at TA = 25C, unless otherw...
Description NPN Silicon RF Transistor

File Size 78.06K  /  7 Page

View it Online

Download Datasheet





    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...itter cutoff current DC current gain DC current gain DC current gain Collector saturation voltage Base saturation voltage Turn-on time Storage time IEBO hFE1 hFE2 hFE3 VCE(sat) VBE(sat) ton tstg A s s s * Pulse test PW 350 s, d...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    TriQuint Semiconductor, Inc.
Part No. TGA8622-SCC
OCR Text ...product data sheet 1 2 - 20 ghz gain block amplifier tga8622-scc key features and performance  2 to 20 ghz frequency range  7.5 db gain with greater than 30db gain-control capability  20 dbm output power at 1 db gain compression ...
Description
File Size 926.17K  /  10 Page

View it Online

Download Datasheet

    2SA1031 2SA1032 2SA1031B 2SA1031D

HITACHI[Hitachi Semiconductor]
Microsemi, Corp.
Part No. 2SA1031 2SA1032 2SA1031B 2SA1031D
OCR Text ... saturation voltage VCE(sat) gain bandwidth product f T Collector output capacitance Noise figure Cob NF Note: 1. The 2SA1031 and 2SA1032 are grouped by h FE as follows. B C 160 to 320 160 to 320 D 250 to 500 -- 100 to 200 100 to 2...
Description Silicon PNP Transistor
Silicon PNP Epitaxial
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
5-Pin &#181;P Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路

File Size 30.18K  /  7 Page

View it Online

Download Datasheet

    2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK

Leshan Radio Company, Ltd.
乐山无线电股份有限公
Part No. 2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK
OCR Text ...cs( ) -100 Fig.4 DC current gain vs. collector current ( ) 500 T A = 25C I C, COLLECTOR CURRENT (mA) -80 T A = 25C h FE, DC CURRENT gain -60 500 450 400 350 300 VCE= -5 V -3V -1V 200 -250 -200 -40 -150 -...
Description General Purpose Transistors(PNP Silicon) 通用晶体管(民进党硅
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No

File Size 143.20K  /  3 Page

View it Online

Download Datasheet

    2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA9

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA933ASTPR 2SA933ASTPS 2SA1037AKT2L 2SA1037AKT2LQ 2SA1037AKT2LR 2SA1576AT146 2SA1576AT146R 2SA1576AT146S 2SA1774 2SA1037AKQ 2SA1037AKR 2SA1037AKS 2SA1576A 2SA1576AQ 2SA1576AR 2SA1576AS 2SA1774Q 2SA1774R 2SA1774S 2SA1774T106 2SA1774T106Q 2SA1774T106R 2SA1774T106S 2SA2029Q 2SA2029R 2SA2029S 2SA2029TL 2SA2029TLQ 2SA2029TLR 2SA2029TLS 2SA1774H
OCR Text ... VCE=-5V -3V -1V DC CURRENT gain : hFE 200 Ta=100C 25C -40C -1 Ta=25C DC CURRENT gain : hFE -0.5 200 100 -0.2 IC/IB=50 -0.1 20 10 100 50 50 VCE=-6V -5 -10 -20 -50 -100 -0.05 -0.2 -0.5 -1 -2 -5 -10 -...
Description 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
General Purpose Transistor
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 73.92K  /  3 Page

View it Online

Download Datasheet

    SL2017 SL2017KG SL2017MP1S SL2017MP1T

Mitel Semiconductor
Mitel Networks Corporation
Part No. SL2017 SL2017KG SL2017MP1S SL2017MP1T
OCR Text ...figure 18 db maximum conversion gain 33 db minimum conversion gain -5 db if1 and if2 output gain match 2 db ip3 2t input referred at minimum conversion gain +3 dbm ip2 2t input referred at minimum conversion gain +17 dbm fig. 2 block d...
Description 4.75-5.25V; full base satellite tuner. For satellite tuners, commnucations systems
Full Band Satellite Tuner(应用在卫星调谐器方面的完全集成混频器)

File Size 194.82K  /  17 Page

View it Online

Download Datasheet

    2SA1083 2SA1084 2SA1085

HITACHI[Hitachi Semiconductor]
Part No. 2SA1083 2SA1084 2SA1085
OCR Text ... -0.6 -- 90 3.5 0.5 -- -- -- gain bandwidth product fT Collector output capacitance Noise voltage reffered to input Cob en MHz VCE = -12 V, IC = -2 mA pF nV/ Hz VCB = -10 V, I E = 0, f = 1 MHz VCE = -6V, IC = -10 mA, f = 1 kHz, Rg = 0...
Description Silicon PNP Transistor
Silicon PNP Epitaxial

File Size 40.84K  /  8 Page

View it Online

Download Datasheet

For gain Found Datasheets File :: 105008    Search Time::0.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of gain

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4753770828247