Part Number Hot Search : 
0100M R36MF2 MSU001T 1680759 HT3820 8116S S6220D ZMM5252B
Product Description
Full Text Search
  frequency-selectable Datasheet PDF File

For frequency-selectable Found Datasheets File :: 19410    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SL28EB742 SL28EB742ALC

Silicon Laboratories
Part No. SL28EB742 SL28EB742ALC
OCR Text ...cpu clocks with pin selectable frequency ?? 100 mhz differential src clocks ?? selectable differential sata or src clocks ?? 96 mhz differential dot clock ?? 48 mhz usb clock ?? selectable 12 or 48 mhz clock ?? 25 mhz ouput ?? buffered re...
Description EPROCLOCK? GENERATOR FOR INTEL? CK505 COMPLIANCE

File Size 272.76K  /  43 Page

View it Online

Download Datasheet





    SL28EB742

List of Unclassifed Manufacturers
Part No. SL28EB742
OCR Text ...ls. the cpu clock can support a frequency range from 83.33 to 166 mhz by configuration of two strap pins. with a combination of strap pins a...selectable frequency ?? 100 mhz differential src clocks ?? selectable differential sata or src cloc...
Description INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR

File Size 202.64K  /  40 Page

View it Online

Download Datasheet

    EE-SX470P EE-SX471P

Omron Electronics LLC
Part No. EE-SX470P EE-SX471P
OCR Text ... light-on operation. ? response frequency as high as 1 khz. ? easy operation monitoring with bright light indicator. ? wide operating voltag...selectable) * 3 incident light ee-sx670 ee-sx670p no incident light ee-sx670a ee-sx670r light-on in...
Description Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.

File Size 1,470.86K  /  12 Page

View it Online

Download Datasheet

    NCN49599MNG NCN49599MNTWG

ON Semiconductor
Part No. NCN49599MNG NCN49599MNTWG
OCR Text ...9. for synchronization the line frequency is coupled in via r15, a 1 m resistor. the schottky diode pair d 5 clamps the voltage within the input range of the zero cross detector. in the receive path a 2 nd order high pass filter bl...
Description Power Line Carrier Modem

File Size 424.73K  /  39 Page

View it Online

Download Datasheet

    AD721 AD721JP AD720JP AD720

AD[Analog Devices]
Part No. AD721 AD721JP AD720JP AD720
OCR Text ...roper Chrominance Filter Cutoff Frequency for Encoding Standard Logic Selectable Encode or Power-Down Mode (AD720 Only) Logic Selectable Encode or Bypass Mode (AD721 Only) Low Power: 200 mW typical APPLICATIONS RGB to NTSC or PAL Encoding D...
Description RGB to NTSC/PAL Encoders

File Size 131.76K  /  8 Page

View it Online

Download Datasheet

    Matsshita / Panasonic
Part No. MN101C38C
OCR Text ...****** 1/1, 1/4 of system clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coi...selectable (bit unit) * Specified pull-down resistor partially selectable * Common use * Specified p...
Description
File Size 42.39K  /  3 Page

View it Online

Download Datasheet

    NPC[Nippon Precision Circuits Inc]
Part No. SM5902AF SM5902
OCR Text ...A) VDD1 = VDD2 = 5 V, CLK input frequency fXTI= 384fs = 16.9344 MHz, all outputs unloaded, SHPRF: Shock-proof, typical values are for VDD1 = VDD2 = 5 V. NIPPON PRECISION CIRCUITS-4 SM5902AF Low-voltage:(VDD1 = VDD2 = 2.4 to 4.5 V, VS...
Description compression and non compression type shock-proof memory controller

File Size 307.36K  /  40 Page

View it Online

Download Datasheet

    Zarlink
Part No. SP5659 308
OCR Text ... The SP5659 is a single chip frequency synthesiser designed for tuning systems up to 2*7GHz. The RF preamplifier drives a divide-by two p...Selectable 42 prescaler Selectable Reference Division Ratio Selectable Reference/Comparison Frequenc...
Description 2・7GHz I2C Bus Low Phase Noise Synthesiser
From old datasheet system

File Size 244.35K  /  13 Page

View it Online

Download Datasheet

For frequency-selectable Found Datasheets File :: 19410    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of frequency-selectable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8775160312653