Part Number Hot Search : 
28D06 BD48E32 BC850B 37101 LPR5150A LX350 MAX4472 4HC149R
Product Description
Full Text Search
  four-string Datasheet PDF File

For four-string Found Datasheets File :: 725    Search Time::2.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    A6264

Allegro MicroSystems
Part No. A6264
OCR Text four outputs to drive arrays of high brightness leds. the led current can be switched between high current and low current for stop/tail a...string is better than 10% without the use of ballast resistors. driving leds with constant current ...
Description Automotive Stop/Tail LED Array Driver

File Size 553.74K  /  15 Page

View it Online

Download Datasheet





    INTEGRAL[Integral Corp.]
Part No. IL91210EN IL91210E
OCR Text ...ilt-in power up reset circuit * Four extra function keys: flash, pause, redial and DP or DTMF mixed dialing * Four-by-four (or 2 of 8) keybo...string D1 of digits. stands for the last digit dialed in a string Dn of digits. stands for the begin...
Description Tone/Pulse Dialer High-Performance Silicon-Gate CMOS

File Size 327.67K  /  11 Page

View it Online

Download Datasheet

    INTEL[Intel Corporation]
Part No. M80C186EB-8 M80C186EB-13 M80C186EB-16
OCR Text ...r arithmetic and logic operands Four of these registers (AX BX CX and DX) can be used as 16-bit registers or split into pairs of separate 8-...string move instructions that operate at full bus bandwidth ten new instruction and full static oper...
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR

File Size 840.10K  /  56 Page

View it Online

Download Datasheet

    A6261

Allegro MicroSystems
Part No. A6261
OCR Text four outputs to drive arrays of high brightness leds. the regulated led current from each output, accurate to 5%, is set by a single reference resistor. current matching in each string is better than 10% without the use of ballast resis...
Description Protected LED Array Driver

File Size 535.96K  /  14 Page

View it Online

Download Datasheet

    SEMTECH
Part No. UR7HCTS2-U860-DR
OCR Text ...sor, the ScreenCoderTM USB uses four internal drivers (two pins for each driver) and four sense lines. During sampling, the drivers of the X...string descriptor describing manufacturer Index of string descriptor describing product Index of Str...
Description High-Performance USB Touch Screen Controller / Digitizer

File Size 106.99K  /  13 Page

View it Online

Download Datasheet

    SIPEX[Sipex Corporation]
Part No. SP7615_1 SP7615 SP7615EB SP7615ER SP7615ERTR
OCR Text Four Channel LED Driver provides matched LED current Current adjusted via an external resistor PWM dimming possible by using either the ENAB...string with an external resistor R1. The dimming can be achieved by controlling the ISET input or by...
Description Evaluation Board Manual

File Size 80.24K  /  4 Page

View it Online

Download Datasheet

    LT3791

Linear Technology
Part No. LT3791
OCR Text four-switch buck-boost led driver controller demonstration circuit dc1666a is a synchronous four- switch buck-boost led driver controller. ...string. it has an openled flag that indicates when the led string has been removed and it has a sh...
Description Four-Switch Buck-Boost LED Driver Controller

File Size 311.16K  /  8 Page

View it Online

Download Datasheet

    AD5678BRUZ-1 AD5678BRUZ-1REEL7 AD5678BRUZ-2 AD5678BRUZ-2REEL7 AD5678ARUZ-2REEL7 AD5678 AD5678ARUZ-2

AD[Analog Devices]
Part No. AD5678BRUZ-1 AD5678BRUZ-1REEL7 AD5678BRUZ-2 AD5678BRUZ-2REEL7 AD5678ARUZ-2REEL7 AD5678 AD5678ARUZ-2
OCR Text Four 16-bit DACs Four 12-bit DACs 14-lead/16-lead TSSOP On-chip 1.25 V/2.5 V, 5 ppm/C reference Power down to 400 nA @ 5 V, 200 nA @ 3 V 2.7...STRING DAC A STRING DAC B STRING DAC C STRING DAC D STRING DAC E STRING DAC F STRING DAC G STRING DA...
Description 4 】 12-Bit and 4 】 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP

File Size 704.96K  /  28 Page

View it Online

Download Datasheet

    SIPEX[Sipex Corporation]
Part No. SP7616ER-L_TR SP7616 SP7616ER-L SP7616ER-L/TR
OCR Text ...It is capable of powering up to four LED strings of nine LEDs @ 60mA per string for a total of 36 LEDs with 1.5% typical current matching between channels. The desired LED current can be adjusted with an external resistor, and the precision...
Description High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement

File Size 567.35K  /  9 Page

View it Online

Download Datasheet

For four-string Found Datasheets File :: 725    Search Time::2.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of four-string

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.6019399166107