Part Number
Hot Search :
C2255
EX24064
74LVT162
995030
PSMN1
160MT80K
A8FXL58D
A0510
Product Description
Full Text Search
FM10A125V1 2A
Datasheet PDF File
For
FM10A125V1 2A
Found Datasheets File ::
2+
Page :: |
<1>
|
Littelfuse, Inc.
Part No.
FM10A125V1
/
2A
340267 FM08A25V21/
2A
FM10A125V1
1/
2A
FM10A125V1
/8A FM10A125V3/8A 0277.125M 0277.125V 0279.500V 0277007.M 0277007.V 0279.250V 0277.250M 0277.250V 0277015.M 0277015.V 0277.062M 0277.062V 0277.375M 0277.500M 0277.500V 0277.750M 0277001.M 0277001.V 0277002.M 0277002.NRT1 0277002.V 0277003.M 0277003.V 0277004.M 0277004.V 0277005.M 0277005.V 0279.002V 0279.005V 0278.400V 0279.100V 0279.200V 0278.125V 0278.250V 0278.002V 0278.015V 0278.050V 0278.062V 0278.100V 0278.200V 0278.300V 0278.500V 0278.600V 0278.700V 0278.750V 0278.010V 0278.005V 0278.031V 0278.800V 0277010.M 0277010.V 0277010.NRT1 0279.031V 03420025Z 0279.010V 0279.125V 0279.700V 0279.800V 0279.750V 0279.300V 0279.050V 027901.5V
Description
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Black; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes
Military Fuses and Fuseholders - Fuses 军事保险丝和保险保险
Approved to MIL-PRF-15160
Approved to MIL-PRF-15160
File Size
24.94K /
3
Page
View it Online
Download Datasheet