Part Number Hot Search : 
19R104C E1231 TOP222PN EKMQ350 8HC05 DB202 DF206S L3G4200D
Product Description
Full Text Search
  flow reflow Datasheet PDF File

For flow reflow Found Datasheets File :: 4290    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ICL3224 ICL3226 ICL3238 ICL3244IA

Intersil Corporation
Part No. ICL3224 ICL3226 ICL3238 ICL3244IA
OCR Text ...Four External 0.1F Capacitors * flow-Through Pinout (ICL3238) * Guaranteed Mouse Driveability (ICL3244) * "Ready to Transmit" Indicator Outp...reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B. Pinouts...
Description RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown
RS-232 Transceiver, 1T/1R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown
RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown

File Size 321.91K  /  17 Page

View it Online

Download Datasheet





    ICL3237E ICL3237ECA ICL3237ECAZ ICL3237EIA ICL3237EIAZ

INTERSIL[Intersil Corporation]
Part No. ICL3237E ICL3237ECA ICL3237ECAZ ICL3237EIA ICL3237EIAZ
OCR Text ...rs * Manual Powerdown Feature * flow Through Pinout * Rx and Tx Hysteresis For Improved Noise Immunity * Rx Active in Powerdown; Separate Rx...reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B. Pin Des...
Description -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers

File Size 229.71K  /  12 Page

View it Online

Download Datasheet

    UPD16310 UPD16310GF-3L9 UPD16310GF

NEC[NEC]
Part No. UPD16310 UPD16310GF-3L9 UPD16310GF
OCR Text ...al temperature: 300 C or below, flow time: 10 seconds or below, Exposure limit*: None Symbol IR30-00-1 VPS VP15-00-1 Partial heating method * Exposure limit before soldering after dry-pack package is opened. Storage coditions: 2...
Description HIGH VOLTAGE CMOS DRIVER FOR PDP/ EL/ VFD
HIGH VOLTAGE CMOS DRIVER FOR PDP, EL, VFD

File Size 59.84K  /  14 Page

View it Online

Download Datasheet

    UPD16510 UPD16510GR-8JG

http://
NEC[NEC]
NEC Corp.
Part No. UPD16510 UPD16510GR-8JG
OCR Text ...er temperature: 260 C or below, flow time: 10 seconds or less, Maximum number of flow processes: 1 time, Pre-heating temperature: 120 C or below (Package surface temperature). Pin temperature: 300 C or below, Heat time: 3 seconds or less (P...
Description VERTICAL DRIVER FOR CCD SENSOR

File Size 69.06K  /  16 Page

View it Online

Download Datasheet

    UPD5710TK UPD5710TK-E2-A

NEC Corp.
NEC[NEC]
Part No. UPD5710TK UPD5710TK-E2-A
OCR Text ... temperature) Maximum number of flow processes Maximum chlorine content of rosin flux (% mass) Peak temperature (pin temperature) Soldering time (per side of device) Maximum chlorine content of rosin flux (% mass) : 260C or below : 10 secon...
Description 2-WIRE FACTORY PROGRAMMED W/TIN PLATING
NECs WIDE BAND SINGLE CONTROL CMOS SPDT SWITCH

File Size 450.45K  /  9 Page

View it Online

Download Datasheet

    PCF1303 PCF1303T

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PCF1303 PCF1303T
OCR Text ... must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by...
Description 18-element bar graph LCD driver

File Size 59.49K  /  10 Page

View it Online

Download Datasheet

    UPC339C UPC339G2 UPC339 C339C

NEC Corp.
NEC[NEC]
Part No. UPC339C UPC339G2 UPC339 C339C
OCR Text ...er temperature: 260 C or below, flow time: 10 seconds or less, Maximum number of flow processes: 1 time, Pre-heating temperature: 120 C or below (Package surface temperature). Pin temperature: 300 C or below, Heat time: 3 seconds or less (P...
Description LOW POWER QUAD COMPARATOR

File Size 59.67K  /  12 Page

View it Online

Download Datasheet

    CS5201-1 CS5201-1GDP3 CS5201-1GDPR3 CS5201-1GST3 CS5201-1GSTR3 CS5201-1GT3 ZFELECTRONICSCORPORATION-CS5201-1GSTR3

ZF Electronics, Corp.
ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS5201-1 CS5201-1GDP3 CS5201-1GDPR3 CS5201-1GST3 CS5201-1GSTR3 CS5201-1GT3 ZFELECTRONICSCORPORATION-CS5201-1GSTR3
OCR Text ...nd R2 causes a fixed current to flow to ground. This current creates a voltage across R2 that adds to the 1.25V across R1 and sets the overall output voltage. The adjust pin current (typically 4 CS5201-1 Applications Information: cont...
Description 1A Adjustable Linear Regulator 1A可调线性稳压器
1A Adjustable Linear Regulator A可调线性稳压器

File Size 170.19K  /  7 Page

View it Online

Download Datasheet

    CS5201-3 CS5201-3GDP3 CS5201-3GDPR3 CS5201-3GST3 CS5201-3GSTR3 CS5201-3GT3

ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS5201-3 CS5201-3GDP3 CS5201-3GDPR3 CS5201-3GST3 CS5201-3GSTR3 CS5201-3GT3
OCR Text ...a of the package to improve the flow of heat away from the IC and into the surrounding air. Figure 2. Conductor parasitic resistance effects can be minimized with the above grounding scheme for fixed output regulators. Calculating Power...
Description 1A/ 3.3V Fixed Linear Regulator
1A, 3.3V Fixed Linear Regulator

File Size 158.12K  /  6 Page

View it Online

Download Datasheet

    CS52015-1 CS52015-1GDP3 CS52015-1GDPR3 CS52015-1GST3 CS52015-1GSTR3 CS52015-1GT3

ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS52015-1 CS52015-1GDP3 CS52015-1GDPR3 CS52015-1GST3 CS52015-1GSTR3 CS52015-1GT3
OCR Text ...nd R2 causes a fixed current to flow to ground. This current creates a voltage across R2 that adds to the 1.25V across R1 and sets the overall output voltage. The adjust pin current (typically 4 CS52015-1 Applications Information: ...
Description POT 50 OHM 3/8 SQ CERM SL ST
1.5A Adjustable Linear Regulator

File Size 171.70K  /  7 Page

View it Online

Download Datasheet

For flow reflow Found Datasheets File :: 4290    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of flow reflow

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3883550167084