|
|
|
SCHURTER INC
|
Part No. |
3414.0114.11 3414.0124.22
|
Description |
SUPER FAST BLOW ELECTRIC fuse, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT fuse, SMD, USF0402, 5A; current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; fuse RoHS Compliant: Yes
|
File Size |
420.13K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
COOPER INDUSTRIES
|
Part No. |
PCC-2
|
Description |
PC Board fuse; current Rating:3A; Voltage Rating:250V; fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; fuse Size/Group:8.89 x 8.12 mm; fuse Type:Fast Acting; Length:8.89mm
|
File Size |
120.32K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
COOPER INDUSTRIES
|
Part No. |
FNQ-4
|
Description |
Cartridge fuse; current Rating:4A; Voltage Rating:500V; fuse Type:Time Delay; fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
File Size |
59.34K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Ironwood Electronics
|
Part No. |
BC860CL BC860AL
|
Description |
Leaded Cartridge fuse; current Rating:700mA; Voltage Rating:125V; fuse Terminals:Radial Lead; fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive fuse; current Rating:15A; Voltage Rating:32V; fuse Type:Fast Acting; fuse Terminals:Blade; Length:18.54mm; Series:257; fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
File Size |
77.07K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
STMicroelectronics N.V.
|
Part No. |
ST72T331N2T3 ST72T331N4T6
|
Description |
Leaded Cartridge fuse; current Rating:1.5A; Voltage Rating:250V; fuse Terminals:Axial Lead; fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
File Size |
716.17K /
107 Page |
View
it Online |
Download Datasheet |
|
|
|
COOPER INDUSTRIES
|
Part No. |
FWH-500A COOPERINDUSTRIES-FWH-225A
|
Description |
Semiconductor fuse; current Rating:500A; Voltage Rating:500V; fuse Size/Group:1.5 x 2.09 "; fuse Type:Fast Acting; fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
File Size |
94.86K /
2 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|