Part Number Hot Search : 
SMTPA240 P12N10E FPF1007 P6KE33 RC5061 6432B 4VHC1G 4PC50F
Product Description
Full Text Search
  field Datasheet PDF File

For field Found Datasheets File :: 34688    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD721 AD721JP AD720JP AD720

AD[Analog Devices]
Part No. AD721 AD721JP AD720JP AD720
OCR Text ...s; full-white signal for entire field. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are ...
Description RGB to NTSC/PAL Encoders

File Size 131.76K  /  8 Page

View it Online

Download Datasheet





    AM29LV320B AM29LV320MB100 AM29LV320MB100R AM29LV320MB110 AM29LV320MB110R AM29LV320MB120 AM29LV320MB120R AM29LV320MB90R A

Advanced Micro Devices
Part No. AM29LV320B AM29LV320MB100 AM29LV320MB100R AM29LV320MB110 AM29LV320MB110R AM29LV320MB120 AM29LV320MB120R AM29LV320MB90R AM29LV320MT AM29LV320MT100 AM29LV320MT100R AM29LV320MT110 AM29LV320MT110R AM29LV320MT120 AM29LV320MT120R AM29LV320MT90R
OCR Text ...on, but may also be used in the field if desired. The device is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the device using standard microprocessor write timing. Write cycles a...
Description 32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory

File Size 915.81K  /  61 Page

View it Online

Download Datasheet

    AM29LV800B-1 AM29LV800BB-120DG5C AM29LV800BB-120DG5C1 AM29LV800BB-120DG5I AM29LV800BB-120DG5I1 AM29LV800BB-120DP5C AM29L

http://
Advanced Micro Devices, Inc.
AMD[Advanced Micro Devices]
Part No. AM29LV800B-1 AM29LV800BB-120DG5C AM29LV800BB-120DG5C1 AM29LV800BB-120DG5I AM29LV800BB-120DG5I1 AM29LV800BB-120DP5C AM29LV800BB-120DP5C1 AM29LV800BB-120DP5I AM29LV800BB-120DP5I1 AM29LV800BB-120DT5C AM29LV800BB-120DT5C1 AM29LV800BB-120DT5I AM29LV800BB-120DT5I1 AM29LV800BB-120DW5C AM29LV800BB-120DW5C1 AM29LV800BB-120DW5I AM29LV800BB-120DW5I1 AM29LV800BB-90DG5C AM29LV800BB-90DG5C1 AM29LV800BB-90DG5I AM29LV800BB-90DG5I1 AM29LV800BB-90DP5C AM29LV800BB-90DP5C1 AM29LV800BT-90DG5C AM29LV800BT-90DG5C1 AM29LV800BT-90DG5I AM29LV800BT-90DG5I1 AM29LV800BT-90DP5C AM29LV800BT-90DP5C1 AM29LV800BT-90DP5I AM29LV800BT-90DP5I1 AM29LV800BT-90DT5C AM29LV800BT-90DT5C1 AM29LV800BT-90DT5I AM29LV800BT-90DT5I1 AM29LV800BT-90DW5C AM29LV800BT-90DW5C1 AM29LV800BT-90DW5I AM29LV800BT-90DW5I1 AM29LV800BB-90DP5I AM29LV800BB-90DP5I1 AM29LV800BB-90DT5C AM29LV800BT-120DG5C AM29LV800BT-120DG5C1 AM29LV800BT-120DG5I AM29LV800BT-120DG5I1 AM29LV800BT-120DP5C AM29LV800BT-120DP5C1 AM29LV800BT-120DP5I AM29LV800BT-120DP5I1 AM29LV800BT-120DT5C AM29LV800BT-120DT5C1 AM29LV800BT-120DT5I AM29LV800BT-120DT5I1 AM29LV800BT-120DW5C AM29LV800BT-120DW5C1 AM29LV800BT-120DW5I AM29LV800BT-120DW5I1 AM29LV800BB-90DT5C1 AM29LV800BB-90DT5I AM29L
OCR Text .... It is entered in the revision field of AMD standard product nomenclature. TEMPERATURE RANGE C = Commercial (0C to +70C) I = Industrial (-40C to +85C) DIE THICKNESS 5 = 500 m PACKAGE TYPE AND MINIMUM ORDER QUANTITY* DP = Waffle Pack Die pe...
Description 8 megabit CMOS 3.0 volt-only, boot sector flash memory- die revision 1
LED Lamp; LED Color:White; Luminous Intensity:160ucd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:3.6V; Operating Temperature Range:-30 C to C; Color:White; Leaded Process Compatible:Yes; Lens Color:Clear RoHS Compliant: Yes
LED Lamp; LED Color:Red; Luminous Intensity:9ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED Lamp; LED Color:Red; Luminous Intensity:40ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED Lamp; LED Color:Yellow; Luminous Intensity:80mcd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
Toggle Switch; Circuitry:SPST; Switch Operation:On-None-On; Contact Current Max:15A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:15A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash MemoryDie Revision 1
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1
8 megabit CMOS 3.0 volt-only boot sector flash memory- die revision 1

File Size 79.83K  /  9 Page

View it Online

Download Datasheet

    AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R AME7106RCPL AME7106Y AME7107 AME7107A AME7107ACKW AME7107CPL AME7107R A

AME[Analog Microelectronics]
Part No. AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R AME7106RCPL AME7106Y AME7107 AME7107A AME7107ACKW AME7107CPL AME7107R AME7107RCPL AME7107Y
OCR Text ...rom static discharge and static field. Stresses exceed the above Absolute Maximum Ratings may cause permanent damage to the device. Exposure to Absolute Maximum Rating Conditions for extended periods may affect the reliability of the device...
Description 3-1/2 Digit A/D Converter High Accuracy, Low Power

File Size 1,365.67K  /  20 Page

View it Online

Download Datasheet

    AT89C51SND1 AT89C51SND1C

ATMEL Corporation
Part No. AT89C51SND1 AT89C51SND1C
OCR Text ...ark is the start of frame. This field must contain ":". Record length specifies the number of Bytes of information or data which follows the Record Type field. Load Offset specifies the 16-bit starting load offset of the data Bytes, therefo...
Description C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes Flash. MultiMediaCard™, DataFlash®, SmartMedia™, CompactFlash™ ...
MP3 Microcontrollers

File Size 148.86K  /  25 Page

View it Online

Download Datasheet

    BCM2121

ETC
Broadcom Corporation.
Part No. BCM2121
OCR Text ...sting (IOT) * Worldwide network field testing To further reduce overall component count and BOM cost, the BCM2121 integrates a number of typical PCB circuit functions such as a PA controller, echo cancellation, noise suppression, and hands-...
Description GPRS/GSM Single-Chip Baseband Processor
GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR

File Size 118.36K  /  2 Page

View it Online

Download Datasheet

    BCM3510

Electronic Theatre Controls, Inc.
ETC
Part No. BCM3510
OCR Text ...ped using more than one year of field trial and deployment of the BCM3500. Feature improvements include an upgraded embedded microcontroller to handle acquisition, reacquisition and monitoring tasks while offering users a simplified, high-l...
Description HDTV/CATV RECEIVER

File Size 106.21K  /  2 Page

View it Online

Download Datasheet

    BCM5318

Broadcom Corporation.
ETC
Part No. BCM5318
OCR Text ... smaller form factors. Utilizes field-proven industry-standard * 10BASE-T/100BASE-TX Fast Ethernet * * * * * * * * * Non-blocking up to 24 ports through a 2.6-Gbps expansion port, cascading up to three devices * MII interface supports...
Description RoboSwitch-plus 8-PORT 10/100 Switch with on-chip packet buffer memory
8 PORT 10/100 SWITCH WITH ON CHIP PACKET

File Size 392.32K  /  2 Page

View it Online

Download Datasheet

    BCM5388

ETC[ETC]
Part No. BCM5388
OCR Text ...much smaller form factors. Uses field-proven industry-standard 10/100/1000BASE-T transceivers-lowers overall system interoperability and reliability risks. Provides the most cost effective Gigabit Ethernet connectivity to the desktop for al...
Description 8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY

File Size 217.77K  /  2 Page

View it Online

Download Datasheet

    BCM5402

Electronic Theatre Controls, Inc.
ETC
Broadcom
Part No. BCM5402
OCR Text ... transceivers based on the same field-proven architecture as in the BCM5400 and BCM5401 transceivers. These devices have proven robust operation over the installed base of CAT 5 twisted pair wiring. The BCM5402 is fully software and registe...
Description DUAL PORT 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
Dual Port 10/100/1000BASE-T Gigabit Copper Transceiver

File Size 129.67K  /  2 Page

View it Online

Download Datasheet

For field Found Datasheets File :: 34688    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of field

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48792099952698