Part Number Hot Search : 
D1159Q BR1001 AN79N15 M1FK60 2ASA0 BXXXX SERIE MAX3620
Product Description
Full Text Search
  fc-to-pigtail Datasheet PDF File

For fc-to-pigtail Found Datasheets File :: 896    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PGT20405

Ericsson Microelectronics
ERICSSON[Ericsson]
Part No. PGT20405
OCR Text ...-9 40 100 1.0 10.5 2.5 1.2 3 fc tr/tf IMon 12 5 0.1 9.5 -2.5 -1.2 mA mA V dB dB GHz ps nA mA k V A W Operating Conditions Param...to the device. 3 PGT 204 05 Handling Precautions This device may be damaged as a result of...
Description DFB/EA Laser Module for 10 Gb/s Applications

File Size 296.66K  /  4 Page

View it Online

Download Datasheet





    SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN

Infineon Technologies AG
Part No. SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN
OCR Text ...r connectors on request Type SM FC/PC SM SC/PC 0 SM SC/APC 8 SM without connector Data Sheet 12 2002-05-28 SBH92344x-FSAN Revisi...to describe certain components and shall not be considered as warranted characteristics. Terms of de...
Description High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving 高功率比迪光学标准模550纳米发光,纳米接310
Beacon Light
Components and FTTx solutions - Tx 1550nm (1490nm available) / Rx 1310nm, 155 MBit/s TIA
High Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving

File Size 277.22K  /  13 Page

View it Online

Download Datasheet

    D1861D040 D1861D050 D1861D D1861D023

AGERE[Agere Systems]
Part No. D1861D040 D1861D050 D1861D D1861D023
OCR Text ... Gbits/s DML, 1310 nm Connector FC/SPC SC/UPC Standard LC Pigtail Comcode TBD TBD TBD SMF-28 (1m min) SMF-28 (1m min) SMF-28 (1m min) ...to make changes to the product(s) or information contained herein without notice. No liability is as...
Description D1861D 10 Gb /秒的1310 nm DML模块0 dBm的)
D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)

File Size 85.62K  /  6 Page

View it Online

Download Datasheet

    G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343-32 G8211-21 G8797-32 G8211-11 G8211-12 G8211-22 G8211-31 G8211-32 G83

HAMAMATSU[Hamamatsu Corporation]
NXP Semiconductors N.V.
Hamamatsu Photonics K.K.
Part No. G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343-32 G8211-21 G8797-32 G8211-11 G8211-12 G8211-22 G8211-31 G8211-32 G8340 G8340-11 G8340-12 G8340-21 G8340-22 G8340-31 G8340-32 G8797-11 G8797-12 G8797-21 G8797-22 G8797-31 G8797-31SC G8343-32FC G8211-11SC G8211-21SC G8340-11SC G8340-21SC
OCR Text ....5/125) 0.9 1 m +20 cm/-0 cm SC FC -31 Panel -32 SC FC SC FC 1 InGaAs PIN photodiode with preamp G8340/G8343/G82...to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specif...
Description    InGaAs PIN photodiode with preamp
Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk
Optoelectronic 光电
InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大

File Size 99.99K  /  2 Page

View it Online

Download Datasheet

    1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 134

Agere Systems
Part No. 1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 1340TNPC 1340-TYPE
OCR Text ...h the pigtail terminated in an fc/pc, sc, or st ? optical con- nector. other connectors are available on special order. see your agere...to help ensure high product r eliability and customer satisfaction, agere is committed to an intens...
Description Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
1340-Type Lightwave Receiver

File Size 110.45K  /  12 Page

View it Online

Download Datasheet

    LST3521-S4-DN LST3521-S4-FP LST3521-S4-SC LST3521-S4-SF LST3521-S4-ST LST2525-S4-T-ST LST2527-S4-T-ST LST2825-S4-T-ST LS

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. LST3521-S4-DN LST3521-S4-FP LST3521-S4-SC LST3521-S4-SF LST3521-S4-ST LST2525-S4-T-ST LST2527-S4-T-ST LST2825-S4-T-ST LST2827-S4-T-ST LST2925-S4-T-ST LST2927-S4-T-ST LST3921-S4-SF LST3921-S4-SC LST3921-S4-FP LST3921-S4-DN LST2927-S4-B-DN LST2927-S4-B-FP LST2927-S4-B-SC LST2927-S4-B-SF LST2927-S4-B-ST LST2927-S4-T-DN LST2927-S4-T-FP LST2927-S4-T-SC LST2927-S4-T-SF LST2827-S4-B-DN LST2827-S4-B-FP LST2827-S4-B-SC LST2827-S4-B-SF LST2827-S4-B-ST LST2827-S4-T-DN LST2827-S4-T-FP LST2827-S4-T-SC LST2827-S4-T-SF LST2825-S4-B-DN LST2825-S4-B-FP LST2825-S4-B-SC LST2825-S4-B-SF LST2825-S4-B-ST LST2825-S4-T-DN LST2825-S4-T-FP LST2825-S4-T-SC LST2825-S4-T-SF LST2925-S4-B-DN LST2925-S4-B-FP LST2925-S4-B-SC LST2925-S4-B-SF LST2925-S4-B-ST LST2925-S4-T-DN LST2925-S4-T-FP LST2925-S4-T-SC LST2925-S4-T-SF T2527 LST2525-S4-B-DN LST2525-S4-B-FP LST2525-S4-B-SC LST2525-S4-B-SF LST2525-S4-B-ST LST2525-S4-T-DN LST2525-S4-T-FP LST2525-S4-T-SC LST2525-S4-T-SF LST2527-S4-B-DN LST2527-S4-B-FP LST2527-S4-B-SC LST2527-S4-B-SF LST2527-S4-B-ST LST2527-S4-T-DN LST2527-S4-T-FP LST2527-S4-T-SC LST2527-S4-T-SF LST252X LST282X LST292X LST3821-S4-DN LST3821-S4-FP LST3821-S4-SC LST3821-S4-SF LST3821-S4-ST LST3921-S4-ST
OCR Text ...2X XX Y ZZ Connector Type: FP = FC/PC ST* = ST SC = SC DN = DIN SF = Superpolish FC/PC Flange: B = Without mounting flange T = Universal flange Empty = 155 Mb/s operation S4 = 622 Mb/s operation Pinout: 5 = see pinout diagram 7 = see pinout...
Description XTAL 25MHZ 18PF
Coaxial Pigtailed Laser Module 同轴尾纤激光模

File Size 149.89K  /  6 Page

View it Online

Download Datasheet

    W1724CBBAD W1724CBBAH W1724CDDAD W1724 1724 1724-TYPE

AGERE[Agere Systems]
Part No. W1724CBBAD W1724CBBAH W1724CDDAD W1724 1724 1724-TYPE
OCR Text ...dBm 17.0 dBm 17.0 dBm Connector FC/PC SC/PC SC/PC Heat Sink Yes No No Comcode 108358433 108338674 108396102 * Contact your Account Manager to discuss your requirements. (If you do not know your Account Manager, please call the Optoelectr...
Description    Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)
Optical Amplifier Platform1724-Type Eribium-Doped Fiber Amplifier(W Series)
Optical Amplifier Platform/1724-Type Eribium-Doped Fiber Amplifier(W Series)
CAT5E PATCH CORD, 15FT BLUE, MOLDED

File Size 97.34K  /  10 Page

View it Online

Download Datasheet

    RCV1551 RCV1551-DN RCV1551-FP RCV1551-SC RCV1551-ST

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. RCV1551 RCV1551-DN RCV1551-FP RCV1551-SC RCV1551-ST
OCR Text ...ion RCV1551 XX Connector: FP = FC/PC Polish ST = ST(R)* SC = SC DN = DN Model Name: RCV1551 Handling Precautions 1. The RCV1551 can be damaged by current surges or overvoltage. Power supply transient precautions should be taken. 2. Nor...
Description Fiber Optic “Light to Logic Receiver
Fiber Optic Light to LogicReceiver
Fiber Optic Light to Logic Receiver
Fiber Optic “Light to Logic” Receiver
Fiber Optic “Light to LogicReceiver

File Size 95.24K  /  6 Page

View it Online

Download Datasheet

    STL51004A STL51004G STL51004X STL51005A STL51005G Q62702-P3055 STL51005X Q62702-P3057 Q62702-P3058 STL51004 Q62702-P3054

SIEMENS[Siemens Semiconductor Group]
Infineon
SIEMENS AG
Part No. STL51004A STL51004G STL51004X STL51005A STL51005G Q62702-P3055 STL51005X Q62702-P3057 Q62702-P3058 STL51004 Q62702-P3054 STL51005N STL51005NE9308 STL51005NE9322 STL51005NE9323 STL51004AE9285 STL51005RE9232 STL51005FE9354 STL51005FE9299 STL51005IE9224 STL51005ZE9224 STL51005PE9323
OCR Text ...62702-P3054 Connector/Flange FC / without flange DIN / without flange FC / with flange DIN / with flange Component with other connecto...to the SM fiber output. The operating temperature of the submount is identical to the case temperatu...
Description 1300 nm Laser, Low Power
From old datasheet system
1300 nm Laser in Coaxial Package with SM-Pigtail Low Power
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power 1300 nm激光的同轴封装与钐尾纤,低功

File Size 129.70K  /  4 Page

View it Online

Download Datasheet

    STL81004A STL81004H STL81004X STL81005A STL81005H STL81005X STL81004 STL81004G STL81004Z STL81005G STL81005N STL81005Z S

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Infineon
Part No. STL81004A STL81004H STL81004X STL81005A STL81005H STL81005X STL81004 STL81004G STL81004Z STL81005G STL81005N STL81005Z STL81005ZE9260 STL81005ZE9534
OCR Text ...62702-Pxxxx Connector/Flange FC / without flange DIN / without flange FC / with flange DIN / with flange Component with other connecto...to the SM fiber output. The operating temperature of the submount is identical to the case temperatu...
Description (STL81004x / STL81005x) 1550 nm Laser in Coaxial Package with SM-Pigtail / Low Power
From old datasheet system
1550 nm Laser in Coaxial Package with SM-Pigtail Low Power
1550 nm Laser in Coaxial Package with SM-Pigtail,Low Power
1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
1500 nm Laser, Low Power

File Size 129.53K  /  4 Page

View it Online

Download Datasheet

For fc-to-pigtail Found Datasheets File :: 896    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fc-to-pigtail

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2595660686493