Part Number Hot Search : 
MAX97 AS5DC3 PWR1211 2SK54C T3524 C3504 SBU31 ICS854
Product Description
Full Text Search
  f glass Datasheet PDF File

For f glass Found Datasheets File :: 27395    Search Time::4.469ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1N6637US 1N5969US 1N5968US 1N6632US 1N6633US 1N6634US 1N6635US 1N6636US

CDI-DIODE[Compensated Deuices Incorporated]
Compensated Devices Incorporated
Part No. 1N6637US 1N5969US 1N5968US 1N6632US 1N6633US 1N6634US 1N6635US 1N6636US
OCR Text ...EAKAGE CURRENT VOLTAGE DIM D f G S SURGE CURRENT IZSM AMPS 20.0 18.7 17.6 16.4 15.3 14.4 20 20 MILLIMETERS MIN MAX 3.48 3.76 0.48 0.71...glass case, PER MIL-PRf 19500/356 LEAD fINISH: Tin / Lead NOTE 1 IZK=1.0 mA for 1N5969 THER...
Description 5 WATT ZENER DIODES
Zener Diodes(齐纳二极
surface mount silicon Zener diodes

File Size 58.47K  /  2 Page

View it Online

Download Datasheet





    2SA2056

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2056
OCR Text ...= -0.033 A VCB = -10 V, IE = 0, f = 1 MHz See figure 1 circuit diagram. VCC -30 V, RL = 30 -IB1 = IB2 = -33 mA Min -50 200 100 Typ...glass epoxy, 1.6 mm thick, Cu area: Pulse width tw (s) Safe Operating Area -10 IC max (...
Description TOSHIBA Transistor Silicon PNP Epitaxial Type

File Size 189.75K  /  5 Page

View it Online

Download Datasheet

    2SA2058

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2058
OCR Text ...B = -20 mA VCB = -10 V, IE = 0, f = 1 MHz See figure 1 circuit diagram. VCC -6 V, RL = 10 - -IB1 = IB2 = -20 mA Min -10 200 125 Ty...glass epoxy, 1.6 mm thick, Cu Pulse width tw (s) Safe Operating Area -10 IC max (pul...
Description TOSHIBA Transistor Silicon PNP Epitaxial Type

File Size 194.32K  /  5 Page

View it Online

Download Datasheet

    2SA2059

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2059
OCR Text ...B = -53 mA VCB = -10 V, IE = 0, f = 1 MHz See figure 1 circuit diagram. VCC -12 V, RL = 7.5 -IB1 = IB2 = -53.3 mA Min -20 200 100 ...glass epoxy, 1.6 mm thick, Cu Pulse width tw (s) Safe Operating Area -10 IC max (pulsed...
Description SILICON PNP EPITAXIAL TYPE

File Size 181.01K  /  5 Page

View it Online

Download Datasheet

    2SA2061

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2061
OCR Text ...B = -53 mA VCB = -10 V, IE = 0, f = 1 MHz See figure 1 circuit diagram. VCC -12 V, RL = 7.5 -IB1 = IB2 = -53 mA Min -20 200 100 Ty...glass epoxy, 1.6 mm thick, Cu area: Pulse width tw (s) Safe Operating Area -10 IC max (...
Description Silicon PNP Epitaxial Type

File Size 167.29K  /  5 Page

View it Online

Download Datasheet

    2SA2069

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2069
OCR Text ...B = -17 mA VCB = -10 V, IE = 0, f = 1 MHz See figure 1 circuit diagram. VCC -10 V, RL = 20 -IB1 = IB2 = -17 mA Min -20 200 125 Typ...glass epoxy, 1.6 mm thick, Cu Pulse width tw (s) Safe Operating Area -10 IC max (pul...
Description High-Speed Switching Applications DC-DC Converter Applications

File Size 194.91K  /  5 Page

View it Online

Download Datasheet

    2SA2070

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2070
OCR Text ...= -0.01 mA VCB = -10 V, IE = 0, f = 1 MHz See figure 1. VCC -30 V, RL = 100 IB1 = -IB2 = -10 mA Min -50 200 125 Typ. 8 60 2...glass epoxy, 1.6 mm thick, Cu area: 645 0.01 0.1 1 10 100 1000 Pulse width tw (s) Safe O...
Description TOSHIBA Transistor Silicon PNP Epitaxial Type

File Size 131.46K  /  5 Page

View it Online

Download Datasheet

    BA3131FS BA3131

Rohm CO.,LTD.
ROHM[Rohm]
Part No. BA3131fS BA3131
OCR Text ...S GV = 0dB, RL = 2k MHz dB % dB f = 10kHz f = 1kHz GV = 0dB, f = 1kHz, VO = 1Vrms f = 1kHz, input conversion 0.0025 0.01 115 - This item is not guaranteed during processes. BA3131fS Standard ICs !Measurement circuit C2 0.1f ...
Description Dual operational amplifier with switch, for audio use (3 inputs × 1 output × 2)
ER 14C 14#16 PIN PLUG
Dual operational amplifier with switch/ for audio use (3 inputs 1 output 2)
Dual operational amplifier with switch, for audio use (3 inputs 1 output 2)
Dual operational amplifier with switch, for audio use (3 inputs 】 1 output 】 2)
Standard Linear LSIs > Operational amplifier > Operational amplifier with input multiplexer

File Size 107.77K  /  9 Page

View it Online

Download Datasheet

    D2SB60L

Shindengen Electric Mfg...
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
Shindengen Electric Manufacturing Company, Ltd.
Part No. D2SB60L
OCR Text ..., Rating of per diodeMax.1.05 V f Reverse Current IR V=V , Pulse measurement, Rating of per diode Max.10 EA R RM Reverse Recovery Time Max.1...glass-epoxy substrate Soldering land 3mm 1 0.5 0 0 20 40 60 80 100 120...
Description General Purpose Rectifiers(600V 1.5A)

File Size 133.44K  /  5 Page

View it Online

Download Datasheet

    D2SB60

SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
Part No. D2SB60
OCR Text ...ng of per diode forward Voltage f Max.1.05 V IR V=V , Pulse measurement,Rating of per diode Max.10 EA Reverse Current R RM Thermal Resistanc...glass-epoxy substrate Soldering land 3mm 2 SIN 1.5 1 0.5 0 0 20 40 60 80 ...
Description General Purpose Rectifiers(600V 1.5A)

File Size 130.56K  /  5 Page

View it Online

Download Datasheet

For f glass Found Datasheets File :: 27395    Search Time::4.469ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of f glass

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55259299278259