Part Number Hot Search : 
MTEZ320A 02550 SGM8042 03N60C3 CLAMP 000KHB 3PMT58C AD2026
Product Description
Full Text Search
  equalized Datasheet PDF File

For equalized Found Datasheets File :: 367    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GENNUM[Gennum Corporation]
Part No. GS1524 GS1524-CKD GS1524-CTDE3 GS1524-CKDE3 GS1524-CTD
OCR Text ...s and 1.485Gb/s typical maximum equalized length of Belden 1694A cable: 140m at 1.485Gb/s, 350m at 270Mb/s 50 differential output (with internal 50 pull-ups) Pb-free and RoHS Compliant Description The GS1524 is a second-generation high-spee...
Description GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer

File Size 715.10K  /  18 Page

View it Online

Download Datasheet





    CYV15G0101EQ CYV15G0101EQ-SXC

Cypress Semiconductor
Part No. CYV15G0101EQ CYV15G0101EQ-SXC
OCR Text ...ation of the cable length being equalized at HD-SDI and SD-SDI data rates. The Maximum cable length adjust (MCLADJ) sets the approximate maximum cable length to be equalized at SD and HD data rates. The CYV15G0101EQ's differential serial ou...
Description Multi-Rate Video Cable Equalizer (SOIC)

File Size 223.72K  /  10 Page

View it Online

Download Datasheet

    FUJITSU COMPONENT LTD
Part No. ZZ00011
OCR Text ...fer the paddlecard in either an equalized or un-equalized version (see factory for details of the equalized version). standard product offering will be un-equalized. as there are multiple applications for the paddlecard, with industry and c...
Description INTERCONNECTION DEVICE

File Size 369.20K  /  10 Page

View it Online

Download Datasheet

    AD8128ACPZ-R2 AD8128ACPZ-R7 AD8128ACPZ-RL AD8128 AD8128-15

AD[Analog Devices]
Part No. AD8128ACPZ-R2 AD8128ACPZ-R7 AD8128ACPZ-RL AD8128 AD8128-15
OCR Text ...ated noise (1 GHz) @ 100 meters equalized bandwidth DC output offset adjust Low offset voltage error: 7 mV typ equalized pass-band ripple 1 dB to 70 MHz Input: differential or single ended Supply current: 24 mA on 5 V Small 8-lead 3 mm x 3 ...
Description CAT-5 Receiver with Adjustable Line Equalization

File Size 245.80K  /  12 Page

View it Online

Download Datasheet

    LMH0074SQ LMH0074

Intersil Corporation
Part No. LMH0074SQ LMH0074
OCR Text ...ds on the amount of cable being equalized. The current is highest for short cable and decreases as the cable length is increased. Refer to Figure 1. Note 8: Input return loss is dependent on board design. The LMH0074 meets this specificatio...
Description SMPTE 259M / 344M Adaptive Cable Equalizer

File Size 180.81K  /  8 Page

View it Online

Download Datasheet

For equalized Found Datasheets File :: 367    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of equalized

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.9118168354034