Part Number Hot Search : 
5KE110CA 1N6641 B60K250 FA5364X GB172 1052237 HS18045 UPC2407A
Product Description
Full Text Search
  enhancementmode Datasheet PDF File

For enhancementmode Found Datasheets File :: 96    Search Time::1.719ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    SD210DE SST823 SST824 SD5001N SD5401CY SST215

LINEAR[Linear Integrated Systems]
Part No. SD210DE SST823 SST824 SD5001N SD5401CY SST215
OCR Text ... Figure 1 depicts an n-channel enhancementmode device with an insulated gate and asymmetrical structure. The gate protection Zener is shown with broken lines to indicate that, although it is present on the chip, it is not a main constituen...
Description Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.9V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.9V RoHS Compliant: No
Voltage Regulator IC; Output Current:150mA; Output Voltage:2.8V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS

File Size 353.61K  /  11 Page

View it Online

Download Datasheet





    MRF161

ASI[Advanced Semiconductor]
Part No. MRF161
OCR Text enhancementmode N-Channel MOS Broadband RF Power Transistor for Wideband Large Signal Amplifier and Oscillator Applications from 2.0 to 400 MHz. PACKAGE STYLE .500 4L FLG .112x45 A FULL R L S D O.125 NOM. C B G D G F ...
Description SILICON N-CHANNEL RF POWER MOSFET

File Size 14.81K  /  1 Page

View it Online

Download Datasheet

    BLF278

Advanced Semiconductor
ASI
Part No. BLF278
OCR Text enhancementmode MOSFET RF Power Transistor, Designed for 175 MHz, 300 W Transmitter and Amplifier Applications. PACKAGE STYLE .385X.850 4LFG MAXIMUM RATINGS ID VDSS VGS PDISS TJ TSTG JC O O 40 A 125 V 40 V 500 W @ TC = 25 C -65 C...
Description VHF POWER MOSFET
Transistor

File Size 98.82K  /  7 Page

View it Online

Download Datasheet

    ALD1101 ALD1101A ALD1101APA ALD1101B ALD1101BPA ALD1101DA ALD1101PA ALD1101SA

Advanced Linear Devices, Inc.
ALD[Advanced Linear Devices]
Part No. ALD1101 ALD1101A ALD1101APA ALD1101B ALD1101BPA ALD1101DA ALD1101PA ALD1101SA
OCR Text ...e of analog applications. These enhancementmode transistors are manufactured with Advanced Linear Devices' enhanced ACMOS silicon gate CMOS process. The ALD1101 offers high input impedance and negative current temperature coefficient. The t...
Description Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No
DUAL N-CHANNEL MATCHED MOSFET PAIR

File Size 29.92K  /  4 Page

View it Online

Download Datasheet

    Vishay
Part No. SD211DE SST215 SST213 SD215DE SD213DE 70295
OCR Text ...211DE/SST211 series consists of enhancementmode MOSFETs designed for high speed low-glitch switching in audio, video, and high-frequency applications. The SD211 may be used for "5-V analog switching or as a high speed driver of the SD214. T...
Description N-Channel Lateral DMOS FETs
From old datasheet system

File Size 76.03K  /  6 Page

View it Online

Download Datasheet

    ALD1102B ALD1102 ALD1102A ALD1102APA ALD1102DA ALD1102PA ALD1102BPA ALD1102SA

Advanced Linear Devices, Inc.
圆形连接
Part No. ALD1102B ALD1102 ALD1102A ALD1102APA ALD1102DA ALD1102PA ALD1102BPA ALD1102SA
OCR Text ...e of analog applications. These enhancementmode transistors are manufactured with Advanced Linear Devices' enhanced ACMOS silicon gate CMOS process. The ALD1102 offers high input impedance and negative current temperature coefficient. The t...
Description    DUAL P-CHANNEL MATCHED MOSFET PAIR
Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-21 RoHS Compliant: No
Circular Connector; No. of Contacts:55; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No

File Size 27.19K  /  4 Page

View it Online

Download Datasheet

    BLF368

Advanced Semiconductor
Part No. BLF368
OCR Text enhancementmode VDMOS. designed for RF Applications. PACKAGE STYLE .385X.850 4LFG MAXIMUM RATINGS ID VDSS VGS PDISS TJ TSTG JC 27 A 70 V 20 V 465 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 0.35 C/W 1 & 2 = DRAIN 3 & 4 = GATE 5 = ...
Description RF POWER VDMOS TRANSISTOR
From old datasheet system

File Size 16.83K  /  1 Page

View it Online

Download Datasheet

For enhancementmode Found Datasheets File :: 96    Search Time::1.719ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of enhancementmode

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1614298820496