Part Number Hot Search : 
4688M STPS140 SH8M11 TLP11507 HCT3G HT3820 M1010 BYV2850
Product Description
Full Text Search
  EL2223J 883B Datasheet PDF File

For EL2223J 883B Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EL2223 EL2223C EL2223J EL2223CJ EL2223L/883B EL2223J/883B

Elantec Semiconductor
Part No. EL2223 EL2223C EL2223J EL2223CJ EL2223L/883B EL2223J/883B
Description 12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-SOIC
Laser Diode Driver with Waveform Generator; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R
12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-TSSOP
High Speed Operational Amplifier
Dual, 500 MHz High Speed, Operational Amplifier

File Size 750.33K  /  10 Page

View it Online

Download Datasheet