Part Number Hot Search : 
AX232 4004B AM023 SI4435DY C4000 924BD FAN5405 2SAR572D
Product Description
Full Text Search
  economical Datasheet PDF File

For economical Found Datasheets File :: 2794    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TC9200

Philips Semiconductors
Part No. TC9200
OCR Text ...CCD cameras. Model TC9200 is an economical 200 mm (8 in) general purpose mount for loads of up to 4 kg (8.8 lb). It has an aluminum finish and an adjustable sleeve ball mounting clamp for camera position adjustments. A deluxe general purpos...
Description Indoor Camera Mounts

File Size 147.58K  /  4 Page

View it Online

Download Datasheet





    AIMB-C600-00A1E

Advantech Co., Ltd.
Part No. AIMB-C600-00A1E
OCR Text economical Desktop Chassis for MicroATX Motherboard Features economical desktop chassis for MicroATX motherboard Supports four expansion slots Supports one 5.25" ODD and two 3.5" HDD Front-accessible dual USB 2.0 Equipped with 300 W S...
Description economical Desktop Chassis for MicroATX Motherboard

File Size 324.27K  /  1 Page

View it Online

Download Datasheet

    Motorola / Freescale Semiconductor
Part No. MC34064D-5
OCR Text ...n the with designer a single an economical external solution for low The MC34064 features a trimmed-in-package bandgap reference, and a comparator with precise thresholds and built-in hysteresis to prevent erratic reset operation. The op...
Description Undervoltage Sensing Circuit

File Size 1,749.03K  /  12 Page

View it Online

Download Datasheet

    SAA4970T

PHILIPS[Philips Semiconductors]
Part No. SAA4970T
OCR Text economical video processing IC (ECOBENDIC) Preliminary specification File under Integrated Circuits, IC02 1996 Oct 25 Philips Semiconductors Preliminary specification economical video processing IC (ECOBENDIC) FEATURES * Digital ...
Description economical video processing IC ECOBENDIC

File Size 179.47K  /  32 Page

View it Online

Download Datasheet

    SAA4970T

NXP Semiconductors
Part No. SAA4970T
OCR Text economical video processing IC (ECOBENDIC) Preliminary specification File under Integrated Circuits, IC02 1996 Oct 25 Philips Semiconductors Preliminary specification economical video processing IC (ECOBENDIC) FEATURES * Digital...
Description economical video processing IC ECOBENDIC

File Size 186.55K  /  32 Page

View it Online

Download Datasheet

    Cinch Connectors
Part No. DE-9P DE-9P-II DE-9PV
OCR Text ...atures and specifications, from economical and commercial grade product to high-reliability and military connectors. Each series begins with a page outlining general features and specifications of connectors, followed by the pages on indivi...
Description Connector

File Size 1,630.89K  /  96 Page

View it Online

Download Datasheet

    MC33267-D

ON Semiconductor
Part No. MC33267-D
OCR Text ... this device is contained in an economical five lead to220 type package. ? low inputtooutput voltage differential ? output current in excess of 500 ma ? onchip powerup reset circuit with programmable delay ? internal current limiting with t...
Description Low Dropout Regulator

File Size 70.15K  /  8 Page

View it Online

Download Datasheet

    MC33267 MC33267D2T MC33267T MC33267TV ON1004

Motorola
ONSEMI[ON Semiconductor]
Part No. MC33267 MC33267D2T MC33267T MC33267TV ON1004
OCR Text ... This device is contained in an economical five lead TO-220 type package. * Low Input-to-Output Voltage Differential LOW DROPOUT REGULATOR with POWER-UP RESET SEMICONDUCTOR TECHNICAL DATA * * * * Output Current in Excess of 500 mA...
Description LOW DROPOUT REGULATOR with POWER-UP RESET
From old datasheet system

File Size 126.65K  /  8 Page

View it Online

Download Datasheet

    Directed Energy
Part No. PCO-7110
OCR Text economical oem module 4a to 120a output 4ns to 65ns pulse width repetition frequency single-shot to 50khz diodes may be mounted directly on the pco-7110, eliminating the need for interconnect cables or striplines pulsed current monitor...
Description PULSED LASER DIODE DRIVER MODULE

File Size 107.34K  /  2 Page

View it Online

Download Datasheet

    40NJR10E 41NJR10E 42NJR10E 43NJR10E 45NJR10E 47NJR10E 41NJ10RE 41NJ1K0E 41NJ1R0E 41NJ250E 41NJ4K5E 47NJ10RE 47J10RE 40NJ

Ohmite Mfg. Co.
Part No. 40NJR10E 41NJR10E 42NJR10E 43NJR10E 45NJR10E 47NJR10E 41NJ10RE 41NJ1K0E 41NJ1R0E 41NJ250E 41NJ4K5E 47NJ10RE 47J10RE 40NJ10RE 42NJ10RE 43NJ10RE 45NJ10RE 40NFR10E 41NFR10E 42NFR10E 43NFR10E 45NFR10E 47NFR10E 41NF50KE 40J4K5E 40NJ4K5E 41J4K5E 45F50KE 47NF50KE 47J4K5E 40NF50KE 42NF50KE 43NF50KE 45NF50KE 40F1K0E 40NF1K0E 41F1K0E 41NF1K0E 42F1K0E 42NF1K0E 41J250E 45F1K2E 47F50KE 45F10RE 45F1K0E 45F1R0E 45F250E 45F4K5E 45FR10E 47NJ250E 47NF250E 47NJ1R0E 47NF10RE 47NF1K0E 47NF4K5E 47NF1R0E 47NJ50KE 47NJ1K0E 47NJ4K5E 42J10RE 42J1R0E 42J50KE 42JR10E 42J1K0E 42J250E 42J4K5E 40NF4K5E 40NF10RE 40NF250E 45NF10RE 45NF1K0E 45NF1R0E 45NF250E 45NJ1K0E 45NJ1R0E 45NJ250E 45NF4K5E 45NJ50KE 45NJ4K5E 42NJ50KE 40NJ50KE 41NJ50KE 43NJ50KE 40F1R0E 40F250E 40F10RE 40F50KE 40F4K5E 40FR10E 47F10RE 47F4K5E 47F1K0E 47F1R0E 47F250E 47FR10E 40J10RE 40J1K0E 40J1R0E 40J250E 40J50KE 40JR10E 43J1K0E 43JR10E 43J10RE 43J1R0E 43J4K5E 43J250E 43J50KE 45J10RE 45J1K0E 45J1R0E 45J250E 45J4K5E 45J50KE 41FR10E 41F4K5E 41F10RE 41F1R0E 41F250E 41F50KE 43F10RE 43F1K0E 43F1R0E 43F250E 43F4K5E 43F50KE 43FR10E 41NF1R0E 41NF4K5E 41NF250E 41NF10RE 41JR10E 41J50KE 41J10RE 41J1K0E 41J1R0E 42NJ1R0E 42NJ4K5E 42NJ250E 47J1R0E 47J50KE 47J250
OCR Text economical * Applications include commercial, industrial and communications equipment * Stability under high temperature conditions * All-welded construction * RoHS compliant; add "E" suffix to part number to specify. SpeCiFiCATiOnS Mat...
Description RESISTOR SILICONE 1.2K OHM 5W RESISTOR, WIRE WOUND, 5 W, 1 %, 20 ppm, 1200 ohm, THROUGH HOLE MOUNT
Ohmicone? Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
Ohmicone庐 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
Ohmicone垄莽 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.

File Size 158.98K  /  1 Page

View it Online

Download Datasheet

For economical Found Datasheets File :: 2794    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of economical

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50966000556946