|
|
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
Part No. |
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC-10-2 PDC-10-21 PDC20-400HP PDC20-900HP PDC20-970HP PDC-20-6-75 PDC-10-6-75 PDC-10-5 PDC-15-21 PDC-20-3-75 PDC-20-1W PDC-10-54 PDC-15-6 P4DC-30A-2 PDC-10-22 PDC20-400H
|
Description |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL coupler, 1.2 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL coupler, 2.5 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL coupler, 1.2 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL coupler, 0.8 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL coupler, 1.1 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL coupler, 2.3 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL coupler, 0.6 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL coupler, 1.5 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL coupler, 1.9 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL coupler, 2 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL coupler, 2 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL coupler, 2 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL coupler, 2.5 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL coupler, 0.5 db INSERTION LOSS-MAX 6 to 30 db COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL coupler, 0.6 db INSERTION LOSS-MAX
|
File Size |
44.77K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Agilent (Hewlett-Packard)
|
Part No. |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 87301E
|
Description |
87310B Coaxial Hybrid coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional coupler, 6 to 26.5 GHz 87301B Coaxial Directional coupler, 10 to 46 GHz 87300B Coaxial Directional coupler, 1 GHz to 20 GHz 87301D Coaxial Directional coupler, 1 GHz to 40 GHz 87301C Coaxial Directional coupler, 10 to 50 GHz 87301E Coaxial Directional coupler, 2 GHz to 50 GHz
|
File Size |
119.01K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
MINI[Mini-Circuits]
|
Part No. |
ZNDC-15-2G
|
Description |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:41; Connector Shell Size:21; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Directional coupler 50з 15db 800 to 2000 MHz Directional coupler 50 15db 800 to 2000 MHz
|
File Size |
166.00K /
1 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|