Part Number Hot Search : 
2SK22 S10P2 TE1819 74ALS373 L6402 94C33 LDBK2040 MT9M019
Product Description
Full Text Search
  dual 12-bit rail-to-rail micro Datasheet PDF File

For dual 12-bit rail-to-rail micro Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD[Analog Devices]
Part No. AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCPZ-250RL7 AD5624BCPZ-REEL7 AD5624BRMZ AD5664 AD5664ARMZ AD5664ARMZ-REEL7 AD5664BCPZ-250RL7 AD5664BCPZ-REEL7 AD5664BRMZ
Description 2.7 V to 5.5 V, 450 μA, rail-to-rail Output, Quad, 12-bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup>
2.7 V to 5.5 V, 450 &micro;A, rail-to-rail Output, Quad, 12-/16-Bit nanoDACs®
2.7 V to 5.5 V, 450 レA, rail-to-rail Output, Quad, 12-/16-Bit nanoDACs
2.7 V to 5.5 V, 450 μA, rail-to-rail Output, Quad, 12-/16-Bit nanoDACs

File Size 509.39K  /  24 Page

View it Online

Download Datasheet





    AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU

AD[Analog Devices]
Part No. AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU
Description 2.5 V to 5.5 V, 230 uA, dual rail-to-rail Voltage Output 8-/10-/12-bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16
2.5 V to 5.5 V, 230 A dual rail-to-rail, Voltage Output 12-bit DAC in a 16-Lead TSSOP Package
2.5 V to 5.5 V, 230 A dual rail-to-rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package
2.5 V to 5.5 V, 230 A dual rail-to-rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package
2.5 V to 5.5 V 230 uA dual rail-to-rail Voltage Output 8-/10-/12-bit DACs
2.5V to 5.5V, dual rail-to-rail, Voltage Output 810/12-bit DACs

File Size 224.75K  /  18 Page

View it Online

Download Datasheet

    AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BRM-REEL7 AD5310BRMZ AD5310BRMZ-REEL

ANALOG DEVICES INC
AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BRM-REEL7 AD5310BRMZ AD5310BRMZ-REEL
Description 2.5 V to 5.5 V/ 230uA/ Parallel Interface dual Voltage-Output 8-/10-/12-bit DACs
2.7 V to 5.5 V, 140 A, rail-to-rail Voltage Output 10-Bit DAC
2.7 V to 5.5 V, 140 uA, rail-to-rail Voltage Output 10-Bit DAC in a SOT-23
2.7 V to 5.5 V/ 140 uA/ rail-to-rail Voltage Output 10-Bit DAC in a SOT-23
Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8
2.7 V to 5.5 V. 140 uA. rail-to-rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23
2.7 V to 5.5 V, 140 µA, rail-to-rail Voltage Output 10-Bit DAC
2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-bit DACs

File Size 163.84K  /  12 Page

View it Online

Download Datasheet

    AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM
Description 2.5 V to 5.5 V, 230 uA dual rail-to-rail, Voltage Output 8-/10-/12-bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO10
2.5 V to 5.5 V, 230 A, dual rail-to-rail Voltage Output 8-Bit DAC in a 10-Lead microSOIC Package

File Size 207.89K  /  16 Page

View it Online

Download Datasheet

    Dallas
Part No. DS4802 4802
Description Low Voltage, micro Power, High Performance, rail-to-rail dual Op-Amp
From old datasheet system

File Size 139.46K  /  19 Page

View it Online

Download Datasheet

    Linear Technology Corporation
Part No. LT6001
Description dual 1.8V, 13&micro;A Precision rail-to-rail Op Amps

File Size 247.55K  /  16 Page

View it Online

Download Datasheet

    MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471EKA-T MAX4471ESA MAX4472 MAX4472ESD MAX4472EUD MAX4474 MAX4474EKA-T MAX

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Part No. MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471EKA-T MAX4471ESA MAX4472 MAX4472ESD MAX4472EUD MAX4474 MAX4474EKA-T MAX4474ESA MAX4474EUA MAX4464 MAX4464EUK-T MAX4464EXK-T
Description Single/dual/Quad, !.8V/750nA, SC70, rail-to-rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5
Single/dual/Quad, !.8V/750nA, SC70, rail-to-rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大
Single/dual/Quad / !.8V/750nA / SC70 / rail-to-rail Op Amps
"Single, 1.8V/750nA, SC70, rail-to-rail Op Amps"
Single/dual/Quad !.8V/750nA SC70 rail-to-rail Op Amps
Single/dual/Quad, 1.8V/750nA, SC70, rail-to-rail Op Amps

File Size 734.08K  /  14 Page

View it Online

Download Datasheet

    AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR-2 AD7899BR-1 AD7899BR-3

TE Connectivity, Ltd.
adi
Analog Devices
Part No. AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR-2 AD7899BR-1 AD7899BR-3
Description 12-bit rail-to-rail micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C 模拟到数字转换器14
Analog-to-Digital Converter14-Bit
12-bit rail-to-rail micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
dual 12-bit rail-to-rail micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C
12-bit rail-to-rail micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
dual 12-bit rail-to-rail micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C
IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN
5 V Single Supply 14-Bit 400 kSPS ADC

File Size 240.79K  /  16 Page

View it Online

Download Datasheet

    AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 AD7304BN AD7304BR AD7304BRU AD7304YR

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 AD7304BN AD7304BR AD7304BRU AD7304YR
Description 3V/ 5V, rail-to-rail Quad, 8-Bit DAC Parallel-IN
3V/ 5V, rail-to-rail Quad, 8-Bit DAC Serial-IN
3 V/ 5 V rail-to-rail Quad 8-Bit DAC
3 V/ 5 V/ rail-to-rail Quad/ 8-Bit DAC
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0
3 V/ 5 V, rail-to-rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16

File Size 933.23K  /  14 Page

View it Online

Download Datasheet

    ISL2815808 ISL28258FUZ-T7

Intersil Corporation
Part No. ISL2815808 ISL28258FUZ-T7
Description micro-power Single and dual Precision rail-to-rail Input-Output (RRIO) Low Input Bias Current Op Amps

File Size 859.21K  /  17 Page

View it Online

Download Datasheet

For dual 12-bit rail-to-rail micro Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dual 12-bit rail-to-rail micro

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.26121997833252