Part Number Hot Search : 
H45N03E SMS140 PJD882CT A1105 202157B 040PLA44 ST72324 3600B
Product Description
Full Text Search
  dual 4a 2a 4mhz step-down dc-d Datasheet PDF File

For dual 4a 2a 4mhz step-down dc-d Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    http://
Maxim Integrated Products, Inc.
Part No. MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1972EEE
Description dual, 180° Out-of-Phase, 1.4mhz, 750mA Step- Down Regulator with POR and RSI/PFO
Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16
dual, 180Out-of-Phase, 1.4mhz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80&deg;异相.4mhz50mA、降压型调节器,带有POR和RSI/PFO
dual / 180 Out-of-Phase / 1.4mhz / 750mA Step- Down Regulator with POR and RSI/PFO
dual, 180??Out-of-Phase, 1.4mhz, 750mA Step- Down Regulator with POR and RSI/PFO

File Size 371.24K  /  20 Page

View it Online

Download Datasheet





    Maxim Integrated Produc...
Part No. MAX15021ATI MAX15021ATI/V
Description dual, 4a/2a, 4mhz, step-down dc-dC Regulator
dual, 4a/2a, 4mhz, step-down dc-dC Regulator with Tracking/Sequencing Capability

File Size 345.59K  /  24 Page

View it Online

Download Datasheet

    Linear Technology, Corp.
LINER[Linear Technology]
Part No. LTC3411 LTC3411EMS LTC3411EDD
Description 1.25A, 4mhz, Synchronous step-down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10
1.25A/ 4mhz/ Synchronous step-down DC/DC Converter
4mhz, 1.25A Synchronous step-down DC/DC Converter
1.25A 4mhz Synchronous step-down DC/DC Converter

File Size 285.34K  /  20 Page

View it Online

Download Datasheet

    Maxwell Technologies, Inc
Part No. 5962-9061709MNA 5962-9061705MRA 5962-9061704MRA 5962-9061702MRA 5962-9061708MRA 5962-9061710MRA 5962-9061709MRA 5962-9061706MRA 5962-9061703MRA 5962-9061701MRA 5962-9061710MNA 5962-9061710MYA 5962-9061704MYA 5962-9061703MYA 5962-9061704MNA 5962-9061704MUA 5962-9061703MTA 5962-9061703MXA 5962-9061705MNA 5962-9061704MTA 5962-9061704MZA 5962-9061702MZA 5962-9061704MXA 5962-9061707MNA
Description Power Drivers for Peltier TEC Modules
10-Bit, 45Msps, Full-Duplex, Analog Front-End
dual, 180° Out-of-Phase, 1.4mhz, 750mA step-down Regulator with POR and RSI/PFO
6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
Smallest 1A, 1.4mhz step-down Regulators
x4 Fast Page Mode DRAM x4快速页面模式的DRAM

File Size 1,556.67K  /  48 Page

View it Online

Download Datasheet

    LINER[Linear Technology]
Part No. LTC3416 LTC3416EFE
Description 4a, 4mhz, Monolithic Synchronous step-down Regulator with Tracking
4a, 4mhz, MonolithicSynchronous step-downRegulator with Tracking

File Size 226.62K  /  16 Page

View it Online

Download Datasheet

    LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC-2-PBF LTC3417AEDHC-2-TRPBF LTC3417AIDHC-2-PBF LTC3417AIDHC-2-TRPBF LT

LINEAR TECHNOLOGY CORP
Linear Technology, Corp.
Part No. LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC-2-PBF LTC3417AEDHC-2-TRPBF LTC3417AIDHC-2-PBF LTC3417AIDHC-2-TRPBF LTC3417AIFE-2PBF LTC3417AIDHC-2PBF LTC3417AEFE-2PBF LTC3417AEFE-2TRPBF LTC3417AEDHC-2TRPBF
Description dual Synchronous 1.4a/800mA 4mhz step-down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40&deg;C to 125&deg;C
dual Synchronous 1.4a/800mA 4mhz step-down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40&deg;C to 125&deg;C
dual Synchronous 1.4a/800mA 4mhz step-down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40&deg;C to 85&deg;C dual SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16
dual Synchronous 1.4a/800mA 4mhz step-down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40&deg;C to 85&deg;C dual SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20
dual Synchronous 1.5A/1A 4mhz step-down DC/DC Regulator

File Size 335.76K  /  20 Page

View it Online

Download Datasheet

    MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE
Description dual, 180掳 Out-of-Phase, 1.4mhz, 750mA Step- Down Regulator with POR and RSI/PFO
dual, 180° Out-of-Phase, 1.4mhz, 750mA Step- Down Regulator with POR and RSI/PFO

File Size 273.10K  /  21 Page

View it Online

Download Datasheet

    MAX15022 MAX15022ATI

Maxim Integrated Products
Part No. MAX15022 MAX15022aTI
Description dual, 4a/2a, 4mhz, step-down dc-dC Regulator with dual LDO Controllers

File Size 328.94K  /  27 Page

View it Online

Download Datasheet

    MAX15022ATI MAX15022ATI/V MAX1502211

http://
Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX15022aTI MAX15022aTI/V MAX1502211
Description dual, 4a/2a, 4mhz, step-down dc-dC Regulator with dual LDO Controllers

File Size 310.63K  /  28 Page

View it Online

Download Datasheet

    Maxim Integrated Produc...
Part No. MAX15022aTI
Description dual, 4a/2a, 4mhz, step-down dc-dC Regulator with dual LDO Controllers

File Size 334.26K  /  27 Page

View it Online

Download Datasheet

For dual 4a 2a 4mhz step-down dc-d Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dual 4a 2a 4mhz step-down dc-d

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.80526304245