|
|
|
Panasonic Corporation Panasonic, Corp.
|
Part No. |
AN80P52RsP AN80P22RsP AN80P20RsP AN80P32RsP AN80P19RsP AN80P27RsP AN80P28RsP AN80P29RsP AN80P30RsP AN80P35RsP AN80P18RsP AN80P21RsP AN80P25RsP AN80P33RsP AN80P34RsP AN80P36RsP
|
Description |
dual, 16-Bit nanodac® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MsOP; No of Pins: 10; Temperature Range: TBD dual, 16-Bit nanodac® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MsOP; No of Pins: 10; Temperature Range: Industrial dual, 16-Bit nanodac® with I2C® Interface; Package: MsOP; No of Pins: 10; Temperature Range: TBD dual, 16-Bit nanodac® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: LFCsP (3x3mm); No of Pins: 10; Temperature Range: TBD 5-pin, low dropout voltage regulator with standby function (1 A type) 3.6 V FIXED POsITIVE LDO REGULATOR, 1 V DROPOUT, PssO4
|
File Size |
304.09K /
28 Page |
View
it Online |
Download Datasheet |
|
|
|
ANALOG DEVICEs INC Analog Devices, Inc. AD[Analog Devices]
|
Part No. |
AD5621 AD5621AKs AD5621BKs AD5601 AD5601BKs AD5611 AD5611AKs AD5611BKs
|
Description |
2.7 V to 5.5 V, <100 UA, 8-/10-/12-bit nanodac D/A, sPI Interface, sC70 Package 2.7 V.5 V,00联合航空-/10-/12-bit nanodac系列的D / A,sPI接口,sC70封装 2.7 V to 5.5 V, UA, 8-/10-/12-bit nanodac D/A, sPI Interface, sC70 Package 599.54 Kbytes 2.7 V to 5.5 V, <100 UA, 8-/10-/12-bit nanodac D/A, sPI Interface, sC70 Package
|
File Size |
463.14K /
20 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|