|
|
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas semiconductor
|
Part No. |
MAX1036 MAX1036EKA- MAX1036-MAX1039 MAX1037 MAX1037EKA- MAX1038 MAX1038AEEE MAX1039 MAX1039AEEE MAX1036EKA MAX1037EKA MAX1036EKA-T
|
Description |
2.7-5.5V; low power, 4-/12-channel 2-wire serial 8-bit ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision " 2.7V to 5.5V, low-power, 4-/12-Channel 2-wire serial 8-Bit ADCs" -2.7V to 5.5V, low-power, 4-/12-Channel 2-wire serial 8-Bit ADCs 2.7V to 5.5V / low-power / 4-/12-Channel 2-wire serial 8-Bit ADCs
|
File Size |
423.60K /
22 Page |
View
it Online |
Download Datasheet |
|
|
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas semiconductor
|
Part No. |
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 MAX5380MEUK MAX5380NEUK MAX5380PEUK MAX5381EUK-T MAX5381LEUK MAX5381MEUK MAX5381NEUK MAX5381PEUK MAX5382EUK-T MAX5382LEUK MAX5382MEUK MAX5382NEUK MAX5382PEUK MAX5382_EUK-T MAX5380_EUK-T MAX5381_EUK-T MAX5382NEUK-T MAX5380PEUK-T MAX5381PEUK-T MAX5382PEUK-T
|
Description |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, low-power, 8-Bit DACs with 2-wire serial Interface in sOT23 sERIAL INPUT LOADING, 20 us sETTLING TIME, 8-BIT DAC, PDsO5 Low-Cost, low-power, 8-Bit DACs with 2-wire serial Interface in sOT23 低成本,低功耗,8位DAC2线串行接口,采用sOT23 Low-Cost low-power 8-Bit DACs with 2-wire serial Interface in sOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-wire serial Interface in sOT23" Low-Cost / low-power / 8-Bit DACs with 2-wire serial Interface in sOT23
|
File Size |
322.76K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas semiconductor
|
Part No. |
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX5360PEUK MAX5361LEUK MAX5361MEUK MAX5361NEUK MAX5361PEUK MAX5362LEUK MAX5362MEUK MAX5362NEUK MAX5362PEUK MAX5362MEUK-T MAX5362NEUK-T MAX5361PEUK-T MAX5360PEUK-T MAX5362PEUK-T
|
Description |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, low-power 6-Bit DACs with 2-wire serial Interface in sOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用sOT23封装 Low-Cost, low-power 6-Bit DACs with 2-wire serial Interface in sOT23 Package sERIAL INPUT LOADING, 20 us sETTLING TIME, 6-BIT DAC, PDsO5 Low-Cost / low-power 6-Bit DACs with 2-wire serial Interface in sOT23 Package Low-Cost low-power 6-Bit DACs with 2-wire serial Interface in sOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
File Size |
319.33K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
Part No. |
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA
|
Description |
2.7V to 3.6V and 4.5V to 5.5V, low-power, 4-/12-Channel, 2-wire serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / low-power / 4-/12-Channel / 2-wire serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, low-power, 4-/12-Channel, 2-wire serial, 12-Bit ADCs 12-CH 12-BIT sUCCEssIVE APPROXIMATION ADC, sERIAL ACCEss, PDsO16 Gender:Pin; Circular shell style:Wall Mount Receptacle; Insert Arrangement:25-35
|
File Size |
407.47K /
22 Page |
View
it Online |
Download Datasheet |
|
|
|
New England Microwave Corp.
|
Part No. |
207 208 252 239 250 230 248 256 237 253 242 238 207W 266 263 254 274 236 230CC 219-3 219-4
|
Description |
Low-Frequency dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with REsET in sOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output low-power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin switch Drivers
|
File Size |
258.34K /
2 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|