Part Number Hot Search : 
XCL200H5 APTM5 4504B AK4381 AK4373 1N4573 51F3A PE90GB80
Product Description
Full Text Search
  dsp asic Datasheet PDF File

For dsp asic Found Datasheets File :: 1050    Search Time::0.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AHA
Part No. AHA4524
OCR Text ...igned to co nnect directly to a dsp or user logic. encoder and decoder configuration registers are written and read through th e same inte...asic/dsp through a serial port. the data is then processed in the asic/dsp to block and prepare th...
Description TURBO PRODUCT CODE ENCODER/DECODER

File Size 111.73K  /  4 Page

View it Online

Download Datasheet





    MAXIM[Maxim Integrated Products]
Part No. MAX3420E_07 MAX3420E MAX3420EECJ_ MAX3420EETG_
OCR Text ...I master (microprocessor, asic, dsp, etc.) can add USB functionality using the simple 3- or 4-wire SPI interface. Internal level translators allow the SPI interface to run at a system voltage between 1.71V and 3.6V. USB timed operations are...
Description USB Peripheral Controller with SPI Interface

File Size 359.86K  /  25 Page

View it Online

Download Datasheet

    Atmel
Part No. ATL35
OCR Text ... embedded microprocessor cores, dsp engines and memory on the same silicon, make the ATL35 series of asics an ideal choice for system-level integration. Figure 1. ATL35 Gate Array asic Figure 2. ATL35 Embedded Array asic Standard Gate...
Description The ATL35 series asic family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t

File Size 268.46K  /  21 Page

View it Online

Download Datasheet

    UPD77210GJ-8EN UPD77111F1-XXX-CN1 UPD77113AF1-XXX-CN1 UPD77115F1-CN6 UPD77210F1-DA2 UPD77110GC-9EU UPD77112GC-XXX-9EU UP

NEC
Part No. UPD77210GJ-8EN UPD77111F1-XXX-CN1 UPD77113AF1-XXX-CN1 UPD77115F1-CN6 UPD77210F1-DA2 UPD77110GC-9EU UPD77112GC-XXX-9EU UPD77114GC-XXX-9EU UPD77213
OCR Text dsp architecture is capable of executing both audio and video codecs. 2 Pamphlet U12395EJJV0PF How to be top banana in your mobile...asic technology and the expertise we've acquired as one of the world's leading asic vendors. With th...
Description 16-bit fixed point digital signal processor for Audio decoder
16-bit fixed-point digital signal processor

File Size 2,615.23K  /  20 Page

View it Online

Download Datasheet

    NEC, Corp.
Part No. EA-C10
OCR Text ...unctions such as ram, rom, cpu, dsp and analog cores. ea-c10 also uses a cell-based i/o structure that allows a flexible adaptation to the s...asic family follows basically a gate array approach, it offers short turnaround times for silicon pr...
Description CMOS Embedded Array (asic)(CMOS 嵌入式阵 嵌入式阵列(专用集成电路)的CMOS(嵌入式阵列的CMOS

File Size 54.90K  /  8 Page

View it Online

Download Datasheet

    HC1S60

Altera Corporation
Part No. HC1S60
OCR Text ...) buffers embedded high-speed dsp blocks provide dedicated implementation of multipliers, multiply-accumulate functions, and finite impu...asic?s functionality upon power-up. no changes to the existing board design or the configuration s...
Description HardCopy Stratix Device Family

File Size 1,170.40K  /  110 Page

View it Online

Download Datasheet

    SM5852 SM5852-001-A-3-L SM5852-001-A-3-N SM5852-001-A-5-L SM5852-001-A-5-N SM5852-001-D-3-L SM5852-001-D-3-N SM5852-001-

List of Unclassifed Manufacturers
ETC
Part No. SM5852 SM5852-001-A-3-L SM5852-001-A-3-N SM5852-001-A-5-L SM5852-001-A-5-N SM5852-001-D-3-L SM5852-001-D-3-N SM5852-001-D-5-L SM5852-001-D-5-N SM5852-001-G-3-L SM5852-001-G-3-N SM5852-001-G-5-L SM5852-001-G-5-N SM5852-001-S-3-L SM5852-001-S-3-N SM5852-001-S-5-L SM5852-001-S-5-N SM5852-003-A-3-L SM5852-003-A-3-N SM5852-003-A-5-L SM5852-003-A-5-N SM5852-003-D-3-L SM5852-003-D-3-N SM5852-003-D-5-L SM5852-003-D-5-N SM5852-003-G-3-L SM5852-003-G-3-N SM5852-003-G-5-L SM5852-003-G-5-N SM5812-015-A-3-L SM5812-015-A-3-N SM5812-005-A-3-L SM5812-005-A-3-N SM5852-003-S-3-L SM5852-003-S-3-N SM5812-100-A-3-L SM5812-100-A-3-N SM5812-100-A-5-L SM5812-100-A-5-N SM5812-100-D-3-N SM5812-100-D-5-L SM5812-100-D-5-N SM5812-100-G-3-L SM5812-100-G-3-N SM5812-100-G-5-L SM5812-100-G-5-N SM5812-100-S-3-L SM5812-100-S-3-N SM5812-100-S-5-L SM5812-100-S-5-N SM5812-060-G-3-L SM5812-060-G-3-N SM5812-060-G-5-L SM5812-060-G-5-N SM5852-015-A-3-L SM5852-015-A-3-N SM5812-015-A-5-L SM5852-015-A-5-L SM5812-015-A-5-N SM5852-015-A-5-N SM5812-015-D-3-L SM5812-015-D-3-N SM5812-030-G-3-L SM5852-030-G-3-L SM5812-030-G-3-N SM5852-030-G-3-N SM5812-030-G-5-L SM5852-030-G-5-L SM5812-030-G-5-N SM5852-030-G-5-N SM5852-015-D-3-L SM5
OCR Text ...rd. A digital signal processor (dsp) is then used to correct and calibrate the pressure signal. The dsp provides multi-order correction of b...asic coefficients are available for correcting pressure and temperature non-linearity. The unique...
Description Amplified Pressure Sensor

File Size 211.02K  /  4 Page

View it Online

Download Datasheet

    CXP401

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. CXP401
OCR Text dsp on a Single Chip Microcontroller with On-Chip CD dsp CXP401 Sony is committed to creating a wide range of products combining various...asic microcontroller field. The product of this release corresponds to an all-out effort at chip set...
Description SPC500 Series CPU core 6-KB ROM, 400-word RAM LCD controller/driver on chip
SPC500 Series CPU core 6-KB ROM/ 400-word RAM LCD controller/driver on chip

File Size 39.19K  /  2 Page

View it Online

Download Datasheet

    RDA012M4-HD EVRDA012M4-HD RDA012M4 RDA012M4-DI

Rockwell
List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. RDA012M4-HD EVRDA012M4-HD RDA012M4 RDA012M4-DI
OCR Text ...and LCLKON are supplied for the dsp/FPGA/asic. They are LVDS compliant and needs to be terminated with a 100 resistor in front of the receiving buffer or the receiving pins of the asic/dsp. For application convenience, the data input's setu...
Description 12 Bit 1.3 GS/s 4:1 MUXDAC 12.3 GS / s:1 MUXDAC

File Size 389.51K  /  12 Page

View it Online

Download Datasheet

For dsp asic Found Datasheets File :: 1050    Search Time::0.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dsp asic

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79956197738647