Part Number Hot Search : 
313375P RXXP09D MPC5553 C847B AQZ264 00390 STP432S UF07B
Product Description
Full Text Search
  do-356.2v Datasheet PDF File

For do-356.2v Found Datasheets File :: 67    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

    SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX2732U-3.3 SPX2732U-5.0 SPX2733U-5.0 SPX2730 SPX2730T-3.3 SPX2730T-5.0 SPX

TE Connectivity, Ltd.
SIPEX[Sipex Corporation]
Part No. SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX2732U-3.3 SPX2732U-5.0 SPX2733U-5.0 SPX2730 SPX2730T-3.3 SPX2730T-5.0 SPX2730U-3.3 SPX2730U-5.0 SPX2731T-3.3 SPX2731T-5.0 SPX2731U-3.3 SPX2731U-5.0 SPX2733T SPX2733T-3.3 SPX2733T-5.0 SPX2733U SPX2733U-3.3
OCR Text ...ive spacer can be used. However do not forget to consider its contribution to thermal resistance. Assuming: VIN = 10V, VOUT = 5V, IOUT = 1.5...356 0.005 (9.042 0.127) 0.600 + 0.025 (15.24 0.635) 0.103 BSC (2.616) 0.050 (1.270) 0.032 +...
Description 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A高电流低压差稳压器可调节
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response

File Size 169.26K  /  9 Page

View it Online

Download Datasheet





    DG308A FN3120 DG308ACY DG308ACJ

INTERSIL[Intersil Corporation]
Part No. DG308A FN3120 DG308ACY DG308ACJ
OCR Text ...-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC ar...
Description Quad Monolithic SPST / CMOS Analog Switch
Quad Monolithic SPST, CMOS Analog Switch
From old datasheet system

File Size 112.29K  /  7 Page

View it Online

Download Datasheet

    L4949E L4949ED L4949EP

STMicroelectronics
Part No. L4949E L4949ED L4949EP
OCR Text ...197 0.244 SO8 (1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch). 8/10 L4949E DIM. MIN. A A1 B C D E e H h L K 10 0.25 0.4 2.35 0.1 0.33 0.23 12.6 7.4 mm TYP. ...
Description MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR

File Size 75.97K  /  10 Page

View it Online

Download Datasheet

    CA3141 CA3141E

INTERSIL[Intersil Corporation]
Part No. CA3141 CA3141E
OCR Text ...-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC ar...
Description High-Voltage Diode Array For Commercial / Industrial and Military Applications
High-Voltage Diode Array For Commercial, Industrial and Military Applications

File Size 39.18K  /  4 Page

View it Online

Download Datasheet

    CA3252 CA3252E CA3252M

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. CA3252 CA3252E CA3252M
OCR Text ...-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC ar...
Description SH2 Series, 7145 Group, Two ADC circuits, 5-ch 16-bit MTU, 2-ch CMT, UBC, AUD FP-144F; Vcc= 3.0 to 3.6 volts, Temp= -40 to 85 C; Package: PLQP0144KB-A 四门控非反相功率驱动
Quad Gated Non-Inverting Power Driver

File Size 52.70K  /  6 Page

View it Online

Download Datasheet

    HA3-2444-5 HA9P2444-5 HA-2444

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. HA3-2444-5 HA9P2444-5 HA-2444
OCR Text ...-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC ar...
Description 50MHz, Selectable, Four Channel Video Operational Amplifier 50MHz的,可选,四通道视频运算放大
50 MHz, Selectable, Four Channel Video Operational Amplifier
50MHz/ Selectable/ Four Channel Video Operational Amplifier

File Size 470.28K  /  6 Page

View it Online

Download Datasheet

    LT1176 LT1176-5 LT1176CN8 LT1176CN8-5 LT1176CS LT1176CS-5

Linear Technology Corporation
LINER[Linear Technology]
Part No. LT1176 LT1176-5 LT1176CN8 LT1176CN8-5 LT1176CS LT1176CS-5
OCR Text ...hat surges less than 30 seconds do not need to be considered from a thermal standpoint, but for proper regulation, they must not result in p...356 - 0.482) TYP 0.394 - 0.419 (10.007 - 10.643) 0.009 - 0.013 (0.229 - 0.330) SEE NOTE 0.016 ...
Description RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
Step-Down Switching Regulator
From old datasheet system

File Size 177.01K  /  4 Page

View it Online

Download Datasheet

    MC1658D MC1658FN MC1658L MC1658P

Motorola, Inc
Part No. MC1658D MC1658FN MC1658L MC1658P
OCR Text ...LLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT IN...356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 -- 0.020 2 10 0.310 0.330 0.040 -- MILLIMETER...
Description Voltage Controlled Multivibrator

File Size 133.06K  /  6 Page

View it Online

Download Datasheet

For do-356.2v Found Datasheets File :: 67    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of do-356.2v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.1417031288147