Part Number Hot Search : 
IP113ALF SML12 32FNK BC849BT SML12 10000 IMH23 162003
Product Description
Full Text Search
  discharge Datasheet PDF File

For discharge Found Datasheets File :: 58811    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EMIF04-VID01F1 EMIF04-VID01F2

意法半导
STMicroelectronics
Part No. EMIF04-VID01F1 EMIF04-VID01F2
OCR Text ...Level 4 on input pins 15kV (air discharge) 8kV (contact discharge) MIL STD 883E - Method 3015-6 Class 3 Flip-Chip (10 Bumps) Table 1: Order Code Part Number EMIF04-VID01F2 Marking GU Figure 1: Pin Configuration (ball side) 6 5 4 3...
Description 4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION

File Size 124.08K  /  6 Page

View it Online

Download Datasheet





    Littelfuse, Inc.
Part No. SPHV15-01ETG-C
OCR Text ...rom damage due to electrostatic discharge (esd) and other overvoltage transients. the sphv-c series can safely absorb repetitive esd strikes above the maximum level of the iec61000-4-2 international standard (level 4, ?8kv contact disch...
Description SPHV-C Series 200W Discrete Bidirectional TVS Diode

File Size 803.77K  /  6 Page

View it Online

Download Datasheet

    Vina
Part No. VEC3R0106QG VEC3R0107QG VEC3R0305QG VEC3R0357QG
OCR Text ...specified value cycle of charge/discharge from v r to 1/2v r after 1,000 hours storage at +65 without load, capacitors meet the criteria of high temp. load life above. shelf life 2 times of specified value 30% of initial value after 1,...
Description 3V SERIES - Lead terminal
3V SERIES - Lug terminal

File Size 299.27K  /  2 Page

View it Online

Download Datasheet

    Panasonic Battery Group
Part No. UR18650Y
OCR Text ... cycle life characteristics discharge characteristics (by temperature) discharge characteristics (by rate of discharge) features & benefits dimensions specifications for more information on how panasonic can assist you with yo...
Description Lithium Ion
   Lithium Ion

File Size 525.34K  /  1 Page

View it Online

Download Datasheet

    DF3A6.8FUT1 DF3A6.8FUT1G

ON Semiconductor
Part No. DF3A6.8FUT1 DF3A6.8FUT1G
OCR Text ...@ 20 ms (Note 3) @ TA = 25C ESD discharge MIL STD 883C - Method 3015-6 IEC61000-4-2, Air discharge IEC61000-4-2, Contact discharge Symbol PD RqJA TJ, Tstg PPK PPK VPP 16 30 30 Value 200 1.6 618 - 55 to +150 20 150 Unit mW mW/C C/W C W W kV ...
Description    Zener Transient Voltage Suppressor
Zener Transient Voltage Suppressor(齐纳瞬态电压抑制器) 150 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
SC70 Zener Transient Voltage Suppressor

File Size 46.61K  /  4 Page

View it Online

Download Datasheet

    NCP1570DR2 NCP1570 NCP1570D

ON Semiconductor
ONSEMI
Part No. NCP1570DR2 NCP1570 NCP1570D
OCR Text ...age COMP Min Voltage COMP Fault discharge Current at UVLO COMP Fault discharge Threshold to Reset UVLO Open Loop Gain Unity Gain Bandwidth PSRR @ 1.0 kHz Output Transconductance Output Impedance GATE(H) and GATE(L) Rise Time Fall Time GATE(...
Description 1.5 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO8
Low Voltage Synchronous Buck Controller

File Size 276.39K  /  14 Page

View it Online

Download Datasheet

For discharge Found Datasheets File :: 58811    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of discharge

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2956409454346