|
|
|
Laird Tech Smart Techno...<br>
|
Part No. |
IF8519
|
Description |
The field pattern is toroidal, providing omni-directional<br>
|
File Size |
1,419.48K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Agilent (Hewlett-Packard)<br>
|
Part No. |
87310b 87300C 87300D 87301b 87300b 87301D 87301C 87301E
|
Description |
87310b Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz<br>87300C Coaxial directional Coupler, 1 GHz to 26.5 GHz<br>87300D Coaxial directional Coupler, 6 to 26.5 GHz<br>87301b Coaxial directional Coupler, 10 to 46 GHz<br>87300b Coaxial directional Coupler, 1 GHz to 20 GHz<br>87301D Coaxial directional Coupler, 1 GHz to 40 GHz<br>87301C Coaxial directional Coupler, 10 to 50 GHz<br>87301E Coaxial directional Coupler, 2 GHz to 50 GHz<br>
|
File Size |
119.01K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
Electronic Theatre Controls, Inc.<br>
|
Part No. |
HDC006-DIE HDC064-DIE HDC016-DIE HDC003-DIE HDC008-DIE HDC105-DIE HDC031-DIE HDC011-DIE
|
Description |
Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood beam pattern, 24 Vdc/60 W/2.5 A<br>Replacement Sealed beams, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood beam pattern, 24 Vdc/60 W/2.5 A<br>Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid beam pattern, 12 Vdc/50 W/4 A<br>Replacement Sealed beams, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid beam pattern, 12 Vdc/50 W/4 A<br>Replacement Sealed beams, 3.5 in x 5 in [76,2 mm x 127,0 mm], Wide Flood beam pattern, 12 Vdc/50 W/4 A<br>Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid beam pattern, 24 Vdc/60 W/2.5 A<br>Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Spot beam pattern, 24 Vdc/60 W/2.5 A 专用集成电路<br>Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood beam pattern, 12 Vdc/50 W/4 A 专用集成电路<br>
|
File Size |
1,517.75K /
23 Page |
View
it Online |
Download Datasheet |
|
|
|
Agilent (Hewlett-Packard)<br>
|
Part No. |
81133A 81134A
|
Description |
Pulse pattern Generator, 3.35 GHz, single channel<br>Pulse pattern Generator, 3.35 GHz, dual-channel<br>
|
File Size |
229.70K /
11 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|