Part Number Hot Search : 
DS1236A 2301P ZF320 TLV16 5517A MSDW1033 ASPI104S RK163
Product Description
Full Text Search
  dip28 Datasheet PDF File

For dip28 Found Datasheets File :: 203    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PHILIPS[Philips Semiconductors]
Part No. SCC2681AE1N28 SCC2681AE1A44 SCC2681 SCC2681AC1A44 SCC2681AC1N28 SCC2681AC1N40 SCC2681AE1N40
OCR Text ...2681AC1N28 SCC2681AC1N40 PLCC44 dip28 DIP40 Description plastic leaded chip carrier; 44 leads plastic dual in-line package; 28 leads (600 mil) plastic dual in-line package; 40 leads (600 mil) Version SOT187-2 SOT117-1 SOT129-1 Commercial...
Description Dual asynchronous receiver/transmitter (DUART)

File Size 197.75K  /  29 Page

View it Online

Download Datasheet





    LPC1114JHN33 LPC1114FHI33 LPC1114FHN33 LPC1113FBD48 LPC1113JBD48 LPC1114FBD48 LPC1114JBD48 LPC1115FBD48 LPC1115JBD48 LPC

NXP Semiconductors
Part No. LPC1114JHN33 LPC1114FHI33 LPC1114FHN33 LPC1113FBD48 LPC1113JBD48 LPC1114FBD48 LPC1114JBD48 LPC1115FBD48 LPC1115JBD48 LPC1112FDH20 LPC1114FDH28 LPC1112FDH28 LPC1111FDH20 LPC1115FET48 LPC1115JET48 LPC1114FA44 LPC1112FD20 LPC1113JHN33
OCR Text ...s available as tssop28 package, dip28 package, tssop20 package, and so20 package. ? extended temperature ( ? 40 ? c to +105 ? c) for selected parts (see table 2 ). 3. applications 4. ordering information ? emetering ? lighting ? alarm...
Description 32kB flash, 8kB SRAM, HVQFN32 package
24kB flash, 8kB SRAM, LQFP48 package
32kB flash, 8kB SRAM, LQFP48 package
64kB flash, 8kB SRAM, LQFP48 package
16kB flash, 4kB SRAM, TSSOP20 package
32kB flash, 4kB SRAM, TSSOP28 package
16kB flash, 4kB SRAM, TSSOP28 package
8kB flash, 2kB SRAM, TSSOP20 package
64kB flash, 8kB SRAM, TFBGA48 package
32kB flash, 8kB SRAM, PLCC44 package
16kB flash, 4kB SRAM, SO20 package
24kB flash, 8kB SRAM, HVQFN32 package

File Size 2,725.47K  /  127 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. LPC1115JBD48 LPC1114FBD48 LPC1111FDH20 LPC1111JHN33 LPC1112JHN33 LPC1112FHN33
OCR Text ...s available as tssop28 package, dip28 package, tssop20 package, and so20 package. ? extended temperature ( ? 40 ? c to +105 ? c) for selected parts (see table 2 ). 3. applications 4. ordering information ? emetering ? lighting ? alarm...
Description 32-bit ARM Cortex-M0 microcontroller??4kB flash, 8kB SRAM, LQFP48 package
32-bit ARM Cortex-M0 microcontroller??2kB flash, 8kB SRAM, LQFP48 package
32-bit ARM Cortex-M0 microcontroller??kB flash, 2kB SRAM, TSSOP20 package
32-bit ARM Cortex-M0 microcontroller??kB flash, 4kB SRAM, HVQFN32 package
32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN33 package
32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN32 package

File Size 2,731.15K  /  127 Page

View it Online

Download Datasheet

    LPC1111 LPC1112 LPC1100 LPC1100XL LPC1100L LPC1114

NXP Semiconductors
Part No. LPC1111 LPC1112 LPC1100 LPC1100XL LPC1100L LPC1114
OCR Text ...e as hvqf n24, tssop28 package, dip28 package, tssop20 package, and so20 package. ? available as dual-chip module consisting of the lpc1114 single-chip microcontroller combined with a pcf8576d universal lcd driver in a 100-pin lqfp packag...
Description LPC111x/LPC11Cxx User manual

File Size 4,757.76K  /  543 Page

View it Online

Download Datasheet

    NXP
Part No. LPC1114
OCR Text ...s available as tssop28 package, dip28 package, tssop20 package, and so20 package. www.datasheet.net/ datasheet pdf - http://www.datasheet4u.co.kr/ lpc111x all information provided in this document is subject to legal disclaimers. ? nxp...
Description (LPC1110 - LPC1115) 32-bit ARM Cortex-M0 microcontroller

File Size 2,017.79K  /  110 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. TDA7348D013TR
OCR Text ...03 ? ordering number: tda7348 (dip28) tda7348d (so28) dip28 so28 1/14 14 13 11 l1 l2 l1 l2 l4 10 r1 r2 r1 r2 r4 9 input selector + gain left inputs right inputs supply 2 31 zero cross + mute soft...
Description DIGITALLY CONTROLLED AUDIO PROCESSOR

File Size 357.36K  /  14 Page

View it Online

Download Datasheet

    SunMoon
Part No. SM9614
OCR Text ...i 2 c ??3?y???? sm9614 2? sop28/dip28 a?1????eo|??a ?3?e?|?????a??2???o??3?? ?t?r?e??? 1 ? 2? cmos 1R????? 2 ? a??a?a?t? 3 ? y2???????????? 4 ? ?e??1|?? 5 ? ?????????????o????r????????? 6 ? ??????o?3??????3??oa????...
Description SM9614

File Size 363.55K  /  12 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STLC5412
OCR Text ...opean standard single 5v supply dip28 and plcc44 package hcmos3a sgs-thomson advanced 1.2 m m double-metal cmos process round trip delay measurement extended temperature range (-40 c to +70 c) transmission features 160 kbit/s full duplex ...
Description 2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE

File Size 665.96K  /  74 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STLC5411
OCR Text ...opean standard single 5v supply dip28 and plcc44 package hcmos3a sgs-thomson advanced 1.2 m m double-metal cmos process transmission features 160 kbit/s full duplex transceiver 2b1q line coding with scrambler/de- scrambler 18kft (5.5km) on ...
Description 2B1Q U INTERFACE DEVICE

File Size 755.82K  /  72 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. LPC1110FD20
OCR Text ...s available as tssop28 package, dip28 package, tssop20 package, and so20 package. 3. applications ? emetering ? lighting ? alarm systems ? white goods lpc1110_11_12_13_14 all information provided in this document is subject to legal di...
Description 32-bit ARM Cortex-M0 microcontroller; 4 kB flash and 1 kB SRAM

File Size 1,097.59K  /  84 Page

View it Online

Download Datasheet

For dip28 Found Datasheets File :: 203    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dip28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.259015083313