Part Number Hot Search : 
C908G 318AMX 2E105K 22222 HN1B01F 1SS362 E3000 NT2955
Product Description
Full Text Search
  dip20 Datasheet PDF File

For dip20 Found Datasheets File :: 556    Search Time::2.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DIP20

STMicroelectronics
ETC
Part No. dip20
OCR Text (R) Thermal Data DIP 20 20 leads PACKAGE MATERIAL LIST item # material thickness thermal conductivity 2.61 W/cmC 0.01 W/cmC leadframe die attach copper epoxy glue ( silver glue ) epoxy resin 0.25 mm 10-40 m molding compo...
Description Thermal Data

File Size 214.56K  /  2 Page

View it Online

Download Datasheet





    L9704D L9704 1412

http://
STMICROELECTRONICS[STMicroelectronics]
SGS Thomson Microelectronics
Part No. L9704D L9704 1412
OCR Text ...Power Dissipation at Tamb = 80C dip20 SO20 Storage and Junction Temperature Range Parameter Transient Supply Voltage (t 1s) Test Conditions +40 7 40 50 -75 Internally Limited VCC +0.3 -0.3 875 420 -55 to 150 V V mW mW C Unit V V mA mA mA ...
Description    OCTAL SUPPLY CONTACT MONITORING CIRCUIT
From old datasheet system

File Size 169.80K  /  8 Page

View it Online

Download Datasheet

    Philips
Part No. 74HC245PW
OCR Text ...-40 C to +125 C -40 C to +125 C dip20 SO20 TSSOP20 SSOP20 Description plastic dual in-line package; 20 leads (300 mil) plastic small outline package; 20 leads; body width 7.5 mm Version SOT146-1 SOT163-1 Type number plastic thin shrink s...
Description 74HC/HCT245; Octal bus transceiver; 3-state

File Size 125.24K  /  23 Page

View it Online

Download Datasheet

    TDA7285 TDA7285D

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. TDA7285 TDA7285D
OCR Text ...rket and assembled in a plastic dip20 and SO20. The internal functions are: preamplifier, DC volume conBLOCK DIAGRAM dip20 SO20 ORDERING NUMBERS: TDA7285 TDA7285D trol, headphone driver and motor speed controller. May 1997 1/11 ...
Description STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER

File Size 153.12K  /  11 Page

View it Online

Download Datasheet

    Linkage
Part No. SM74HC245
OCR Text ...5*4.4*1.0 0.65 sm74hc245p dip20 24.6*6.4*3.4 2.54 ?? ? ? cmos ? ?? ? ?? ? esd h b m > 4 kv ? ? ? sop20 sop20 - 2 tssop20 dip20 ? ? led ??? ...
Description Octal tristate output signal transceiver

File Size 1,233.82K  /  8 Page

View it Online

Download Datasheet

    Sunmoon
Part No. SM74HC245
OCR Text ...4.5mm - 4.3mm sm74hc245p dip20 6.4mm - 6.2mm ? ? cmos ? ? 3.0v5.0v ? ?? ? ?? ? ?? sop20 sop20-2 tssop20 dip20 ? ? ??? ?? 11 12 13 14 15 16 17 18 19 10 9 8 7 6 5 4 3 2 1 20 a7 a6 gn...
Description Octal bus tranceiver

File Size 1,089.87K  /  8 Page

View it Online

Download Datasheet

    TDA7730B TDA7330BD TDA7330B 1492 TDA7330 TDA7330BD013TR

STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. TDA7730B TDA7330BD TDA7330B 1492 TDA7330 TDA7330BD013TR
OCR Text ...liasing input filBLOCK DIAGRAM dip20 SO20 ORDERING NUMBERS: TDA7330B TDA7330BD ter, a 57KHz switched capacitor band pass filter, a smoothing filter and cross detector, a bit rate clock recovery circuit, a 57KHz PLL, BI-PHASE PSK decoder...
Description SINGLE CHIP RDS DEMODULATOR FILTER
From old datasheet system
SINGLE CHIP RDS DEMODULATOR FILTER

File Size 1,440.80K  /  9 Page

View it Online

Download Datasheet

    Philips
Part No. PCA84C222 PCA84C122
OCR Text ...s (SO20, SO24, SO28, SDIP24 and dip20); see Chapter 4 * On-chip oscillator: 455 kHz to 6 MHz * Single supply voltage: 2.0 V to 5.5 V * Operating temperature: -20 to +50 C. 2 GENERAL DESCRIPTION The PCA84C122 is a stand-alone microcontrol...
Description 8-bit microcontrollers for remote control transmitters
From old datasheet system

File Size 104.76K  /  24 Page

View it Online

Download Datasheet

For dip20 Found Datasheets File :: 556    Search Time::2.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dip20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1787140369415