Part Number Hot Search : 
ABACT00 AN6783S NJU87 UNR31A1G ST72F SA211 52203 AT24C
Product Description
Full Text Search
  diode sm Datasheet PDF File

For diode sm Found Datasheets File :: 6426    Search Time::1.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SM-1 SM-3 SM-4

Micronetics, Inc.
Part No. sm-1 sm-3 sm-4
OCR Text diode_smT/Surface_Mount_NC202_sm4.pdf sm-SERIES MINI-NOISE diodeS 10 KHZ TO 100 MHZ DESCRIPTION Micronetics' sm-Series diode with its small, surface mount SOT-23 package is ideally suited for medium and high volume production circuits....
Description MINI-NOISE diodeS 10 KHZ TO 100 MHZ

File Size 229.88K  /  1 Page

View it Online

Download Datasheet





    Infineon
Part No. sm-ATM1X9IRDC/DC5V
OCR Text ...ansceiver unit with ? mqw laser diode transmitter ? ingaas pin photodiode receiver ? duplex st ? receptacle  class 1 fda and iec laser saf...sm), that switches the optical power off if a continuously low level is applied at data input. the t...
Description Transceivers by Form-factor MSA -

File Size 227.37K  /  12 Page

View it Online

Download Datasheet

    DTR-622-SM-LC-A-HP-IR DTR-622-SM-LC-A-HP-LR1 DTR-622-SM-LC-A-HP-LR2 DTR-622-SM-LC-A-HP-ST DTR-622-SM-LC-A-L3-IR DTR-622-

OPLINK Communications Inc.
Part No. DTR-622-sm-LC-A-HP-IR DTR-622-sm-LC-A-HP-LR1 DTR-622-sm-LC-A-HP-LR2 DTR-622-sm-LC-A-HP-ST DTR-622-sm-LC-A-L3-IR DTR-622-sm-LC-A-L3-LR1 DTR-622-sm-LC-A-L3-LR2 DTR-622-sm-LC-A-L3-ST DTR-622-sm-LS-A-HP-IR DTR-622-sm-LS-A-HP-LR1 DTR-622-sm-LS-A-HP-LR2 DTR-622-sm-LS-A-HP-ST DTR-622-sm-LS-A-L3-IR DTR-622-sm-LS-A-L3-LR1 DTR-622-sm-LS-A-L3-LR2 DTR-622-sm-LS-A-L3-ST
OCR Text ...nput is at logic LOW, the Laser diode is ON; and vice versa. The transmitter is normally enabled (i.e. when the TX DISABLE control input is ...sm-LC-MR 5 TX DISABLE 8 RXD+ RXD SIGNAL DETECT 4 3 7 GND POSTS 1 160 50 ohm line 100 ...
Description Multi-rate OC-12/STM-4 Single mode SFF Transceivers

File Size 222.04K  /  7 Page

View it Online

Download Datasheet

    2035-09-SM-RPLF12

Bourns Electronic Solutions
Part No. 2035-09-sm-RPLF12
OCR Text ...on 1 gdt: 2035-09-sm-rplf 1 tvs diode: smlj20a copyright? 2012 ? bourns, inc. ? 6/12 ? e/cpk1161 ? portnote is a registered service mark of bourns, inc. bourns is a registered trademark of bourns, inc. in the u.s. and other countries....
Description Satellite Receiver RF Input

File Size 192.81K  /  1 Page

View it Online

Download Datasheet

    ISOCOM COMPONENTS LTD
Part No. IS611-sm IS610G IS610XG ISOCOMCOMPONENTSLTD-IS611X-sm IS611-smTAMPR
OCR Text ...ting of infrared light emitting diode and a symmetrical bilateral silicon photodetecto r . the detector is electrically isolated from the in...sm after part no. tape&reel - add smt&r after part no. as a remote variable resistor l 100 w to 3...
Description 1 CHANNEL FET OUTPUT OPTOCOUPLER

File Size 56.37K  /  3 Page

View it Online

Download Datasheet

    ISOCOM COMPONENTS LTD
Part No. IS205-2-sm
OCR Text ...sist of infrared light emitting diode and npn silicon photo transistor in a standard 6 pin dual in line plastic package with the base pin un...sm after part no. tape&reel - add smt&r after part no. l low input current 0.5ma i f l high current ...
Description 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER

File Size 36.58K  /  3 Page

View it Online

Download Datasheet

    ISOCOM COMPONENTS LTD
Part No. IS201-63-sm
OCR Text ...s of an infrared light emitting diode and a npn silicon photo transistor in a standard 6 pin dual in line plastic package. features l option...sm after part no. tape&reel - add smt&r after part no. l high bv ceo (70v min) l high isolation vol...
Description 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER

File Size 39.77K  /  3 Page

View it Online

Download Datasheet

    ISOCOM COMPONENTS LTD
Part No. ISP817BLX-sm ISP827BLX-sm ISP847BLX
OCR Text ...se for 10 secs) 260c input diode forward current 50ma reverse voltage 6v power dissipation 70mw output transistor collector-emitter voltage bv ceo 35v emitter-collector voltage bv eco 6v power dissipation 150mw power dissipation total ...
Description 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
2 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
4 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER

File Size 62.68K  /  3 Page

View it Online

Download Datasheet

For diode sm Found Datasheets File :: 6426    Search Time::1.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of diode sm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66324806213379