Part Number Hot Search : 
MLL3821A CTG24S OPB39T55 W562S15 355513 TNY255P H20A09 VDXXXX
Product Description
Full Text Search
  device host otg Datasheet PDF File

For device host otg Found Datasheets File :: 575    Search Time::3.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Philips
Part No. ISP1362
OCR Text ...(PSHC) and the Philips ISP1181B device Controller (DC). The USB otg controller is compliant with On-The-Go Supplement to the USB 2.0 Specification Rev. 1.0. The host and device controllers are compliant with Universal Serial Bus Specificati...
Description Single-chip Universal Serial Bus On-The-Go controller

File Size 528.15K  /  148 Page

View it Online

Download Datasheet





    NXP Semiconductors N.V.
Part No. LPC1820FET100
OCR Text ... ? one high-speed usb 2.0 ho st/device/otg interface with dma support and on-chip high-speed phy (usb0). ? one high-speed usb 2.0 host/device in terface with dma support, on-chip full-speed phy and ulpi interface to an external high-speed...
Description 32-bit ARM Cortex-M3 MCU??kB flash, 168kB SRAM, TFBGA100 package

File Size 2,596.23K  /  144 Page

View it Online

Download Datasheet

    ISP1362BD ISP1362 ISP1362EE ISP1362EE_01 JDP2S01T

TOSHIBA[Toshiba Semiconductor]
N.A.
ETC[ETC]
Philips Semiconductors
Part No. ISP1362BD ISP1362 ISP1362EE ISP1362EE_01 JDP2S01T
OCR Text ...(PSHC) and the Philips ISP1181B device Controller (DC). The USB otg controller is compliant with On-The-Go Supplement to the USB 2.0 Specification Rev. 1.0a. The host and device controllers are compliant with Universal Serial Bus Specificat...
Description UHF~VHF Band RF Attenuator Applications
Single-chip Universal Serial Bus On-The-Go controller

File Size 574.74K  /  150 Page

View it Online

Download Datasheet

    ISP1761 ISP1761ET ISP1761BE

PHILIPS[Philips Semiconductors]
Part No. ISP1761 ISP1761ET ISP1761BE
OCR Text ...Specification Rev. 2.0 and most device class specifications x Supports auto Hi-Speed USB mode discovery and Original USB fallback capabiliti...host or USB peripheral--depending on the cable connection. If the dual-role device is connected to a...
Description Hi-Speed Universal Serial Bus On-The-Go controller
PHILIPS

File Size 635.37K  /  158 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX3353E
OCR Text ...function as a USB otg dual-role device. The charge pump in the MAX3353E supplies VBUS power and signaling that is required by the transceive...host negotiation protocol (HNP). The MAX3353E has built-in 15kV ESD protection circuitry to guard VB...
Description USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors

File Size 374.06K  /  21 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX3355E
OCR Text ...function as a USB otg dual-role device. USB otg facilitates the direct connection of peripherals and mobile devices such as PDAs, cellular p...host PC. The MAX3355E's internal charge pump supplies VBUS power and signaling that is required by t...
Description ?à15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP

File Size 255.96K  /  11 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. LPC4350FET180 LPC4310FBD144
OCR Text ... ? one high-speed usb 2.0 ho st/device/otg interface with dma support and on-chip high-speed phy (usb0). ? one high-speed usb 2.0 host/device in terface with dma support, on-chip full-speed phy and ulpi interface to external high-speed p...
Description Dual-core Cortex-M4/M0, 264 kB SRAM, 2 HS USB with on-chip PHY, Ethernet, LCD, CAN, AES, SPIFI, SGPIO, SCT
Dual-core Cortex-M4/M0, 168 kB SRAM, CAN, AES, SPIFI, SGPIO, SCT

File Size 2,887.00K  /  150 Page

View it Online

Download Datasheet

    LPC1830FBD144 LPC1830FET100 LPC1830FET180 LPC1830FET256

NXP Semiconductors
Part No. LPC1830FBD144 LPC1830FET100 LPC1830FET180 LPC1830FET256
OCR Text ... ? one high-speed usb 2.0 ho st/device/otg interface with dma support and on-chip high-speed phy (usb0). ? one high-speed usb 2.0 host/device in terface with dma support, on-chip full-speed phy and ulpi interface to an external high-speed...
Description 0kB flash, 200kB SRAM, Ethernet, LQFP144 package
0kB flash, 200kB SRAM, Ethernet, TFBGA100 package
0kB flash, 200kB SRAM, Ethernet, TFBGA180 package
0kB flash, 200kB SRAM, Ethernet, LBGA256 package

File Size 2,586.08K  /  144 Page

View it Online

Download Datasheet

For device host otg Found Datasheets File :: 575    Search Time::3.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of device host otg

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5659301280975