Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
  description Datasheet PDF File

For description Found Datasheets File :: 346259    Search Time::1.718ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DS2484

Maxim Integrated Products
Part No. DS2484
OCR Text description the ds2484 is an i 2 c-to-1-wire m bridge device that interfaces directly to standard (100khz max) or fast (400khz max) i 2 c masters to perform protocol con - version between the i 2 c master and any downstream 1-wire slave...
Description Single-Channel 1-Wire Master

File Size 2,061.52K  /  29 Page

View it Online

Download Datasheet





    Solomon Systech
Part No. SSD1030
OCR Text description ............................................................................................................ 1 2 features .........................................................................................................
Description Boost Regulating White LED drivers

File Size 179.69K  /  15 Page

View it Online

Download Datasheet

    NB3W1200L

ON Semiconductor
Part No. NB3W1200L
OCR Text ...ock zdb/fanout buf fer for pcle description the nb3n1200k and nb3w1200l dif ferential clock buf fers are db1200z and db1200zl compliant and are designed to work in conjunction with a pcie compliant source clock synthesizer to provide poi...
Description 3.3V 100MHz - 133MHz Differential 1:12 HCSL or Push-Pull Clock ZDB - Fanout Buffer

File Size 358.04K  /  26 Page

View it Online

Download Datasheet

    SA9258

Silan Microelectronics Joint-stock
Part No. SA9258
OCR Text description The SA9258, an IC for CD players, has a 4-channel BTL driver, 5V regulator (attached PNP transistor required), standard operational amplifier, and internal reset output linked to an internal thermal shutdown circuit. The driver...
Description 4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE

File Size 596.45K  /  10 Page

View it Online

Download Datasheet

    WM7121P WM7121PE

Wolfson Microelectronics plc
Part No. WM7121P WM7121PE
OCR Text ... wolfson microelectronics plc description the wm7121p is a low-profile silicon analogue microphone. it offers high signal to noise ratio (snr) and low power consumption and is suited to a wide variety of consumer applications. the wm...
Description Top Port Analogue Silicon Microphone

File Size 294.91K  /  13 Page

View it Online

Download Datasheet

   
Part No. R8A77800ADBGV
OCR Text ...o the bit are provided in the description. the bit is always read as 0. the write value should be 0 or one, which has been read immediately before writing. writing the value, which has been read immediately before writing has the adv...
Description 32-BIT, FLASH, 402 MHz, RISC MICROCONTROLLER, PBGA449

File Size 7,861.74K  /  1340 Page

View it Online

Download Datasheet

    MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-

Cree, Inc
Part No. MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-0000-0001E7 MLEAWT-H1-0000-0003E1 MLEAWT-H1-0000-0003E3 MLEAWT-A1-0000-000351 MLEAWT-P1-0000-0001E7 MLEAWT-U1-0000-0000E7 MLEAMB-A1-0000-000X01 MLEAWT-A1-0000-0001E7 MLEAWT-A1-0000-0002E5 MLEAWT-A1-0000-000451 MLEBLU-A1-0000-000U01 MLESWT-A1-0000-0002E5 MLESWT-A1-0000-000351 MLESWT-A1-0000-0002E7 MLESWT-A1-0000-0001E7 MLESWT-A1-0000-0003E5 MLESWT-A1-0000-000451 MLEROY-A1-0000-000501 MLESWT-H1-0000-0003E1
OCR Text ...e ? xlamp ? ml-e leds product description the cree xlamp m l-e le d brings lighting-class reliability and performance to ?-watt l eds. the xlamp m l-e expands crees lighting-class leadership to l ed bulbs and linear and distribute...
Description Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?CRI minimum

File Size 1,331.29K  /  26 Page

View it Online

Download Datasheet

    SC65D02C40 SC65D02C40A SC65D02C40B SC65D02C40C

Silan Microelectronics Joint-stock
Part No. SC65D02C40 SC65D02C40A SC65D02C40B SC65D02C40C
OCR Text description SC65D02C40 is a preset universal remote control transmitter which uses Silan's 8-bit MCU core SC65X. It integrates 40K-byte MASK ROM, memory and special code transmitting module, so a preset universal remote solution can be eas...
Description 8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)

File Size 1,030.39K  /  16 Page

View it Online

Download Datasheet

For description Found Datasheets File :: 346259    Search Time::1.718ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of description

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4994809627533