Part Number Hot Search : 
RV2207N 30OHM TDSO315 TB0614A LA7682 SS540 30F401 SF166CS
Product Description
Full Text Search
  demux mux Datasheet PDF File

For demux mux Found Datasheets File :: 1082    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. PI3USB40
OCR Text ...bandwidth, 8-channel, 2:1, mux/demux usb 2.0 switch with single enable sel y 7 y 6 y 5 y 4 y 3 y 2 y 1 y 0 1i 1 0i 1 1i 2 0i 2 3i 1 2i 1 3i 2 2i 2 5i 1 4i 1 5i 2 4i 2 7i 1 6i1 7i 2 6i 2 2 ps8698 07/25/03 pi3usb40 3...
Description ASSP | 3.3V. Wide Bandwidth. 8-Channel. 2:1 mux/demux USB 2.0 Switch

File Size 271.31K  /  6 Page

View it Online

Download Datasheet





    BCM8112

Electronic Theatre Controls, Inc.
ETC[ETC]
Part No. BCM8112
OCR Text ...differential data outputs 16:64 demux * differential datawith LVDS 622.08/644.45 Mbps series inputs and 155.52/166.65 Mbps terminated logic ...mux Output Retime DLO0P DLO0N 622.08/666.51 Mbps LVDS DLO15P DPI63 155.52/166.63 Mbps LVPEC...
Description 16BIT LVDS AND 64BIT LVPECL INTERFACE

File Size 34.89K  /  2 Page

View it Online

Download Datasheet

    HMC847LC5

Hittite Microwave Corporation
Part No. HMC847LC5
OCR Text ...343 or apps@hittite.com mux & demux - smt 3 3 - 1 the hmc847lc5 is a 4:1 multiplexer designed for 45gbps data serialization. the mux latches the four differential inputs on the transition points of the input clock...
Description 45 Gbps, 4:1 mux WITH DUTY CYCLE CONTROL & PROGRAMMABLE OUTPUT VOLTAGE

File Size 1,076.20K  /  10 Page

View it Online

Download Datasheet

    PERICOM SEMICONDUCTOR CORP
Part No. PI2PCIE2214ZHE
OCR Text demux ? pci express ? 2.0 performance, 5.0 gbps ? low bit-to-bit skew, 7ps max. ? low crosstalk: -23db@3ghz ? low off isolation: -23...mux/demux switch a0- a0+ a1- a1+ b0- b0+ b1- b1+ c0- c0+ c1- c1+ d0- d0+ d1- d1+ z0- z0+ z1- z1+ dec...
Description DIFFERENTIAL MULTIPLEXER, QCC42

File Size 482.56K  /  6 Page

View it Online

Download Datasheet

    PERICOM SEMICONDUCTOR CORP
Pericom Semiconductor C...
Part No. PI3PCIE2215ZHE
OCR Text demux ? pci express ? 2.0 performance, 5.0gbps ? pinout optimized for placement between two pcie slots ? bi-directional operation ? low ...mux/demux switch bi- bi+ ai- ai+ aoa- aoa+ aob- aob+ boa- boa+ bob- bob+ sel truth table function se...
Description MULTIPLEXER, QCC28
   3.3V, PCI Express 1-lane, 2:1 mux/demux Switch

File Size 405.79K  /  10 Page

View it Online

Download Datasheet

    QS32390QG

Integrated Device Technology
Integrated Device Technolog...
Integrated Device Techn...
Part No. QS32390QG
OCR Text ...directional connection for mux, demux ?25 resistors for low noise ? available in qsop package applications: ? video, audio, graphics switching, muxing ? hot-swapping, hot-docking ? voltage translation (5v to 3.3v) idtqs32390 quickswit...
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16 8 MULTIPLEXER
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER

File Size 210.88K  /  5 Page

View it Online

Download Datasheet

    HDMP-1526

HP[Agilent(Hewlett-Packard)]
Agilent (Hewlett-Packard)
Part No. HDMP-1526
OCR Text ...R DATA BYTE RX[0-9] FRAME demux AND BYTE SYNC INTERNAL Rx CLOCKS INPUT SAMPLER BYTSYNC ENBYTSYNC Figure 2. HDMP-1526 Trans...mux The FRAME mux accepts the 10bit wide parallel data from the INPUT LATCH. Using internally genera...
Description Transistor Diode Kit;Contents Of Kit:Transistor/Diode Kit
Fibre Channel Transceiver Chip

File Size 217.05K  /  14 Page

View it Online

Download Datasheet

    HDMP-1536 HDMP-1546

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HDMP-1536 HDMP-1546
OCR Text ...R DATA BYTE RX[0-9] FRAME demux AND BYTE SYNC INTERNAL RX CLOCKS INPUT SAMPLER BYTSYNC ENBYTSYNC Figure 2. HDMP-15x6 Trans...mux The FRAME mux accepts the 10bit wide parallel data from the INPUT LATCH. Using internally genera...
Description Fibre Channel Transceiver Chip

File Size 246.58K  /  15 Page

View it Online

Download Datasheet

    HDMP-1636 HDMP-1646

Dantona Industries, Inc.
HP[Agilent(Hewlett-Packard)]
Agilent (Hewlett-Packard)
Part No. HDMP-1636 HDMP-1646
OCR Text ...R DATA BYTE RX[0-9] FRAME demux AND BYTE SYNC INTERNAL RX CLOCKS INPUT SAMPLER BYTSYNC ENBYTSYNC Figure 2. HDMP-16x6 Trans...mux The FRAME mux accepts the 10bit wide parallel data from the INPUT LATCH. Using internally genera...
Description Gigabit Ethernet Transceiver Chip 千兆以太网收发器芯片
Software

File Size 314.09K  /  15 Page

View it Online

Download Datasheet

For demux mux Found Datasheets File :: 1082    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of demux mux

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50614809989929