Part Number Hot Search : 
HN3C10FE WCB30C2 N360C AOT11N70 2SC17 G9131 S0500 T3906
Product Description
Full Text Search
  dc-4ghz Datasheet PDF File

For dc-4ghz Found Datasheets File :: 1001    Search Time::1.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Integrated Device Techn...
Part No. F2976EVBI-50OHM
OCR Text ... port. if this pin is not 0 v dc, then an external coupling capacitor must be used. 3 gnd internally grounded. connect pin directly...4ghz 40 dbm f rf = 6.0ghz 40 f rf = 8.0ghz 40 input ip3 (rf1, rf2 to rfc) iip...
Description High Linearity Broadband SP2T 5MHz to 10GHz

File Size 3,997.46K  /  24 Page

View it Online

Download Datasheet





    Integrated Device Techn...
Part No. F2972EVBI-50OHM
OCR Text ... port. if this pin is not 0 v dc, then an external coupling capacitor must be used. 3 gnd internally grounded. connect pin directly...4ghz 40 dbm f rf = 6.0ghz 40 f rf = 8.0ghz 40 input ip3 (rf1, rf2 to rfc) iip...
Description High Linearity Broadband SP2T 5MHz to 10GHz

File Size 3,962.94K  /  24 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Part No. MAX14954ETO MAX14954EVKIT
OCR Text ...ol conditions min typ max units dc performancepower-supply range v cc 3.0 3.6 v supply current i cc en = v cc oeq2 = gnd, oeq1 = gnd, oeq0 =...4ghz 5 common-mode input return loss rl rx-cm f = 0.05ghz to 2.5ghz 6 db f = 2.5ghz to 4ghz 4 di...
Description Ruggedized Quad PCIe Redriver with Equalization and Extended Temperature Operation

File Size 1,238.50K  /  17 Page

View it Online

Download Datasheet

    Johanson Technology Inc...
Part No. 3700BL15C0050S 3700BL15C0050E
OCR Text ...part number 1w max. (cw) gnd or dc feed mechanical dimensions 0.012 +0.004/0.008 0.30 +0.1/-0.2 0.012 0.004 0.30 frequency (mhz) 3400 ~ 4000...4ghz) 1:1 rf balun eia 0805, 6-pin ver 1.0 4/7/2016 typical electrical characteristics (t=25 c) m...
Description 3700MHz (3.4-4GHz) 1:1 RF Balun EIA 0805, 6-Pin

File Size 320.82K  /  3 Page

View it Online

Download Datasheet

    HRF-AT4520-TR HRF-AT4520-B HRF-AT4520-E HRF-AT4520

Honeywell Solid State Electronics Center
Part No. HRF-AT4520-TR HRF-AT4520-B HRF-AT4520-E HRF-AT4520
OCR Text dc-4ghz, 5 Bit Parallel Digital Attenuator Features * * * * * * Very Low DC Power Consumption Attenuation In Steps From 1 dB To 31 dB Single Or Dual Power Supply Voltages Parallel Data Interface 50 Ohm Compatible Impedance TM Space Saving...
Description 31.0 dB, dc-4ghz, 5 Bit Parallel Digital Attenuator

File Size 88.10K  /  7 Page

View it Online

Download Datasheet

    HRF-AT4610-TR HRF-AT4610-B HRF-AT4610-E HRF-AT4610

Honeywell Solid State Electronics Center
Part No. HRF-AT4610-TR HRF-AT4610-B HRF-AT4610-E HRF-AT4610
OCR Text dc-4ghz, 6 Bit Parallel Digital Attenuator Features * * * * * * Very Low DC Power Consumption Attenuation In Steps From 0.5 dB To 31.5 dB Single Or Dual Power Supply Voltages Parallel Data Interface 50 Ohm Compatible Impedance TM Space Sa...
Description 31.5 dB, dc-4ghz, 6 Bit Parallel Digital Attenuator

File Size 120.42K  /  8 Page

View it Online

Download Datasheet

    MAX2820 MAX2820EGM-TD MAX2820ETMTD MAX2820-MAX2821 MAX2821 MAX2821EGM-TD MAX2821ETMTD MAX2820-BMAX2821 MAX2821ETM_TD MAX

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX2820 MAX2820EGM-TD MAX2820ETMTD MAX2820-MAX2821 MAX2821 MAX2821EGM-TD MAX2821ETMTD MAX2820-BMAX2821 MAX2821ETM_TD MAX2820ETM_TD
OCR Text ...AUTION! ESD SENSITIVE DEVICE DC ELECTRICAL CHARACTERISTICS (MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, RF_GAIN = VIH, 0V VTX_GC +2....4GHz 802.11b Zero-IF Transceivers DC ELECTRICAL CHARACTERISTICS (continued) (MAX2820/MAX2821 EV ki...
Description 2.4GHz 802.11b Zero-IF Transceivers

File Size 377.63K  /  23 Page

View it Online

Download Datasheet

    TRIQUINT[TriQuint Semiconductor]
Part No. TQP2420G
OCR Text ... 2 of 13 TQP2420G Datasheet DC Electrical Performance* At Vref=2.95V typical Parameter, Operating Voltage Supply Range Supply Current: Ta = 25C, Vcc=Vref=2.95 Vc1=Vc2= 3.3V Linear Output Power = 19dBm, with 802.11g 54Mbps modulation Su...
Description 2.4GHz ISM Band InGaP HBT Power Amplifier

File Size 341.38K  /  13 Page

View it Online

Download Datasheet

    Renesas Electronics Corporation
Part No. QLX4270RIQT7
OCR Text ...detection threshold. referenc e dc current threshold for input signal power de tection. data output out[k] is muted when the power of the ...4ghz frequency respon se is recommended. v dd 4, 7, 10, 29, 32, 35 power supply. 1.2v supply voltag...
Description DisplayPort Lane Extender

File Size 382.88K  /  7 Page

View it Online

Download Datasheet

For dc-4ghz Found Datasheets File :: 1001    Search Time::1.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dc-4ghz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.6361639499664