Part Number Hot Search : 
HMC570 ND31382A 74HC5 MSS2105 AS450 AD7533LR 8857F9 K1767
Product Description
Full Text Search
  d2pak Datasheet PDF File

For d2pak Found Datasheets File :: 3139    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. MJB32B
OCR Text d2pak (TO-263) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4") ELECTRICALLY SIMILAR TO TIP32B s APPLICATION LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT 3 DESCRIPTION The MJB32B is manufactured using Epitaxial-base Technology for use in m...
Description PNP SILICON POWER TRANSISTOR
PNP SILICON POWER TRANSISTOR

File Size 121.73K  /  5 Page

View it Online

Download Datasheet





    IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR

IRF[International Rectifier]
Part No. IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR
OCR Text ...e variety of applications. The d2pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The ...
Description 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?

File Size 122.02K  /  10 Page

View it Online

Download Datasheet

    IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1010NSTRL IRF1010NLPBF

IRF[International Rectifier]
Part No. IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1010NSTRL IRF1010NLPBF
OCR Text ...e variety of applications. The d2pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The ...
Description 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?

File Size 144.82K  /  10 Page

View it Online

Download Datasheet

    STGB20H60DF STGP20H60DF STGF20H60DF

ST Microelectronics
STMicroelectronics
Part No. STGB20H60DF STGP20H60DF STGF20H60DF
OCR Text ... paralleling operation. to-220 d2pak 1 2 3 tab 1 3 tab to-220fp 1 2 3 c (2, tab) e (3) g (1) table 1. device summary order codes marking packages packaging stgb20h60df gb20h60df d2pak tape and reel stgf20h60df gf20h60df to-220fp tube stgp2...
Description 600 V, 20 A high speed trench gate field-stop IGBT

File Size 1,826.19K  /  22 Page

View it Online

Download Datasheet

    IRF1302L IRF1302S

IRF[International Rectifier]
Part No. IRF1302L IRF1302S
OCR Text ...riety of other applications. d2pak IRF1302S TO-262 IRF1302L Absolute Maximum Ratings Parameter ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Curre...
Description Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A?
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A?)
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A)
Power MOSFET(Vdss=20V/ Rds(on)=4.0mohm/ Id=174A)

File Size 225.99K  /  11 Page

View it Online

Download Datasheet

    IRF1310NL IRF1310NS

IRF[International Rectifier]
Part No. IRF1310NL IRF1310NS
OCR Text ...de variety of applications. The d2pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The ...
Description Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)

File Size 152.94K  /  10 Page

View it Online

Download Datasheet

    IRF1404L IRF1404S

IRF[International Rectifier]
Part No. IRF1404L IRF1404S
OCR Text ...e variety of applications. The d2pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The ...
Description Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?)
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A)

File Size 237.30K  /  10 Page

View it Online

Download Datasheet

    STTH1302CT03 STTH1302CG-TR

ST Microelectronics
STMicroelectronics
Part No. STTH1302CT03 STTH1302CG-TR
OCR Text ...TO-220AB STTH1302CT A2 A1 d2pak STTH1302CG A2 K A1 DESCRIPTION Dual center tap rectifier suited for Switch Mode Power Supplies and high frequency DC to DC converters. This device is especially intended for use in low voltage, hi...
Description HIGH EFFICIENCY ULTRAFAST DIODE

File Size 111.84K  /  7 Page

View it Online

Download Datasheet

    IRF1407L IRF1407S IRF1407STRR

IRF[International Rectifier]
International Rectifier, Corp.
Part No. IRF1407L IRF1407S IRF1407STRR
OCR Text ...e variety of applications. The d2pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The...
Description 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?)
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A)
Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A)
TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB

File Size 158.12K  /  11 Page

View it Online

Download Datasheet

For d2pak Found Datasheets File :: 3139    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of d2pak

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7090241909027