Part Number Hot Search : 
30001 XF075 BT139 TD62101F PD200S8 21000 3CW30000 D1640
Product Description
Full Text Search
  cut stripper Datasheet PDF File

For cut stripper Found Datasheets File :: 12    Search Time::0.89ms    
Page :: | <1> | 2 |   

    ADC
Part No. BNC-RG187-PNL
OCR Text ...e on the stripper cassette will cut into cable. can be adjusted for most cable types. empty t ool handle requir es memor y and stripper cassette automatic cable stripper includes nicad batter y pack, stripper body , ac/dc char ger , abs pl...
Description BNC CONNECTOR

File Size 540.00K  /  12 Page

View it Online

Download Datasheet





    M22520-2-01

Harwin Plc
Part No. M22520-2-01
OCR Text ...5N 12.5N 85N 140N 142N 2. cut the end of the cable to be terminated so that there is a clean cut end (Figure A). Strip the cable to the correct length (Figure B) using a PTFE Wire stripper, preferably with adjustable rotating cutter. ...
Description DATAMATE HAND CRIMP TOOL

File Size 75.04K  /  5 Page

View it Online

Download Datasheet

    Molex, Inc.
Part No. 08-35-0105
OCR Text ...conductor crimp twisting cut - off tab seam mini-mac applicator specification sheet order no. 11-18-2130 engineering no. ma...stripper bolt 1 18 63800-0116 63800-0116 guide pin drag frame 2 19 63800-0119 63800-0...
Description 156 KK Term RA Chain Brass 10Ckt 0.8 mm2, BRASS, GOLD FINISH, WIRE TERMINAL

File Size 346.30K  /  5 Page

View it Online

Download Datasheet

    0638019250 0638019200

Molex Electronics Ltd.
Part No. 0638019250 0638019200
OCR Text ... the blades move together and cut into the insulatio n of the cable or wire. 6. the complete slide, with blade head and blades, mov es backwards to the adjusted removal length. at the same time, the sensor moves backwards. 7. afte...
Description Pneumatic Bench Top Wire Stripping Machine Operation Manual

File Size 1,938.39K  /  20 Page

View it Online

Download Datasheet

    B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5741-220-F-T-2 B5741-234-F-T-2 B5741-105-F-T-0 B5743-105-M-T-2 B5743-10

Harwin PLC
HARWIN INC
Part No. B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5741-220-F-T-2 B5741-234-F-T-2 B5741-105-F-T-0 B5743-105-M-T-2 B5743-105-M-L-0 B5741-103-F-N-0 B5743-102-M-T-1 B5743-102-M-L-0 B5743-106-M-T-2 B5740-208-F-C-0 B5740-208-F-C-2 B5741-204-F-N-2 B5741-214-F-T-2 B5740-216-F-D-0 B5743-103-M-T-0 B5743-220-M-T-1 B5743-216-M-L-2 B5743-210-M-L-2 B5743-117-M-L-2 B5743-117-M-L-0 HARWININC-B5743-105-M-L-1 B5740-214-F-C-0 B5743-107-M-T-0 B5741-212-F-N-2 B5741-220-F-T-0 B5740-104-F-D-0 HARWININC-B5743-105-M-T-2 B5741-102-F-N-2 B5741-105-F-T-2 B5741-105-F-N-2 B5741-102-F-T-2
OCR Text ...wtons 28 7/0.125 12.5 newtons cut the end of the cable to give a clean cut end. strip the end of the cable by 2.000.15mm using a pt f e wire stripper, ideally with an adjustable rotating cutter. this should result in a clean edge to the ...
Description BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 13 13-way 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 5-way 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 3-way 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, 8 8-way 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 8 8-way
BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 5 5-way
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 17-way
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 17-way
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 7 7-way
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 7-way
BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 6 6-way
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 10 10-way
BS Datamate L-Tek SIL Female Small Bore Crimp Connector, gold clip tin shell, 4-way
BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2-way
BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way
BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 5-way
BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 2-way

File Size 5,199.28K  /  9 Page

View it Online

Download Datasheet

    CT-160

PANDUIT CORP.
Part No. CT-160
OCR Text ...80 1.0 1.3 1.6 2.0 2.6 mm cut copper only 22 20 18 16 14 12 10 awg 8-32 6-32 m5 m4 m3.5 insulation auto 7-8mm ins in...stripper for removing plastic or rubber wire insulation. strip length should allow a minimum of 1/3...
Description OPERATION INSTRUCTIONS

File Size 96.94K  /  2 Page

View it Online

Download Datasheet

    Agilent (Hewlett-Packard)
Part No. HFBR-0536 HFBR-0537 HFBR-4531 HFBR-4532 HFBR-4533 HFBR-4535
OCR Text ...rom the connector end should be cut off with wire cutters or scissors. Insert the connector fully into the polishing fixture with the trimmed fiber protruding from the bottom of the fixture. This plastic polishing fixture can be used to pol...
Description HFBR-0536 · Eval Kit for proprietary data com apps at data rates up to 32 MBd with AN 1121 figs. 3 & 4 circuits
HFBR-0537 · Eval Kit for proprietary data com apps at data rates up to 32 MBd with AN 1121 figs. 3 & 5
HFBR-4531 · Plastic Fiber Connector - Crimpless (Black)
HFBR-4532 · Plastic Fiber Connector - Crimpless (non-latching)
HFBR-4533 · Plastic Fiber Connector - Crimpless (Blue)
HFBR-4535 · Plastic Fiber Connector - Crimpless (Grey)

File Size 380.49K  /  6 Page

View it Online

Download Datasheet

    HP[Agilent(Hewlett-Packard)]
Part No. HFBR-4532 HFBR-4531
OCR Text ...rom the connector end should be cut off with wire cutters or scissors. Insert the connector fully into the polishing fixture with the trimmed fiber protruding from the bottom of the fixture. This plastic polishing fixture can be used to pol...
Description Crimpless Connectors for Plastic Optical Fiber and Versatile Link

File Size 109.04K  /  6 Page

View it Online

Download Datasheet

    HFBR-0536 HFBR-4532 HFBR-4531

Agilent(Hewlett-Packard)
Part No. HFBR-0536 HFBR-4532 HFBR-4531
OCR Text ...rom the connector end should be cut off with wire cutters or scissors. insert the connector fully into the polishing fixture with the trimmed fiber protruding from the bottom of the fixture. this plastic polishing fixture can be used to pol...
Description Eval Kit for proprietary data com apps at data rates up to 32 MBd with AN 1121 figs. 3 & 4 circuits
Crimpless Connectors for Plastic Optical Fiber and Versatile Link(应用于塑料光纤和通用链接的无压接连接
Eval Kit for proprietary data com apps at data rates up to 32 MBd with AN 1121 figs. 3 & 4 circuits 评估套件与安1121无花果专有数据的COM应用程序的数据传输速率高达32万桶3

File Size 185.20K  /  6 Page

View it Online

Download Datasheet

For cut stripper Found Datasheets File :: 12    Search Time::0.89ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of cut stripper

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5850210189819