Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
  corona Datasheet PDF File

For corona Found Datasheets File :: 354    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    V18MLE0603L V18MLE0402 MLE V18MLE1206 V18MLE0603 V18MLE0805 V18MLE0805L V18MLE0603LA V18MLE0402NH V18MLE0603LWH

LITTELFUSE[Littelfuse]
Part No. V18MLE0603L V18MLE0402 MLE V18MLE1206 V18MLE0603 V18MLE0805 V18MLE0805L V18MLE0603LA V18MLE0402NH V18MLE0603LWH
OCR Text ...(IEC preferred test method). 4. corona discharge through air (represents actual ESD event). 5. Capacitance may be customized, contact your Littelfuse Sales Representative. 134 w w w. l i t t e l f u s e . c o m Next Previous ...
Description Surface mount varistor. Ag/Pd. Max continuous working voltage: 18VDC. 7 in diameter reel.
Surface mount varistor. Ag/Pt. Max continuous working voltage: 18VDC. Bulk pack.
Multilayer Transient Voltage Suppressor
Surface mount varistor. Nickel barrier. Max continuous working voltage: 18VDC. 7in diameter reel.

File Size 151.48K  /  7 Page

View it Online

Download Datasheet





    R2868

HAMAMATSU[Hamamatsu Corporation]
Part No. R2868
OCR Text ...ble discharge phenomena such as corona discharge of high-voltage transmission lines. APPLICATIONS q q q q q q Flame detectors for gas/oil lighters and matches Fire alarms Combustion monitors for burners Inspection of ultraviolet leakage...
Description FLAME SENSOR UV TRON

File Size 142.96K  /  2 Page

View it Online

Download Datasheet

    TVSF0603

Microsemi Corporation
Part No. TVSF0603
OCR Text ...s. Air discharges introduce pre-corona discharge with E and H fields that allow energy to leak through narrow vents and radiate from isolated circuit and enclosure segments. A TVSF device may be very capable of providing protection from ESD...
Description FemtoFarad Polymer ESD Suppressor

File Size 823.31K  /  7 Page

View it Online

Download Datasheet

    LMX1622-05-01 LMX1622-05-02 LMX1622-05-03

Microsemi Corporation
Part No. LMX1622-05-01 LMX1622-05-02 LMX1622-05-03
OCR Text ...it Voltage Regulation Minimizes corona Discharge For High Reliability Power Efficient, "Low Brightness" Capability Allows For Advanced Power Management IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.micros...
Description DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE

File Size 137.25K  /  6 Page

View it Online

Download Datasheet

    LMX1622-12-01 LMX1622-12-03 LXM1622-12-XX LMX1622-12-02

MICROSEMI[Microsemi Corporation]
Part No. LMX1622-12-01 LMX1622-12-03 LXM1622-12-XX LMX1622-12-02
OCR Text ...it Voltage Regulation Minimizes corona Discharge For High Reliability Power Efficient, "Low Brightness" Capability Allows For Advanced Power Management IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.micros...
Description DUAL 5W/ DIGITAL DIMMING CCFL INVERTER MODULE
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE

File Size 133.15K  /  6 Page

View it Online

Download Datasheet

    MA105E104ZAA

Shindengen Electric Mfg.Co.Ltd
Part No. MA105E104ZAA
OCR Text ...under short circuit conditions. corona - corona is the ionization of air or other vapors which causes them to conduct current. It is especially prevalent in high voltage units but can occur with low voltages as well where high voltage gradi...
Description Multiayer Ceramic Leaded Capacitors

File Size 1,027.06K  /  71 Page

View it Online

Download Datasheet

    V18MLN4120 V5.5MLN41206 MLN V14MLN41206 V18MLN41206 V18MLN41206L V9MLN41206

LITTELFUSE[Littelfuse]
Part No. V18MLN4120 V5.5MLN41206 MLN V14MLN41206 V18MLN41206 V18MLN41206L V9MLN41206
OCR Text ... test method). See figure 2. 3. corona discharge through air (represents actual ESD event) 4. Capacitance may be customized, contact Sales. 5.5 9 14 18 18 (A) 30 30 30 30 20 (V) 15.5 at 2A 23 at 2A 30 at 2A 40 at 2A 50 at 1A (J) 0.1 0.1 0.1...
Description Multiline Transient Voltage Surge Suppressor

File Size 165.39K  /  7 Page

View it Online

Download Datasheet

    SA105E104Z SA105E104ZAA MD015E104MAB CK05BX104K MA105E104ZAA SR215E104MAA CCCR05CXXX CCR05CX1R0 CCR05CXXX CCR06CG183JR C

AVX[AVX Corporation]
Part No. SA105E104Z SA105E104ZAA MD015E104MAB CK05BX104K MA105E104ZAA SR215E104MAA CCCR05CXXX CCR05CX1R0 CCR05CXXX CCR06CG183JR CCR76CG102JR CK12BX103K CKR05BX104KS CKR22BX104KR M123A01BXB103K MR051A561JAA
OCR Text ...under short circuit conditions. corona - corona is the ionization of air or other vapors which causes them to conduct current. It is especially prevalent in high voltage units but can occur with low voltages as well where high voltage gradi...
Description Multiayer Ceramic Leaded Capacitors

File Size 1,096.31K  /  71 Page

View it Online

Download Datasheet

    V0402MHS03 V0402MHS12 V0603MHS03 V0603MHS12 MHS V0402MHS12NH

LITTELFUSE[Littelfuse]
Littelfuse, Inc.
Part No. V0402MHS03 V0402MHS12 V0603MHS03 V0603MHS12 MHS V0402MHS12NH
OCR Text ...(IEC preferred test method). 3. corona discharge through air (represents actual ESD event). 4. Capacitance may be customized, contact your Littelfuse Sales Representative. Temperature De-rating For applications exceeding 125oC ambient t...
Description Surface mount varistor. Nickel barrier termination subject to availibility. Capacitance 12pF. 7in diameter reel.
Fuse holder, Connector, Pole Count Single, Current Rating 63 Ampere
   Multilayer High Speed Transient Voltage Surge Suppressor

File Size 302.59K  /  4 Page

View it Online

Download Datasheet

    LXM1640-01 LXM1640

Microsemi Corporation
Part No. LXM1640-01 LXM1640
OCR Text ...ke-voltage regulation minimizes corona discharge in the output transformer and related circuitry, providing longer life and higher reliability. Fail-safe Feature For Multiple Lamp Applications. Our multi-output inverters are designed to kee...
Description DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE
From old datasheet system
DIGITAL DRIVE QUAD LAMP CCFL INVERTER

File Size 183.12K  /  5 Page

View it Online

Download Datasheet

For corona Found Datasheets File :: 354    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of corona

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50153803825378