Part Number Hot Search : 
24D240A1 DTC113Z TLRE160A FSYA254R IRF5305L 2S09655 MR7H5 1410454
Product Description
Full Text Search
  contact1 Datasheet PDF File

For contact1 Found Datasheets File :: 14    Search Time::3.422ms    
Page :: | <1> | 2 |   

    S6D0110

SAMSUNG[Samsung semiconductor]
Part No. S6D0110
OCR Text ...MMY56 DUMMY1 VCOMOUT VCOMOUT contact1 CONTACT2 RESETB1 DUMMY2 DUMMY55 DUMMY54 DUMMY53 G107 G109 G111 G113 G115 G117 G119 G121 DUMMY3 DUMMY4 DUMMY5 VGH VGH VCI3 VCI3 C23+ C23+ C23C23C22+ C22+ C22C22C21+ C21+ C21C21C41+ C41+ C4...
Description 132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD

File Size 589.70K  /  108 Page

View it Online

Download Datasheet





    MICA04 MICA04VP3 MICA06 MICA06VP3 MICA08 MICA08VP3 MICA10 MICA10VP3 MICA12 MICA12VP3 MICA14 MICA14VP3 MICA16 MICA16VP3 M

Lumberg
Part No. MICA04 MICA04VP3 MICA06 MICA06VP3 MICA08 MICA08VP3 MICA10 MICA10VP3 MICA12 MICA12VP3 MICA14 MICA14VP3 MICA16 MICA16VP3 MICA18 MICA18VP3 MICA20 MICA20VP3 MICA26 MICA26VP3 MICAVP3 MICA
OCR Text ...al data < 0.8 N Insertion force/contact1 > 0.4 N Withdrawal force/contact1 Mating with tab headers MICS... Connectable conductors insulation displacement terminal Section AWG 28 (0.090 mm2) AWG 26 (0.135 mm2) AWG 26 (0.140 mm2) Approved cab...
Description Micromodul?Steckverbinder, Raster 1,27 mm
Micromodul??Steckverbinder, Raster 1,27 mm
Micromodul垄芒-Steckverbinder, Raster 1,27 mm

File Size 80.41K  /  2 Page

View it Online

Download Datasheet

    357010 3570

Lumberg
Part No. 357010 3570
OCR Text ...es mecaniques Force d'insertion/contact1 Force de separation/contact1 Raccordement avec PBT, V0 suivant UL 94 PA 6, V2 suivant UL 94 CuSn, argente -40 C/+130 C 4,0 N 0,5 N carte imprimee 1,5 0,14 mm en relation avec cadre de guidage 3...
Description RAST-2.5-Power-Steckverbinder, Raster 5,0 mm

File Size 108.59K  /  2 Page

View it Online

Download Datasheet

    6770 677007 677004 677005 677006 677003 677002

Lumberg
Part No. 6770 677007 677004 677005 677006 677003 677002
OCR Text ...hanical data 5N Insertion force/contact1 2N Withdrawal force/contact1 Mating with pin headers ME ...-508 Connectable conductors insulation displacement terminal Section 6770 0.50-0.75 mm2 Section 6770...S01 0.20-0.38 mm2 Max. insulation dia...
Description Steckbare Anschlussklemmen auf Stiftleisten, Raster 5,08 mm

File Size 130.82K  /  2 Page

View it Online

Download Datasheet

    2.5MBX05 2.5MBX06 2.5MBX02 2.5MBX16 2.5MBX10 2.5MBX04 2.5MBX09

Lumberg
Part No. 2.5MBX05 2.5MBX06 2.5MBX02 2.5MBX16 2.5MBX10 2.5MBX04 2.5MBX09
OCR Text ...hanical data 2N Insertion force/contact1 1.2 N Withdrawal force/contact1 Mating with pin headers 2,5 MS... Connectable conductors insulation displacement terminal Section 0.196-0.22 mm2 Approved cables on the Internet site www.lumberg.com ...
Description Minimodul?Steckverbinder, Raster 2,5 mm
Minimodul??Steckverbinder, Raster 2,5 mm
Minimodul垄芒-Steckverbinder, Raster 2,5 mm

File Size 78.18K  /  2 Page

View it Online

Download Datasheet

    357503 3575 357508

Lumberg
Part No. 357503 3575 357508
OCR Text ...es mecaniques Force d'insertion/contact1 4,0 N 0,5 N Force de separation/contact1 Raccordement avec carte imprimee 1,5 0,14 mm Conducteurs raccordables a deplacement d'isolant Section 0,50-0,75 mm2 Diametre d'isolement 2,5 mm Cables app...
Description RAST-2.5-Power-Steckverbinder, Raster 5,0 mm

File Size 118.43K  /  2 Page

View it Online

Download Datasheet

    3628-107M05S03 3628-103M05S03 3628-108M05S03 3628-104M05S03 3628-102M05S03 3628-106M05S03 3628-105M05S03

Lumberg
Part No. 3628-107M05S03 3628-103M05S03 3628-108M05S03 3628-104M05S03 3628-102M05S03 3628-106M05S03 3628-105M05S03
OCR Text ...Mechanical data Insertion force/contact1 Withdrawal force/contact1 Mating with 5.0 N 1.0 N tab 6.3 x 0.8 mm according to DIN 46244, tab header 3647-1 M07S03, tab headers acc. to RAST 5 standard Connectable conductors insulation displaceme...
Description RAST-5-Steckverbinder, Raster 5,0 mm

File Size 103.56K  /  2 Page

View it Online

Download Datasheet

    0305-108-1U 0305-1U

Lumberg
Part No. 0305-108-1U 0305-1U
OCR Text ...al data < 5.0 N Insertion force/contact1 > 1.2 N Withdrawal force/contact1 Mating with plugs 033..., 036... IP 68 Protection2 Conductor specification and other conductor dimensions on request 4. Electrical data Contact resistance Rated curr...
Description Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68

File Size 415.34K  /  2 Page

View it Online

Download Datasheet

    3628

Lumberg
Part No. 3628
OCR Text ...Mechanical data Insertion force/contact1 Withdrawal force/contact1 Mating with 4.0 N 1.0 N tab 6.3 x 0.8 mm according to DIN 46244, tab header 3647 on request, tab headers acc. to RAST 5 standard Connectable conductors insulation displace...
Description RAST-5-Steckverbinder, Raster 5,0 mm

File Size 96.56K  /  2 Page

View it Online

Download Datasheet

    FI-G30C2-SH-B2-8000 FI-G30S-VF25R3000

Japan Aviation Electronics Industry, Ltd.
Part No. FI-G30C2-SH-B2-8000 FI-G30S-VF25R3000
OCR Text ...able side connector) Components contact1 Materials and Finishes Copper alloy/ Contact area: 0.1um min. Au plating over Ni Terminal area: Sn plating over Ni Copper alloy/ Contact area: 0.1um min. Au plating over Ni Terminal area: Sn plating ...
Description Board to Cable Connector Compatible to High-Speed Differential Transmission

File Size 270.85K  /  7 Page

View it Online

Download Datasheet

For contact1 Found Datasheets File :: 14    Search Time::3.422ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of contact1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.90166687965393