|
|
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
Part No. |
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53AD-DC12K G53AD-DC18 G53AD-DC18K G53AD-DC24 G53AD-DC24K G53AD-DC48 G53AD-DC48K G53AD-DC5 G53AD-DC5K G53AD-DC6 G53AD-DC60 G53AD-DC60K G53AD-DC6K G53AD-DC9 G53AD-DC9K G53AS-DC110 G53AS-DC110K G53AS-DC12 G53AS-DC12K G53AS-DC18 G53AS-DC18K G53AS-DC24 G53AS-DC24K G53AS-DC48 G53AS-DC48K G53AS-DC5 G53AS-DC5K G53AS-DC6 G53AS-DC60 G53AS-DC60K G53AS-DC6K G53AS-DC9 G53AS-DC9K G53CD-DC110 G53CD-DC110K G53CD-DC12 G53CD-DC12K G53CD-DC18 G53CD-DC18K G53CD-DC24 G53CD-DC24K G53CD-DC48 G53CD-DC48K G53CD-DC5 G53CD-DC5K G53CD-DC6 G53CD-DC60 G53CD-DC60K G53CD-DC6K G53CD-DC9 G53CD-DC9K G53CS-DC110 G53CS-DC110K G53CS-DC12 G53CS-DC12K G53CS-DC18 G53CS-DC18K G53CS-DC24 G53CS-DC24K G53CS-DC48 G53CS-DC48K G53CS-DC5 G53CS-DC5K G53CS-DC6 G53CS-DC60 G53CS-DC60K G53CS-DC6K G53CS-DC9
|
Description |
conn 52POS 2MM SOCKET STR pc SMD conn 32POS 2MM SOCKET STR pc SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes conn RCPT 30-POS 15X2 2MM ST conn 34POS 2MM SOCKET R/A pc MT conn 36POS 2MM SOCKET R/A pc MT 60=30X2 2MM FEM SOCKET pc-MNT conn conn 34POS 2MM SOCKET STR pc SMD conn 32POS 2MM SOCKET VERT pc MT conn 40POS 2MM SOCKET STR pc SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE conn 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA conn 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA conn, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:pcB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA conn SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA conn 50POS 2MM SOCKET R/A pc MT 迷你型,重型接触载荷高达4000VA conn 60pos 2MM SOCKET STR pc SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA conn 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA conn 60pos 2MM SOCKET VERT pc MT 迷你型,重型接触载荷高达4000VA conn 34POS 2MM SOCKET VERT pc MT 迷你型,重型接触载荷高达4000VA
|
File Size |
53.92K /
2 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|