Part Number Hot Search : 
865GV PTZ22B ADMTV201 74ALVC1 10100 TC144 0190670 TCRD5V6
Product Description
Full Text Search
  conductor Datasheet PDF File

For conductor Found Datasheets File :: 6261    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Q67106-A8315 SLB0587G SLB0587 Q67100-A8310

SIEMENS[Siemens Semiconductor Group]
Part No. Q67106-A8315 SLB0587G SLB0587 Q67100-A8310
OCR Text ...e drops up to 10 V in the phase conductor between the circuit and the extension button being in phase with the dimming voltage have no effect on the working of the circuit. Especially at operation with long extension lines, the RC-network R...
Description From old datasheet system
Dimmer IC for Halogen Lamps

File Size 865.47K  /  22 Page

View it Online

Download Datasheet





    GT16-30PCF28 GT16CB-1PP-HU GT16-_0.7-1.5PC GT16-_1.6-2.9PC GT16-_1.6-2.9SC GT16-1P-HU GT16-1S-HU GT16-2428PCF GT16-2428S

HIROSE[Hirose Electric]
Hirose Electric USA, INC.
HIROSE ELECTRIC Co., Ltd.
Part No. GT16-30PCF28 GT16CB-1PP-HU GT16-_0.7-1.5PC GT16-_1.6-2.9PC GT16-_1.6-2.9SC GT16-1P-HU GT16-1S-HU GT16-2428PCF GT16-2428SCF GT16C-_1.6-2.9SC GT16C-1P_S-R GT16C-1P-DS GT16C-1S-HU GT16-PC GT16-SC GT16-/1.6-2.9SC GT16-/1.6-2.9PC GT16-/0.7-1.5PC GT16C-/1.6-2.9SC GT16C-1P/S-R
OCR Text ...2428SCF CL No. 766-0001-2 conductor Size (AWG) Material AWG#24-28 Phosphor bronze Finish Tin plating Packaging 10,000 pieces per reel Insulator (Common Use) 4.4 3.8 Part Number GT16-SC CL No. 766-0002-5 Materia...
Description 1 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, SURFACE MOUNT
Coaxial cable connection of Antennas/ Sensors/ and Communication Trunk Lines
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines 在天线,传感器和通信中继同轴电缆连接

File Size 220.02K  /  9 Page

View it Online

Download Datasheet

    HCNW4502 HCPL-4503 HCPL-4534 HCNW136 HCNW4503 HCPL-0453 HCPL-0531 HCPL-0452 HCPL-0534 HCPL-2530 HCPL-0530 HCNW135

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HCNW4502 HCPL-4503 HCPL-4534 HCNW136 HCNW4503 HCPL-0453 HCPL-0531 HCPL-0452 HCPL-0534 HCPL-2530 HCPL-0530 HCNW135
OCR Text ...y. Through insulation distance, conductor to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity. Measured from input terminals to output terminals, along internal cavity. DIN IEC ...
Description Single Channel High Speed Optocouplers
Dual Channel, High Speed Optocouplers
Single Channel, High Speed Optocouplers

File Size 238.71K  /  17 Page

View it Online

Download Datasheet

    HIP2101IB HIP2101IBZ HIP2101IRZ HIP2101IR4 HIP2101 HIP2101IR HIP2101IR4Z HIP2101EIBZ

INTERSIL[Intersil Corporation]
Part No. HIP2101IB HIP2101IBZ HIP2101IRZ HIP2101IR4 HIP2101 HIP2101IR HIP2101IR4Z HIP2101EIBZ
OCR Text ...FN Packages Compliant with 100V conductor Spacing Guidelines of IPC-2221 * Pb-free Product Available * Bootstrap Supply Max Voltage to 114VDC * On-Chip 1 Bootstrap Diode * Fast Propagation Times for Multi-MHz Circuits * Drives 1000pF Load w...
Description 100V/2A Peak/ Low Cost/ High Frequency Half Bridge Driver
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
100V/2A Peak Low Cost High Frequency Half Bridge Driver
Driver, Half Bridge, 100V/2A Peak, TTL Inputs, High Frequency, Drives N-Channel

File Size 285.46K  /  12 Page

View it Online

Download Datasheet

    ADE7756EB EVAL-ADE7756EB

AD[Analog Devices]
Part No. ADE7756EB EVAL-ADE7756EB
OCR Text ... point for the current carrying conductor-- see Figure 3. Note that the analog inputs V2N is connected to AGND via the anti-alias filter R57/C54 using JP10. Jumper JP9 should be left open. The voltage attenuation network is made up of R5...
Description Evaluation Board Documentation AD7756 Energy metering IC

File Size 1,487.72K  /  15 Page

View it Online

Download Datasheet

    CS5201-3 CS5201-3GDP3 CS5201-3GDPR3 CS5201-3GST3 CS5201-3GSTR3 CS5201-3GT3

ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS5201-3 CS5201-3GDP3 CS5201-3GDPR3 CS5201-3GST3 CS5201-3GSTR3 CS5201-3GT3
OCR Text ...gulator is: RC VIN VIN VOUT conductor parasitic resistance PD(max)={VIN(max)VOUT(min)}IOUT(max)+VIN(max)IQ where VIN(max) is the maximum input voltage, VOUT(min) is the minimum output voltage, (2) CS5201-3 RLOAD IOUT(max)...
Description 1A/ 3.3V Fixed Linear Regulator
1A, 3.3V Fixed Linear Regulator

File Size 158.12K  /  6 Page

View it Online

Download Datasheet

    CS52015-3 CS52015-3GDP3 CS52015-3GDPR3 CS52015-3GST3 CS52015-3GSTR3 CS52015-3GT3

ZF Electronics, Corp.
ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS52015-3 CS52015-3GDP3 CS52015-3GDPR3 CS52015-3GST3 CS52015-3GSTR3 CS52015-3GT3
OCR Text ...application RC VIN VIN VOUT conductor parasitic resistance IQ is the maximum quiescent current at IOUT(max). A heat sink effectively increases the surface area of the package to improve the flow of heat away from the IC and into the ...
Description 1.5A, 3.3V Fixed Linear Regulator 1.5A的,3.3V固定线性稳压器

File Size 159.47K  /  6 Page

View it Online

Download Datasheet

    BZA109TS

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BZA109TS
OCR Text ...ayout should use minimal series conductor lengths. This includes the lead length of the suppression element. In addition to minimizing conductor length the following printed-circuit board layout guidelines are recommended: 1. Place the supp...
Description 9-fold ESD Transient Suppressor

File Size 308.20K  /  12 Page

View it Online

Download Datasheet

    LMA110B LMA110

FILTRONIC[Filtronic Compound Semiconductors]
Part No. LMA110B LMA110
OCR Text ... or stitch bond acceptable. 4.) conductor over conductor acceptable. conductors must not short. DSS 005 WD Phone: (408) 988-1845 Internet: http://www.FiltronicSolidState.com Fax: (408) 970-9950 Filtronic Solid State Assembl...
Description .5-8GHz MESFET Amplifier

File Size 105.87K  /  4 Page

View it Online

Download Datasheet

    LMA110 LMA110A

FILTRONIC[Filtronic Compound Semiconductors]
Part No. LMA110 LMA110A
OCR Text ... or stitch bond acceptable. 4.) conductor over conductor acceptable. conductors must not short. DSS 004 WD Phone: (408) 988-1845 Internet: http://www.FiltronicSolidState.com Fax: (408) 970-9950 Filtronic Solid State Mechani...
Description .5-6 GHz MESFET Amplifier

File Size 80.46K  /  3 Page

View it Online

Download Datasheet

For conductor Found Datasheets File :: 6261    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of conductor

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.724641084671