Part Number Hot Search : 
G1525AJ PS9113 LA8638NV CXA20 BC182 M28W231 KF5N40D BSF310
Product Description
Full Text Search
  compliant Datasheet PDF File

For compliant  Found Datasheets File :: 139474    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UJA1167TK

NXP Semiconductors
Part No. UJA1167TK
OCR Text compliant hs-can transceiver and an integrated 5 v/100 ma supply for a microcontroller. it also features a watchdog and a serial peripheral interface (spi). the uja1167 can be operated in very low-current standby and sleep modes with bus...
Description Mini high-speed CAN system basis chip with Standby/Sleep modes & watchdog

File Size 1,035.86K  /  59 Page

View it Online

Download Datasheet





    UJA1162TK

NXP Semiconductors
Part No. UJA1162TK
OCR Text compliant hs-can transceiver and an internal 5 v can supply. the only supply input is a battery connection. the uj a1162 can be operated in a very low-current sleep mode with local and bus wake-up capability. 2. features and benefits 2....
Description Self-supplied high-speed CAN transceiver with Sleep mode

File Size 364.10K  /  28 Page

View it Online

Download Datasheet

    UJA1161TK

NXP Semiconductors
Part No. UJA1161TK
OCR Text compliant hs-can transceiver and an internal 5 v can supply. the only supply input is a battery connection. the uj a1161 can be operated in a very low-current standby mode with bus wake-up capability. 2. features and benefits 2.1 genera...
Description Self-supplied high-speed CAN transceiver with Standby mode

File Size 416.53K  /  27 Page

View it Online

Download Datasheet

    AM79C873KCW AM79C873

AMD[Advanced Micro Devices]
Part No. AM79C873KCW AM79C873
OCR Text ...ayer, single-chip transceiver s compliant with the IEEE 802.3u 100BASE-TX standard s compliant with the ANSI X3T12 TP-PMD 1995 standard s compliant with the IEEE 802.3u AutoNegotiation protocol for automatic link type selection s Supports t...
Description NetPHY⑩ -1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
NETPHY⒙ -1 10/100 MBPS ETHERNET PHYSICAL LAYER SINGLE-CHIP TRANSCEIVER WITH 100BASE-FX SUPPORT
NetPHY -1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support

File Size 190.07K  /  44 Page

View it Online

Download Datasheet

    GBPC3504-E4

Vishay Siliconix
Part No. GBPC3504-E4
OCR Text ...ts that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substa...
Description Glass Passivated Single-Phase Bridge Rectifier

File Size 93.09K  /  5 Page

View it Online

Download Datasheet

    Advanced Power Electronics
Part No. AP9414GM-HF-3
OCR Text ...uirement low on-resistance rohs-compliant , halogen-free i 16 a drain-source voltage 30 ...
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

File Size 99.99K  /  5 Page

View it Online

Download Datasheet

    ZY2000

EUROQUARTZ limited
Part No. ZY2000
OCR Text ...in dil package. the part is mil compliant, screening to mil-prf-55310 is available if required. mil compliant wide frequency range from 0.1hz hcmos output industry-standard dual-in-line package general specification outlines and dim...
Description MIL compliant/14 pin DIL

File Size 70.03K  /  1 Page

View it Online

Download Datasheet

    MP45DT01 MP45DT01TR

STMicroelectronics
Part No. MP45DT01 MP45DT01TR
OCR Text ...ge ecopack ? rohs and ?green? compliant applications mobile terminals laptop and notebook computers portable media players voip speech recognition a/v elearning devices gaming and virtual reality input devices digital still and vi...
Description MEMS audio sensor omni-directional digital microphone

File Size 353.35K  /  11 Page

View it Online

Download Datasheet

    JMicron
Part No. JMB392
OCR Text ..., features 2.1 compliance compliant with serial ata ii port multiplier spec. revision 1.1 compliant with serial ata ii phy electrical spec. revision 1.0 compliant with serial ata high speed serialized at ...
Description RAID Port Multiplier Chip

File Size 253.61K  /  3 Page

View it Online

Download Datasheet

    AVAGO
Part No. ACPL-302J-000E
OCR Text ...ram lead (pb) free rohs 6 fully compliant rohs 6 fully compliant options available; -xxxe denotes a lead-free product vee2 led2+ desat vcc2 vee2 vo vcc1 comp vee1 ca /fault ssd/ clamp /uvlo an osc r s uvlo over current input driver output ...
Description 2.5 Amp Gate Drive Optocoupler

File Size 250.79K  /  18 Page

View it Online

Download Datasheet

For compliant  Found Datasheets File :: 139474    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of compliant

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.824373960495