Part Number Hot Search : 
25LC640 M5132 TSP080 C2000 ZVN0540A BRT21 MT1259C 100000
Product Description
Full Text Search
  complement Datasheet PDF File

For complement Found Datasheets File :: 11726    Search Time::1.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. PT65502L508 PT65503L508 PT65702L254 PT65706 PT65106L254
OCR Text ... octal complement 8 positions dial no. 1 2 4 8 0 1 2 3 4 5 6 7 note: for each dial position in tables, common terminal(s) (c) are connected to ...
Description ROTARY CODED SWITCH-10POSITIONS, BCD complement, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE
ROTARY CODED SWITCH-16POSITIONS, BINARY CODED HEXADECIMAL, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE
ROTARY CODED SWITCH-16POSITIONS, BCH complement, LATCHED, 0.4A, 24VDC, THROUGH HOLE-STRAIGHT
ROTARY CODED SWITCH-16POSITIONS, BCH complement, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE

File Size 156.62K  /  4 Page

View it Online

Download Datasheet





    ST Microelectronics
Part No. STV3208
OCR Text ...8 x 8 trans- form . 9-bit two's complement pixel format . 12-bit two's complement coefficient format . optimized accuracy for 8-bit two's complement pixel format . selectable scanning of coefficient blocks . fully ttl and cmos compatible . ...
Description 8 x 8 DISCRETE COSINE TRANSFORM

File Size 183.28K  /  17 Page

View it Online

Download Datasheet

    MICREL INC
Part No. SY55854UYITR
OCR Text ...istor between the true and the complement pins of a given input. the sy55854u is a member of micrel?s new superlite ? family of high-speed logic devices. this family features very small packaging, high signal integrity, and flexible ...
Description 2-CHANNEL, CROSS POINT SWITCH, PDSO16

File Size 229.31K  /  8 Page

View it Online

Download Datasheet

    ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD7265 EVAL-CONTROLBRD22 AD7265ACP AD7265ASU AD7265BCP AD7265BSU EVAL-AD7265CB1
OCR Text ... either straight binary or twos complement output coding. The AD7265 has an on-chip 2.5 V reference that can be overdriven if an external reference is preferred. This external reference range is 100 mV to 2.5 V. The AD7265 is available in 3...
Description Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Differential Input Dual 1 MSPS 12-Bit 3-Channel SAR ADC
Differential Input/ Dual 1 MSPS/ 12-Bit/ 3-Channel SAR ADC
From old datasheet system

File Size 335.75K  /  16 Page

View it Online

Download Datasheet

    AD7923BRU

Analog Devices
Part No. AD7923BRU
OCR Text ... either straight binary or twos complement output coding. The AD7923 features four single-ended analog inputs with a channel sequencer to allow a preprogrammed selection of channels to be converted sequentially. The conversion time for the ...
Description 4-Channel 200 kSPS 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP

File Size 417.11K  /  21 Page

View it Online

Download Datasheet

    AD7928

Analog Devices
Part No. AD7928
OCR Text ... either straight binary or twos complement output coding. The AD7908/AD7918/AD7928 each feature eight single-ended analog inputs with a channel sequencer to allow a preprogrammed selection of channels to be converted sequentially. The conve...
Description 8-Channel 1 MSPS 8-Bit A/D Converter with Sequencer in 20-Lead TSSOP

File Size 534.55K  /  25 Page

View it Online

Download Datasheet

    PLUS405-55N PLUS405-55A PLUS405-55

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. PLUS405-55N PLUS405-55A PLUS405-55
OCR Text ...tate Registers (QP0 - QP7). Two complement arrays support complex IF-THEN-ELSE state transitions with a single product term (input variables C0, C1). All state transition terms can include True, False and Don't Care states of the controllin...
Description Programmable logic sequencer 16 ??64 ??8
Programmable logic sequencer 16 × 64 × 8
Programmable logic sequencer 16 64 8
Programmable logic sequencer 16 】 64 】 8
Programmable logic sequencer 16 64 8

File Size 131.84K  /  16 Page

View it Online

Download Datasheet

    AD773A AD773AJD AD773AKD

Analog Devices
Part No. AD773A AD773AJD AD773AKD
OCR Text ... Input Out of Range Output Twos complement and Binary Output Data Available in Commercial and Military Temperature Ranges (See Military/Aerospace Reference Manual for Specifications) 2 VINA 26 VINB 27 THA 10-Bit, 20 MSPS Monolithic A/D ...
Description 10-Bit, 20 MSPS Monolithic A/D Converter

File Size 220.89K  /  16 Page

View it Online

Download Datasheet

For complement Found Datasheets File :: 11726    Search Time::1.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of complement

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.298798084259