Part Number Hot Search : 
45800 M2532 WT78L08K 050650 03000 74S424 WT78L08K C330K
Product Description
Full Text Search
  commutation Datasheet PDF File

For commutation Found Datasheets File :: 4634    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AE8412X

Fairchild Semiconductor
Part No. AE8412X
OCR Text ... 2 v cc gnd 5 1 out b out a 8 7 commutation & control al / fan8412m/fan8413m 3 equivalent circuits description pin no. internal circuit out a 7 out b 8 al / taco 3 ld 6 in+ 2 in- 4 7 8 commutation vcc lock detector 3 6 lock detector & a...
Description 2 Phase Half Wave BLDC Motor Predriver

File Size 314.34K  /  16 Page

View it Online

Download Datasheet





    TOSHIBA
Part No. TB9060FNG
OCR Text ...ternal counter bits the forced-commutation frequency at the time of startup is determined by the resonator frequency and the number of counter bits. ? sel_bit0 = high, sel_bit1 = high: 16 bits ? sel_bit0 = low, sel_bit1 = high...
Description Pre-driver for automobile

File Size 255.89K  /  20 Page

View it Online

Download Datasheet

    New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
Part No. T1210 BTA12 T1235 BTA12SW T1250 BTB12BW
OCR Text ...eramic for insulated bta ? high commutation (4q) or very high commutation (3q) capability applications on/off or phase angle function in applications such as static relays, light dimmers and appliance motors speed controllers. the snubberle...
Description 12 A Snubberless? logic level and standard triacs

File Size 181.99K  /  5 Page

View it Online

Download Datasheet

    AS5147

austriamicrosystems AG
ams AG
Part No. AS5147
OCR Text ...trolled through a standard uvw commutation interface with a programmable number of pole pairs from 1 to 7. the ab solute angle position is also provided as pwm-encoded output signal the as5147 supports embedded self-diagnostics includin...
Description 14-Bit On-Axis Magnetic Rotary Position Sensor

File Size 597.28K  /  35 Page

View it Online

Download Datasheet

    New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
Part No. C158M C158E C158PB C158N C158PA
OCR Text ...ltage = 20 v/^sec (linear). (6) commutation di/dt = 5 amps/^sec. (7) repetition rate = 1 pps. (8) gate bias during turn-oft" interval = 0 volts, 100 ohms. (1) tc = +125c, (2) it = 150a, (3) v? = 50 volts min., (4) vbhm (reapplied), (5) rate...
Description C158-C159 SCR1200Volts - 110A RMS

File Size 145.98K  /  2 Page

View it Online

Download Datasheet

    AS5047D

austriamicrosystems AG
ams AG
Part No. AS5047D
OCR Text ...trolled through a standard uvw commutation interface with a programmable number of pole pairs from 1 to 7. the ab solute angle position is also provided as pwm-encoded output signal the as5047d is available as a single die in a compact 1...
Description 14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal

File Size 489.30K  /  37 Page

View it Online

Download Datasheet

    CUI
Part No. AMT312Q AMT312D AMT312C AMT312S AMT313Q AMT313S
OCR Text commutation encoder electrical parameter conditions/description min typ max units power supply vdd 4.5 5 5.5 v current consumption with unloaded output 8 10 ma single ended channels output high level output low level output current (per cha...
Description MODULAR commutation ENCODER

File Size 643.47K  /  10 Page

View it Online

Download Datasheet

    OMC510

International Rectifier
Part No. OMC510
OCR Text ...andard omc510 is configured for commutation via hall effect sensor feedback. in this configuration, the hall effect sensor outputs provide discrete absolute rotor position for commutation. the hall effect sensor outputs are fed into the c...
Description 36V Hi-Rel Three-Phase Brushless DC Motor Controller in a PCB-1 package

File Size 46.06K  /  8 Page

View it Online

Download Datasheet

   
Part No. FT4016NP00TU
OCR Text ...) g (3) _ t2 (2) insulated high commutation triac off-state voltage 600 v 8 00 v on- state current 40 amp gate trigger current 50 ma (16) * standard current triac * low thermal resistance with clip bounding * low thermal resistance iso...
Description 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC

File Size 334.96K  /  4 Page

View it Online

Download Datasheet

   
Part No. UC2634DW UC2634J UC2634Q
OCR Text ...d also provide the out-of-phase commutation signals required for driving two phase brushless motors. only an external power booster stage is required for a complete drive and control system. the two commutation outputs are open collector d...
Description Analog Phase-Locked Loop
Iso high side smart power solid state relay

File Size 283.58K  /  5 Page

View it Online

Download Datasheet

For commutation Found Datasheets File :: 4634    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of commutation

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5335609912872