Part Number Hot Search : 
T28HC D29AM SR310 54HC14 D2425DE 2N6250 CJ22C AK2368
Product Description
Full Text Search
  commercial Datasheet PDF File

For commercial  Found Datasheets File :: 33535    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MP5005-BP MP501 MP502-BP MP506-B MP5010-BP MP504-BP MP501-BP MP506-BP MP500510 MP5010 MP5005

Micro Commercial Components
天津环球磁卡股份有限公司
Micro Commercial Compon...
Part No. MP5005-BP MP501 MP502-BP MP506-B MP5010-BP MP504-BP MP501-BP MP506-BP MP500510 MP5010 MP5005
OCR Text commercial Components TM omponents 20736 Marilla Street Chatsworth !"# $ % !"# MP5005 THRU MP5010 50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts MP-50 B Features * * * * * * Mounting Hole For #8 Screw Plastic Ca...
Description 50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts

File Size 190.15K  /  3 Page

View it Online

Download Datasheet





    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text commercial Express 87C51 80C51BH 80C51BHP 80C31BH See Table 1 for Proliferation Options Y Y Y High Performance CHMOS EPROM 24 MHz Operation Improved Quick-Pulse Programming Algorithm 3-Level Program Memory Lock Boolean Processor 128-By...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    MCNIX[Macronix International]
Part No. MX23L6423ATI-90G 23L6423A-70 23L6423A-90 MX23L6423A MX23L6423ATC-70 MX23L6423ATC-70G MX23L6423ATC-90 MX23L6423ATC-90G MX23L6423ATI-70G
OCR Text ... * Temperature - 0 C ~ 70 C for commercial grade - -40 C ~ 85 C for industrial grade * Process - 0.18um PIN DESCRIPTION Symbol A0~A21 D0~D14 D15/A-1 CE# OE# Byte# VCC VSS NC Pin Function Address Inputs Data Outputs D15 (Word Mode)/ LSB ...
Description 64M-BIT PAGE MODE MASK ROM

File Size 180.82K  /  6 Page

View it Online

Download Datasheet

    MCNIX[Macronix International]
Part No. MX23L1613TI-90G 23L1613-70 23L1613-90 MX23L1613 MX23L1613TC-70 MX23L1613TC-70G MX23L1613TC-90 MX23L1613TC-90G MX23L1613TI-70 MX23L1613TI-70G MX23L1613TI-90
OCR Text ...l grade temperature: -40 ~ 85 C commercial grade temperature: 0 ~ 70 C P/N:PM0620 Package 48 pin TSOP 48 pin TSOP 48 pin TSOP (Pb-free, RoHS Compliant) 48 pin TSOP (Pb-free, RoHS Compliant) 48 pin TSOP 48 pin TSOP 48 pin TSOP (Pb-free, ...
Description 16M-BIT MASK ROM

File Size 178.97K  /  6 Page

View it Online

Download Datasheet

    MMBD301

MICRO COMMERCIAL COMPONENTS
Part No. MMBD301
OCR Text ... 2006/05/13 tm micro commercial components ? case material: molded plastic. ul flammability classification rating 94v-0 1 of 3 figure 1. total capacitance v r , reverse vo...
Description SILICON, SIGNAL DIODE

File Size 572.20K  /  3 Page

View it Online

Download Datasheet

    MCC
Part No. SMBJ40 SMBJ14CA
OCR Text ...ognized file # e331408 tm micro commercial components www. mccsemi .com 1 of 9 revision: 8 2009/07/12 ? lead free finish/rohs complian...
Description (SMBJ5.0 - SMBJ440CA) Transient Voltage Suppressor

File Size 213.12K  /  9 Page

View it Online

Download Datasheet

    MCNIX[Macronix International]
Part No. MX23L8103XI-90 23L8103-12 23L8103-70 23L8103-90 MX23L8103 MX23L8103TC-12 MX23L8103TC-70 MX23L8103TC-90 MX23L8103TI-12 MX23L8103TI-70 MX23L8103TI-90 MX23L8103XI-12 MX23L8103XI-70
OCR Text ...mini BGA 48 ball mini BGA Grade commercial commercial commercial Industrial Industrial Industrial Industrial Industrial Industrial Note: Industrial grade temperature: -40 ~ 85 C commercial grade temperature: 0 ~ 70 C MODE SELECTION C...
Description 8M-BIT MASK ROM

File Size 305.65K  /  8 Page

View it Online

Download Datasheet

    MCC
Part No. MP358W MP354W
OCR Text ... - a ac g a h d i i ac tm micro commercial components ? mounting torque: 2.0 n.m, tolerance:+/-10% ? ul recognized file # e165989 maximum ratings ? case material: molded plastic. ul flammability classification rating 94v-0 and msl rati...
Description (MP3505W - MP3510W) 35 Amp Single Phase Bridge Rectifier

File Size 92.68K  /  3 Page

View it Online

Download Datasheet

    MCNIX[Macronix International]
Part No. MX27C1001 MX27C1000 MX27C1000MI-12 MX27C1000MI-70 MX27C1000MI-90 MX27C1000PI-12 MX27C1000PI-15 MX27C1000PI-70 MX27C1000PI-90 MX27C1000QI-12 MX27C1000QI-15 MX27C1000QI-70 MX27C1000QI-90 MX27C1000TI-12 MX27C1000TI-15 MX27C1000TI-70 MX27C1000TI-90
OCR Text ...riving levels are 2.4V/0.4V for commercial grade, 3.0V/0V for industrial grade. Input pulse rise and fall times are < 10ns. AC driving levels 1.5V TEST POINTS OUTPUT 1.5V INPUT AC TESTING: (1) AC driving levels are 3.0V/0V...
Description 1M-BIT [128K x 8] CMOS EPROM

File Size 89.29K  /  18 Page

View it Online

Download Datasheet

For commercial  Found Datasheets File :: 33535    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of commercial

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.4844830036163