Part Number Hot Search : 
LC75864E 14D431K L6232 C3040 580024 CS5524 SMBJ26A 40102
Product Description
Full Text Search
  combiner Datasheet PDF File

For combiner Found Datasheets File :: 688    Search Time::0.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ZB4CS-700-10W

MINI[Mini-Circuits]
Part No. ZB4CS-700-10W
OCR Text combiner 4 Way-0 Maximum Ratings Operating Temperature Storage Temperature Power Input (as a combiner) Internal Dissipation -55C to 90C -55C to 100C 10W max. 8W max. ZB4CS-700-10W 400 to 700 MHz Features l l l high isolation, ...
Description Power wer Splitter/combiner 4 Way-0° 400 to 700 MHz
Power wer Splitter/combiner 4 Way-0∑ 400 to 700 MHz
Power wer Splitter/combiner 4 Way-0 400 to 700 MHz
Power wer Splitter/combiner 4 Way-0400 to 700 MHz 400 MHz - 700 MHz RF/MICROWAVE combiner, 0.8 dB INSERTION LOSS

File Size 67.83K  /  1 Page

View it Online

Download Datasheet





    ZB5CS-920-10W

MINI[Mini-Circuits]
Part No. ZB5CS-920-10W
OCR Text combiner 5 Way-0 Maximum Ratings Operating Temperature Storage Temperature Power Input (as a combiner) Internal Dissipation -55C to 90C -55C to 100C 10W max. 8W max. ZB5CS-920-10W 450 to 920 MHz Features l l l l very low inser...
Description Power wer Splitter/combiner 5 Way-0° 450 to 920 MHz
Power wer Splitter/combiner 5 Way-0∑ 450 to 920 MHz
Power wer Splitter/combiner 5 Way-0 450 to 920 MHz
Power wer Splitter/combiner 5 Way-0450 to 920 MHz

File Size 82.50K  /  1 Page

View it Online

Download Datasheet

    ZX10-2-12 ZX10-2-126 ZX10-2-20 ZX10-2-25 ZX10-2-42 ZX10-2-71 ZX10-2-98 ZX10-SERIES

MINI[Mini-Circuits]
Part No. ZX10-2-12 ZX10-2-126 ZX10-2-20 ZX10-2-25 ZX10-2-42 ZX10-2-71 ZX10-2-98 ZX10-SERIES
OCR Text ...s a splitter) Power Input (as a combiner) *0.5W max. for ZX10-2-12, ZX10-2-20 **0.1W max. for ZX10-2-42 and ZX10-2-126 Outline Drawing -40C to 85C -55C to 100C 1.0*W max. 0.125**W max. Port Connections PORT SUM PORT PORT 1 PORT 2 (...
Description Power Splitters/combiners 2 Way-0?? 50蟹 2 to 12600 MHz
Power Splitters/combiners 2 Way-0 50з 2 to 12600 MHz 1900 MHz - 4200 MHz RF/MICROWAVE combiner, 1 dB INSERTION LOSS
Power Splitters/combiners 2 Way-0 50з 2 to 12600 MHz 200 MHz - 2000 MHz RF/MICROWAVE combiner, 2.2 dB INSERTION LOSS
Power Splitters/combiners 2 Way-0 50з 2 to 12600 MHz 7400 MHz - 12600 MHz RF/MICROWAVE combiner, 1.3 dB INSERTION LOSS
ER 8 TO 10 REDUCTION SLEEVE RoHS Compliant: No 2 MHz - 1200 MHz RF/MICROWAVE combiner, 1.5 dB INSERTION LOSS
Power Splitters/combiners 2 Way-0 50з 2 to 12600 MHz 4750 MHz - 9800 MHz RF/MICROWAVE combiner, 1.2 dB INSERTION LOSS
Power Splitters/combiners 2 Way-0°, 50 2 to 12600 MHz
Power Splitters/combiners 2 Way-0, 50 2 to 12600 MHz
Power Splitters/combiners 2 Way-0∑, 50з 2 to 12600 MHz
Power Splitters/combiners 2 Way-0/ 50 2 to 12600 MHz

File Size 134.58K  /  1 Page

View it Online

Download Datasheet

    ZX10-4-11 ZX10-4-14 ZX10-4-19 ZX10-4-24 ZX10-4-27 ZX10-4-SERIES

MINI[Mini-Circuits]
Part No. ZX10-4-11 ZX10-4-14 ZX10-4-19 ZX10-4-24 ZX10-4-27 ZX10-4-SERIES
OCR Text ...s a splitter) Power Input (as a combiner) -40C to 85C -55C to 100C 2.5W max. 0.125W max.* ! NEW ZX10-4-SERIES 800 to 2700 MHz Features low insertion loss, 0.6 dB typ. high isolation, 20 dB typ. rigid unibody construction gold pla...
Description Power Splitters/combiners 4 Way-0∑ 50з 800 to 2700 MHz
Power Splitters/combiners 4 Way-0 50 800 to 2700 MHz

File Size 158.52K  /  2 Page

View it Online

Download Datasheet

    UAA2073AM

PHILIPS[Philips Semiconductors]
Part No. UAA2073AM
OCR Text ...A low-noise amplifier +135oC IF combiner 19 7 IFB GND1 RECEIVE SECTION VCC2 15 RX CURRENT REGULATORS TX IF LO 16 QUADRATURE PHASE SHIFTER TRANSMIT SECTION RXON TXON SXON 11 12 10 MIXER 14 13 TXOIFA TXOIFB GND2 LO...
Description Image rejecting front-end for GSM applications

File Size 156.77K  /  20 Page

View it Online

Download Datasheet

    UAA2073M

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. UAA2073M
OCR Text ... 5 6 LNA low-noise amplifier IF combiner 19 7 IFB GND1 RECEIVE SECTION VCC2 15 RX CURRENT REGULATORS TX IF LO 16 QUADRATURE PHASE SHIFTER TRANSMIT SECTION RXON TXON SYNTHON 11 12 10 MIXER 14 13 TXOIFA TXOIFB GND2 ...
Description Image rejecting front-end for GSM applications

File Size 105.60K  /  16 Page

View it Online

Download Datasheet

    UAA2077AM

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. UAA2077AM
OCR Text ...n-chip image rejection * IF I/Q combiner at 110 MHz * On-chip quadrature network * RX fast on/off power-down mode * Shrink small outline packaging * Very small application (no image filter). APPLICATIONS * 1800 MHz front-end for DECT hand-p...
Description Image rejecting front-end for DECT applications TELECOM, CORDLESS, SUPPORT CIRCUIT, PDSO20

File Size 125.07K  /  16 Page

View it Online

Download Datasheet

    UAA2077CM

PHILIPS[Philips Semiconductors]
Part No. UAA2077CM
OCR Text ...n-chip image rejection * IF I/Q combiner at 188 MHz * On-chip quadrature network * Down-conversion mixer for closed-loop transmitters * Independent TX/RX fast ON/OFF power-down modes * Very small outline packaging * Very small application (...
Description 2 GHz image rejecting front-end

File Size 129.57K  /  20 Page

View it Online

Download Datasheet

    UAA2077TS UAA2077TS_D UAA2077TS/D

PHILIPS[Philips Semiconductors]
NXP Semiconductors
Part No. UAA2077TS UAA2077TS_D UAA2077TS/D
OCR Text ...A RFINB 3 4 LNA x 135 IF combiner 15 IFA x RECEIVE SECTION LOCAL OSCILLATOR SECTION 135 14 45 16 IFB VCCLO LOGND 13 QUADRATURE PHASE SHIFTER 7 SXON 11 12 UAA2077TS FCA012 LOINB LOINA Fig.1 Block d...
Description 2 GHz image rejecting front-end

File Size 68.97K  /  16 Page

View it Online

Download Datasheet

    UAA2077 UAA2077BM

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. UAA2077 UAA2077BM
OCR Text ...n-chip image rejection * IF I/Q combiner at 188 MHz * On-chip quadrature network * Down-conversion mixer for closed-loop transmitters * Independent TX/RX fast ON/OFF power-down modes * Very small outline packaging * Very small application (...
Description 2 GHz image rejecting front-end SPECIALTY TELECOM CIRCUIT, PDSO20
2 GHz image rejecting front-end 2 GHz的形象拒绝前

File Size 139.91K  /  16 Page

View it Online

Download Datasheet

For combiner Found Datasheets File :: 688    Search Time::0.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of combiner

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.044814825058