Part Number Hot Search : 
010463 2SK24 ZMM5253B NK364PN 57X00 CS983XX 2SK4021 ER306
Product Description
Full Text Search
  cmr Datasheet PDF File

For cmr Found Datasheets File :: 3890    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CMR-5054TB-A

CUI INC,
http://
Part No. cmr-5054TB-A
OCR Text cmr-5054TB-A DESCRIPTION: electret condenser microphone SPECIFICATIONS directivity sensitivity (S) sensitivity reduction (S-Vs) operating voltage output impedance (Zout) operating frequency (f) current consumption (IDSS) signal to no...
Description electret condenser microphone

File Size 269.70K  /  4 Page

View it Online

Download Datasheet





    CMR-2747PB-A

http://
CUI INC,
Part No. cmr-2747PB-A
OCR Text cmr-2747PB-A DESCRIPTION: electret condenser microphone SPECIFICATIONS directivity sensitivity (S) sensitivity reduction (S-Vs) operating voltage output impedance (Zout) operating frequency (f) current consumption (IDSS) signal to no...
Description electret condenser microphone

File Size 1,137.24K  /  4 Page

View it Online

Download Datasheet

    CMR

Crydom Inc.,
Part No. cmr
OCR Text cmr Series Crydoms cmr Series Solid State Relays were developed to offer the advantages of semiconductor switching technology in a compact, self contained package. Quick and easy installation is coupled with low drive power requirements an...
Description Crydoms cmr Series

File Size 112.61K  /  3 Page

View it Online

Download Datasheet

    NB6L572M NB6L572MMNG NB6L572MMNR4G

ON Semiconductor
Part No. NB6L572M NB6L572MMNG NB6L572MMNR4G
OCR Text ...(v ihd ? v ild ) 100 1200 mv v cmr input common mode range (differential configuration, note 10) (figure 9) 1050 v cc ? 50 mv i ih input high current in / inx (vtin / v tinx open) ? 150 150 a i il input low current in / inx (vtin / v...
Description 6L SERIES, LOW SKEW CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), QCC32
2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator

File Size 148.82K  /  9 Page

View it Online

Download Datasheet

    LM833 LM833D ON0320 LM833N

ONSEMI[ON Semiconductor]
MOTOROLA[Motorola, Inc]
Motorola, Inc.
Motorola Inc
Part No. LM833 LM833D ON0320 LM833N
OCR Text ...O IIB VICR AVOL VO+ VO- VO+ VO- cmr PSR ID Min - - - - - -12 90 10 - 12 - 80 80 - Typ 0.3 2.0 10 300 +14 -14 110 13.7 -14.1 13.9 -14.7 100 115 4.0 Max 5.0 - 200 1000 +12 - - - -10 - -12 - - 8.0 dB dB mA Unit mV V/C nA nA V dB V AC ELECTR...
Description    DUAL OPERATIONAL AMPLIFIER
From old datasheet system
Thin Film Resistor Network; Series:VSSR; Resistance:220ohm; Resistance Tolerance: /- 5 %; Power Rating:1.4W; Voltage Rating:50V; Temperature Coefficient: /-100 ppm; Package/Case:24-QSOP; Network Circuit Type:Common Pin
Thin Film Resistor Network; Series:VSSR; Resistance:2kohm; Resistance Tolerance: /- 5 %; Power Rating:1.4W; Voltage Rating:50V; Temperature Coefficient: /-100 ppm; Package/Case:24-QSOP; Network Circuit Type:Common Pin

File Size 131.97K  /  8 Page

View it Online

Download Datasheet

    PA12M 883

APEX[Apex Microtechnology]
Part No. PA12M 883
OCR Text ... -IB IOS VO VO VO ICL EN SR AOL cmr VO VO EN SR AOL cmr VO VO EN SR AOL cmr TEMP. POWER 25C 25C 25C 25C 25C 25C 25C -55C -55C -55C -55C -55C -55C -55C 125C 125C 125C 125C 125C 125C 125C 25C 25C 25C 25C 25C 25C 25C 25C -55C -55C -55C -55C...
Description TABLE 4 GROUP A INSPECTION

File Size 55.49K  /  1 Page

View it Online

Download Datasheet

    NJM2732 NJM2732D NJM2732E NJM2732M NJM2732RB1 NJM2732V

ETC
New Japan Radio
Part No. NJM2732 NJM2732D NJM2732E NJM2732M NJM2732RB1 NJM2732V
OCR Text ...Note2) SYMBOL ICC VIO IB IIO AV cmr SVR VOH1 VOL1 VOH2 VOL2 VICM TEST CONDITION No signal applied MIN. 60 55 70 4.9 4.75 0 TYP. 580 1 50 5 85 70 85 4.95 0.05 4.85 0.15 - (V+=5V, Ta=25uC) MAX. 900 5 250 100 0.1 0.25 5 UNIT A mV nA nA dB ...
Description DUAL OP-AMP, 5000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP8
Full-Swing Input and Output type Dual Operational Amplifier

File Size 338.93K  /  9 Page

View it Online

Download Datasheet

    TL072-P08-R TL072-P08-T TL072 TL072L-S08-T TL072-D08-T TL072L-D08-T TL072L-P08-R TL072L-P08-T TL072L-S08-R TL072-S08-R T

UTC[Unisonic Technologies]
Part No. TL072-P08-R TL072-P08-T TL072 TL072L-S08-T TL072-D08-T TL072L-D08-T TL072L-P08-R TL072L-P08-T TL072L-S08-R TL072-S08-R TL072-S08-T
OCR Text ...Input Noise Voltage Avd GBW RIN cmr SVR ICC Ta=25C RL=10k, VOUT=10V TMINTaTMAX Ta=25C, RL=10k, CL=100pF RS=50 RS=50 no load Ta=25C TMINTaTMAX Ta=25C TMINTaMAX Ta=25C TMINTaTMAX 12 13.5 V01/V02 Av=100, Ta=25C Ta=25C Ios TMINTaTMAX VIN=...
Description LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER

File Size 263.52K  /  11 Page

View it Online

Download Datasheet

For cmr Found Datasheets File :: 3890    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of cmr

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.2312669754028