|
|
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
Part No. |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-33 AMS1117-50 AMS1117CD AMS1117CD-15 AMS1117CD-18 AMS1117CD-25 AMS1117CD-285 AMS1117CD-33 AMS1117CD-50 AMS1117-B18 AMS1117CD-B18 AMS1117-285 AMSB1117-15 AMSB1117-18 AMSB1117-285 AMSB1117-33 AMSB1117-50 AMSB1117CD-15 AMSB1117CD-25 AMSB1117CD-285 AMSB1117CD-33 AMSB1117CD-50 AMS1117-1.5 AMS1117-1.8 AMS1117-2.5 AMS1117-2.85 AMS1117-3.3 AMS1117-5.0 AMS1117CD-1.5 AMS1117CD-1.8 AMS1117CD-2.5 AMS1117CD-2.85
|
Description |
5.0V 800ma low dropout voltage regulator 3.3V 800ma low dropout voltage regulator 2.85V 800ma low dropout voltage regulator 2.5V 800ma low dropout voltage regulator 1.8V 800ma low dropout voltage regulator 1.5V 800ma low dropout voltage regulator 800ma LOW DROPOUT voltage regulatOR 800ma的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
File Size |
65.17K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
Bourns, Inc.
|
Part No. |
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P128FLF1201C25 7P128FLF1202C20 7P128FLF1202C25 7P128FLF1400C20 7P128FLF1400C25 7P128FLF1401C20 7P128FLF1401C25 7P128FLF1402C20 7P128FLF1402C25 7P096FLF1200C20 7P096FLF1200C25 7P096FLF1201C20 7P096FLF1201C25 7P096FLF1202C20 7P096FLF1202C25 7P096FLF1400C20 7P096FLF1400C25 7P096FLF1401C20 7P096FLF1401C25 7P096FLF1402C20 7P096FLF1402C25 FLF10SERIES 7P064FLF1201C25 7P064FLF1202C25 7P064FLF1400C25 7P064FLF1401C25 7P192FLF1202C25 7P192FLF1202C20 7P032FLF1401C20 7P032FLF1400C20 7P160FLF1202C20
|
Description |
voltage DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800ma Fixed Output cmos ldo with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800ma Fixed Output cmos ldo with Shutdown, -40C to 125C, 5-DDPAK, T/R 800ma Fixed Output cmos ldo with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800ma Fixed Output cmos ldo, -40C to 125C, 3-DDPAK, TUBE 800ma Fixed Output cmos ldo, -40C to 125C, 3-TO-220, TUBE 800ma Fixed Output cmos ldo, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output cmos ldo with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
File Size |
201.33K /
17 Page |
View
it Online |
Download Datasheet |
|
|
|
Pyramid Semiconductor, Corp. Abracon, Corp.
|
Part No. |
P4C1257-55LMB P4C1257-55CMB P4C1257-25CMB P4C1257L-25CMB P4C1257L-35CMB P4C1257L-35LMB P4C1257L-35LC P4C1257-20LC P4C1257-20CC P4C1257L-35PC P4C1257-35CM
|
Description |
800ma Fixed Output cmos ldo, -40C to 125C, 3-SOT-223, T/R 800ma Fixed Output cmos ldo with Shutdown, -40C to 125C, 5-DDPAK, T/R 150mA ldo with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 150mA ldo with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x1的SRAM 800ma Fixed Output cmos ldo with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R x1的SRAM x1 SRAM x1的SRAM 800ma Fixed Output cmos ldo with Shutdown, -40C to 125C, 5-TO-220, TUBE x1的SRAM
|
File Size |
356.66K /
7 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|