|
|
![](images/bg04.gif) |
FAIRCHILD SEMICONDUCTOR CORP
|
Part No. |
FSA1256AL8X
|
OCR Text |
...eature break-before-make enable circuitry over-voltage tolerant ttl compatible control input ordering code: pb-free package per jedec j-std-020b. micropak is a trademark of fairchild semiconductor corporation. product package desc... |
Description |
Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ????Option
|
File Size |
611.94K /
9 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
FREESCALE SEMICONDUCTOR INC
|
Part No. |
MPXV5010GC6U/T1
|
OCR Text |
...ons. do not connect to external circuitry or ground. pin 1 is noted by the notch in the lead. 1 2 3 n/c v s gnd 5 6 7 n/c n/c n/c 4v out 8 n/c unibody package mpx5010d case 867 mpx5010dp case 867c pin number note: pins 4, 5, and 6 are inte... |
Description |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.45Psi, 5%, 0.20-4.70V, SQUARE, SURFACE MOUNT
|
File Size |
212.53K /
12 Page |
View
it Online |
Download Datasheet
|
|
![](images/findchips_sm.gif)
Price and Availability
|