Part Number Hot Search : 
PS120 M45PE16 D1004 VB9010 CY7C344 ISL28 MAX2055 CXA1786N
Product Description
Full Text Search
  chipfet Datasheet PDF File

For chipfet Found Datasheets File :: 176    Search Time::1.079ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NTHS5404 NTHS5404T1 NTHS5404T1G

ONSEMI[ON Semiconductor]
Part No. NTHS5404 NTHS5404T1 NTHS5404T1G
OCR Text ...ogic Level Gate Drive Miniature chipfet Surface Mount Package Saves Board Space Pb-Free Package is Available http://onsemi.com V(BR)DSS 20 V RDS(on) TYP 25 mW @ 4.5 V ID MAX 7.2 A Applications * Power Management in Portabl...
Description Power MOSFET

File Size 57.76K  /  6 Page

View it Online

Download Datasheet





    NTHD4102PT3G

ON Semiconductor
Part No. NTHD4102PT3G
OCR Text ...0 v, ? 4.1 a, dual p ? channel chipfet features ? offers an ultra low r ds(on) solution in the chipfet package ? miniature chipfet package 40% smaller footprint than tsop ? 6 ? low profile (<1.1 mm) allows it to fit easily into extremel...
Description Power MOSFET

File Size 101.12K  /  5 Page

View it Online

Download Datasheet

    SI5482DU-T1-GE3

Vishay Siliconix
Part No. SI5482DU-T1-GE3
OCR Text ...w thermally enhanced powerpak ? chipfet ? package - small footprint area - low on-resistance - thin 0.8 mm profile applications ? load switch, pa switch, and battery switch for portable applications product summary v ds (v) r ds(on) ...
Description MOSFET N-CH 30V 12A PPAK chipfet

File Size 137.29K  /  9 Page

View it Online

Download Datasheet

    SI5908DC-T1-E3

Vishay Siliconix
Part No. SI5908DC-T1-E3
OCR Text ...= 1.8 v 5.2 bottom view 1206-8 chipfet ? s 1 g 1 s 2 g 2 d 1 d 1 d 2 d 2 1 marking code cc xxx lot traceability and date code part # code ordering information: si5908dc-t1-e3 (lead (pb)-free) si5908dc-t1-ge3 (lead (pb)-free and halogen-...
Description Trans MOSFET N-CH 20V 4.4A 8-Pin Chip FET T/R

File Size 238.10K  /  10 Page

View it Online

Download Datasheet

    SI5410DU-T1-GE3

VISHAY SILICONIX
Part No. SI5410DU-T1-GE3
OCR Text ...w thermally enhanced powerpak ? chipfet ? package - small footprint area - low on-resistance - thin 0.8 mm profile ? 100 % uis tested applications ? load switch, pa switch, and battery switch for portable applications ? dc-dc synchrono...
Description 9.8 A, 40 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET

File Size 150.52K  /  10 Page

View it Online

Download Datasheet

    SI5855DC-T1-E3

Vishay Siliconix
Part No. SI5855DC-T1-E3
OCR Text ...v at 1 a 1.0 bottom view 1206-8 chipfet ? a a s g k k d d 1 marking code jb xxx lot traceability and date code part # code ordering information: si5855dc-t1-e3 (lead (pb)-free) si5855dc-t1-ge3 (lead (pb)-free and halogen-free) k a s g d p-c...
Description P-Channel 1.8 V (G-S) MOSFET with Schottky Diode

File Size 179.75K  /  9 Page

View it Online

Download Datasheet

    NTHD4P02F NTHD4P02FT1 NTHD4P02FT1G

ONSEMI[ON Semiconductor]
Part No. NTHD4P02F NTHD4P02FT1 NTHD4P02FT1G
OCR Text ...nnel MOSFET C SCHOTTKY DIODE chipfet CASE 1206A STYLE 3 tp = 10 ms Steady State tv5s TJ = 25C TJ = 85C TJ = 25C PIN CONNECTIONS 1 8 MARKING DIAGRAM 1 2 3 4 C3 M 8 7 6 5 Continuous Source Current (Body Diode) Operating Junct...
Description Power MOSFET and Schottky Diode 20 V, 2.1A, Single P-Channel w/ 1.0 A Schottky Barrier Diode, chipfet
Power MOSFET and Schottky Diode 2.2 A, 20 V, 0.155 ohm, P-CHANNEL, Si, POWER, MOSFET

File Size 74.67K  /  8 Page

View it Online

Download Datasheet

    NTHD4401PT1G NTHD4401P NTHD4401PT1 NTHD4401PT3 NTHD4401PT3G

ONSEMI[ON Semiconductor]
Part No. NTHD4401PT1G NTHD4401P NTHD4401PT1 NTHD4401PT3 NTHD4401PT3G
OCR Text chipfet Package * Leadless chipfet Package 40% Smaller Footprint than TSOP-6 * chipfet Package with Excellent Thermal Capabilities where Heat * Pb-Free Package is Available Applications http://onsemi.com Transfer is Required V(BR)...
Description Power MosFET 20 V Dual P-Channel 2.1 A chipfet
Power MOSFET −20 V, −3.0 A, Dual P−Channel, chipfet

File Size 66.74K  /  8 Page

View it Online

Download Datasheet

    ONSEMI[ON Semiconductor]
Part No. NTHC5513 NTHC5513T1G NTHC5513T1
OCR Text ...ge Featuring Complementary Pair chipfet Package Provides Great Thermal Characteristics Similar to Larger Packages Low RDS(on) in a chipfet Package for High Efficiency Performance Low Profile (< 1.10 mm) Allows Placement in Extremely Thin En...
Description Power MOSFET 20 V, 3.1 A/-2.1A Complentary chipfet
Power MOSFET 20 V, 3.9 A / −3.0 A, Complementary chipfet-TM

File Size 81.00K  /  10 Page

View it Online

Download Datasheet

    NTHD2102PT1G NTHD2102P NTHD2102PT1

ONSEMI[ON Semiconductor]
Part No. NTHD2102PT1G NTHD2102P NTHD2102PT1
OCR Text chipfet Package * Miniature chipfet Package 40% Smaller Footprint than TSOP-6 * * * * * making it an Ideal Device for Applications where Board Space is at a Premium Low Profile (<1.1 mm) Allows it to Fit Easily into Extremely Thin Environm...
Description Trench Power MOSFET 8.0 V, 3.4 A Dual P-Channel chipfet
Power MOSFET −8.0 V, −4.6 A Dual P−Channel chipfet

File Size 54.78K  /  6 Page

View it Online

Download Datasheet

For chipfet Found Datasheets File :: 176    Search Time::1.079ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of chipfet

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.422966003418