Part Number Hot Search : 
080CT T5001 40A11 PACAC97Q RT1P242X TL432AZ PACAC97Q FZT751TA
Product Description
Full Text Search
  c13 Datasheet PDF File

For c13 Found Datasheets File :: 5142    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Infineon
Part No. V23826-K305-c13 V23826-K305-C313 V23826-K305-C353 V23826-K305-C363 V23826-K305-C373 V23826-K305-C53 V23826-K305-C63 V23826-K305-C73
OCR Text ...version Part number V23826-K305-c13 V23826-K305-C313 V23826-K305-C53 V23826-K305-C353 V23826-K305-C63 (1) V23826-K305-C363 (1) V23826-K305-C73 V23826-K305-C373 Add suffix to PIN -C3 -D3 FEATURES * Compliant with Fibre Channel and Gigabit...
Description MM 1.0625 GBd FC Transceiver

File Size 951.37K  /  9 Page

View it Online

Download Datasheet





    Infineon Technologies A...
Part No. V23826-K305-c13-D3 V23826-K305-c13-C3 V23826-K305-C363-D3 V23826-K305-C63-D3 V23826-K305-C53-C3 V23826-K305-C53-D3 V23826-K305-C63-C3 V23826-K305-C373-D3 V23826-K305-C353-C3 V23826-K305-C373-C3 V23826-K305-C353-D3 V23826-K305-C313-D3 V23826-K305-C73-C3 V23826-K305-C73-D3
OCR Text ...mber ac dc pecl 5 v v23826-k305-c13 3.3 v v23826-k305-c313 ac ac ttl 5 v v23826-k305-c53 3.3 v v23826-k305-c353 dc dc pecl 5 v v23826-k305-c63 (1) 3.3 v v23826-k305-c363 (1) ac ac pecl 5 v v23826-k305-c73 3.3 v v23826-k305-c373 shield op...
Description Telecomm/Datacomm
Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver

File Size 952.61K  /  9 Page

View it Online

Download Datasheet

    Mitsumi Electronics
Part No. c13-FR1
OCR Text c13-fr series outline power inductors for preventing the diffusion of noises generated from power circuits and suppressing noise components coming through the power lines. coils, filters c8-fr1 c10-fr1 c13-fr uses power circuits of tv, vcr...
Description Power Inductors

File Size 100.58K  /  6 Page

View it Online

Download Datasheet

    Infineon
Part No. V23816-N1018-c13
OCR Text c13 single mode 1310 nm 16-line parallel 2.5 gbd transceiver oc-48 sonet / sdh telecom links up to 2 km preliminary features ? compliant with existing standards ? compact integrated transceiver unit with C fp laser diode transmitter C ing...
Description SM 2.5 GBd SONET/SDH Transceiver

File Size 258.83K  /  6 Page

View it Online

Download Datasheet

    V23826-H18-C13 V23826-H18-C63 V23826-H18-C53 V23826-H18-C313 V23826-H18-C353 V23826-H18-C363 V23826-H18-C373 V23826-H18-

INFINEON TECHNOLOGIES AG
Part No. V23826-H18-c13 V23826-H18-C63 V23826-H18-C53 V23826-H18-C313 V23826-H18-C353 V23826-H18-C363 V23826-H18-C373 V23826-H18-C73 V23826-H18-c13-D3 V23826-H18-C313-D3
OCR Text ...umber ac dc pecl 5 v v23826-h18-c13 3.3 v v23826-h18-c313 ac ac ttl 5 v v23826-h18-c53 3.3 v v23826-h18-c353 dc dc pecl 5 v v23826-h18-c63 (1) 3.3 v v23826-h18-c363 (1) ac ac pecl 5 v v23826-h18-c73 3.3 v v23826-h18-c373 shield options a...
Description TRANSCEIVER, XFO
SM 622 MBd ATM/SDH/SONET Transceiver

File Size 239.78K  /  9 Page

View it Online

Download Datasheet

    Infineon
Part No. V23809-J307-c13 V23809-J307-C10
OCR Text c13 Preliminary AC/DC Coupled Multimode 850 nm 1.0625 GBd Fibre Channel 1x9 Transceiver Dimensions in (mm) inches View Z (Lead cross section and standoff size) (0.730.1) .028.004 (1.50.1) .06.004 (40.2) .158.008 (a) (11.5 max) .45...
Description AC/DC Coupled Multimode 850 nm 1.0625 GBd Fibre Channel 1x9Transceiver

File Size 112.80K  /  4 Page

View it Online

Download Datasheet

    D1RW-C13-008 D1RW-C13-008-EU D1RW-C13-00812 D1RW-C13-AL8 RTO-6CR7-004 RTO-6CR7-002 RTO-6CR7-001 D156-REDINT 860-1R02-002

Dialight Corporation
Part No. D1RW-c13-008 D1RW-c13-008-EU D1RW-c13-00812 D1RW-c13-AL8 RTO-6CR7-004 RTO-6CR7-002 RTO-6CR7-001 D156-REDINT 860-1R02-002 860-1R04-001 860-1R05-001 860-1R01-001 860-1R01-002 860-1R02-001-EU 860-1R03-001 860-1R02-002-EU 860-1R03-002 860-1R04-002 RTO-1R07-001 RTO-1R07-002 RTO-1R07-004-EU RTO-1R07-002-EU RTO-1R07-001-EU RTO-1R06-002 RTO-1R06-004 RTO-1R06-001 860-6R01-001 860-6R01-002 RTO-6R07-002 RTO-6R07-004 RTO-6R07-001 860-1R05-002 D464-3002 D156-6000NT D156-6000TW D156-6001JBX 860-7R02-002 D156-A33-CTR D156-A33-270 D156-A33-SYS 860-4R02-001-EU D464-A13-001 D464-A13-001-EU 860-4R02-002-EU RTO-1R18-002 RTO-1R18-001 RTO-1R18-004 RTO-CR07-004 RTO-CR07-001 RTO-CR07-002 RTO-CR08-001 RTO-CR08-002 RTO-CR08-004 RTO-1R08-004 RTO-1R08-002 RTO-1R08-001 860-5R02-001 860-5R02-002
OCR Text ...e: part number description d1rw-c13-008 48vdc faa oem d1rw-c13-008-eu 120-240vac, european version vigilant ? series l-866/l-885 led based dual red / white catenary strobe dialight also offers these led strobes safesite ? series l-864/l-8...
Description Vigilant? Series LED Based Obstruction Lights

File Size 645.97K  /  8 Page

View it Online

Download Datasheet

    V23826-K15-C13 V23826-K15-C313 V23826-K15-C353 V23826-K15-C363 V23826-K15-C373 V23826-K15-C53 V23826-K15-C63 V23826-K15-

INFINEON TECHNOLOGIES AG
Part No. V23826-K15-c13 V23826-K15-C313 V23826-K15-C353 V23826-K15-C363 V23826-K15-C373 V23826-K15-C53 V23826-K15-C63 V23826-K15-C73 V23826-K15-C373-C3
OCR Text ... version Part number V23826-K15-c13 V23826-K15-C313 V23826-K15-C53 V23826-K15-C353 V23826-K15-C63 (1) V23826-K15-C363 (1) V23826-K15-C73 V23826-K15-C373 Add suffix to PIN -C3 -D3 Fiber Optics MARCH 2000 DESCRIPTION The Infineon si...
Description FIBER OPTIC TRANSCEIVER
SM 1.0625 GBd FC Transceiver

File Size 277.11K  /  9 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. BZB784-c13 BZB784-C3V9 BZB784-C3V6 BZB784-C3V3 BZB784-C3V0 BZB784-C4V7 BZB784-C5V6 BZB784-C2V4 BZB784-C5V1 BZB784-C8V2 BZB784-C4V3 BZB784-C9V1 BZB784-C6V2 BZB784-C15
OCR Text ...4-c5v1 99 bzb784-c8v2 9e bzb784-c13 9k bzb784-c3v6 95 bzb784-c5v6 9a bzb784-c9v1 9f bzb784-c15 9l symbol parameter conditions min. max. unit i f continuous forward current ? 200 ma i zsm non-repetitive peak reverse current t p = 100 ...
Description Voltage regulator double diodes 稳压双二极管

File Size 74.75K  /  8 Page

View it Online

Download Datasheet

    D1RW-C13-008 D1RW-C13-008-EU

Dialight Corporation
Part No. D1RW-c13-008 D1RW-c13-008-EU
OCR Text ... of the tower. order code: d1rw-c13-008 48vdc faa oem d1rw-c13-008-eu 100-240vac, european version flashhead weight: 26 lbs operating voltage: universal 100/240 vac 50/60hz power factor corrected supply candela: white da...
Description LED Based L-864/L-865 Flashing Dual (White/Red) Strobe

File Size 173.73K  /  2 Page

View it Online

Download Datasheet

For c13 Found Datasheets File :: 5142    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of c13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.9325568675995