Part Number Hot Search : 
2FTR16SG EC12E12 680TL C330M SM2827 AUIRF MAX9986 A2603
Product Description
Full Text Search
  buffer translator Datasheet PDF File

For buffer translator Found Datasheets File :: 884    Search Time::2.39ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FXMA2102 FXMA2102L8X FXMA2102UMX

Fairchild Semiconductor
Part No. FXMA2102 FXMA2102L8X FXMA2102UMX
OCR Text ...ly, 2-bit voltage translat or / buffer / repeater / isolator for i 2 c applications fxma2102 dual supply, 2-bit voltage translator / buffer / repeater / isolator for i 2 c applications features ? bi-directional interface between ...
Description Dual Supply, 2-Bit Voltage translator / buffer / Repeater / Isolator for I2C Applications

File Size 1,412.74K  /  16 Page

View it Online

Download Datasheet





    AN-784

Fairchild Semiconductor
Part No. AN-784
OCR Text ...r capture circuit consists of a buffer, decoder, and six counters. the buffer transfers sig- nals from the control lines to the inputs of th...translator is used to buffer the control line signals and provide the required ecl voltage levels. d...
Description F100K ECL Dual Rail translators

File Size 74.57K  /  6 Page

View it Online

Download Datasheet

    PEEL18CV8P-10 PEEL18CV8P-15 PEEL18CV8P-25 PEEL18CV8P-5 PEEL18CV8P-7 PEEL18CV8PI-10 PEEL18CV8PI-15 PEEL18CV8PI-25 PEEL18C

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
ETC[ETC]
International CMOS Technology
Part No. PEEL18CV8P-10 PEEL18CV8P-15 PEEL18CV8P-25 PEEL18CV8P-5 PEEL18CV8P-7 PEEL18CV8PI-10 PEEL18CV8PI-15 PEEL18CV8PI-25 PEEL18CV8PI-5 PEEL18CV8PI-7 PEEL18CV8J-10 PEEL18CV8J-15 PEEL18CV8J-25 PEEL18CV8J-5 PEEL18CV8J-7 PEEL18CV8JI-10 PEEL18CV8JI-15 PEEL18CV8JI-25 PEEL18CV8JI-5 PEEL18CV8JI-7 PEEL18CV8S-10 PEEL18CV8S-15 PEEL18CV8S-25 PEEL18CV8S-5 PEEL18CV8S-7 PEEL18CV8SI-10 PEEL18CV8SI-15 PEEL18CV8SI-25 PEEL18CV8SI-5 PEEL18CV8SI-7 PEEL18CV8 18CV8 PEEL18CV8TI-7 PEEL18CV8T-10 PEEL18CV8T-15 PEEL18CV8T-25 PEEL18CV8T-5 PEEL18CV8T-7 PEEL18CV8TI-10 PEEL18CV8TI-15 PEEL18CV8TI-25 PEEL18CV8TI-5
OCR Text ... I/O pin. Otherwise, the output buffer is switched into the high-impedance state. Under the control of the output enable term, the I/O pin c...translator allows easy conversion of existing 20 pin PLD designs to the PEEL18CV8, without the need ...
Description CMOS Programmable Electrically Erasable Logic Device 的CMOS电可擦除可编程逻辑器件
CMOS Programmable Electrically Erasable Logic Device CMOS电可擦除可编程逻辑器件
GBASE 350 C5E PNK STRANDED BLK 500FT

File Size 326.74K  /  10 Page

View it Online

Download Datasheet

    SY89831U10

Micrel Semiconductor
Part No. SY89831U10
OCR Text ... differential LVPECL 1:4 fanout buffer optimized for ultra-low skew applications. Within device skew is guaranteed to be less than 20ps (5ps...translator with Internal Termination 3.3V Ultra-Precision 1:4 LVDS Fanout buffer/ translator with In...
Description UlTRA-PRECISION 1:4 LVPECL FANOUT buffer/translator WITH INTERNAL TERMINATION

File Size 779.32K  /  11 Page

View it Online

Download Datasheet

    AN207

Vishay Siliconix
Part No. AN207
OCR Text ...tch. The driver stage acts as a buffer and provides current amplification to quickly charge/discharge the MOSFET gate, thus quickly turning the switch ON or OFF. The switching element is an n-channel double-diffused enhancement-mode MOSFET....
Description 15-ns DG611 Switch Family Combines Benefits of CMOS and DMOS
12-ns DG611 Switch Family Combines Benefits of CMOS and DMOS Technologies

File Size 136.11K  /  12 Page

View it Online

Download Datasheet

    Electronic Theatre Controls, Inc.
VECTRON[Vectron International, Inc]
Part No. FX-700-XXX FX-700 FX-700-LAC-GNK-A3-K2 FX-700-KAC-HNK-A3-K2
OCR Text ...(16) Phase/Freq. Detector buffer VCXO VCXOOUT (13) FX-700 Output Frequency Divider (1-16384) buffer GND (7) VDD (1)...translator Performance Characteristics Electrical Performance Parameter Output Frequency4 Output (...
Description ATM/SONET/SDH SUPPORT CIRCUIT, CQCC16
Low Jitter Frequency translator

File Size 284.49K  /  8 Page

View it Online

Download Datasheet

    SY58021U10 SY58021UMG SY58021UMGTR SY58021UMI SY58021UMITR

Micrel Semiconductor
Part No. SY58021U10 SY58021UMG SY58021UMGTR SY58021UMI SY58021UMITR
OCR Text buffer/translator with Internal Termination Precision Edge(R) General Description The SY58021U is a 2.5V/3.3V precision, high-speed, fully differential 1:4 LVPECL fanout buffer. Optimized to provide four identical output copies with les...
Description 4GHz, 1:4 LVPECL Fanout buffer/translator with Internal Termination Precision Edge

File Size 693.96K  /  13 Page

View it Online

Download Datasheet

    74AUP1T98 74AUP1T98GM 74AUP1T98GW 74AUP1T98GF 74AUP1T98GM132

NXP Semiconductors N.V.
Part No. 74AUP1T98 74AUP1T98GM 74AUP1T98GW 74AUP1T98GF 74AUP1T98GM132
OCR Text ...nd, or, nand, nor, inverter and buffer. all inputs can be connected to v cc or gnd. this device ensures a very low static and dynamic power...translator rev. 01 6 march 2008 product data sheet 74aup1t98_1 ? nxp b.v. 2008. all rights reserv...
Description Low-power configurable gate with voltage-level translator; Package: SOT886 (XSON6); Container: Tape reel smd SPECIALTY LOGIC CIRCUIT, PQCC6

File Size 84.02K  /  17 Page

View it Online

Download Datasheet

For buffer translator Found Datasheets File :: 884    Search Time::2.39ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of buffer translator

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.6017642021179