Description |
Inductor; Series:8230; Inductance:820uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3.8mHz; Core material:Ferrite; Leaded Process Compatible:Yes 1 ELEmENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:100nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:690mHz; Core material:phenolic; Leaded Process Compatible:Yes 1 ELEmENT, 0.1 uH, phenolic-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:8mHz; Core material:Ferrite; Leaded Process Compatible:Yes 1 ELEmENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:220uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:9mHz; Core material:Ferrite; Leaded Process Compatible:Yes 1 ELEmENT, 220 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:39uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:22mHz; Core material:Ferrite; Leaded Process Compatible:Yes 1 ELEmENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:15uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:35mHz; Core material:Iron; Leaded Process Compatible:Yes 1 ELEmENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:18uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:32mHz; Core material:Iron; Leaded Process Compatible:Yes 1 ELEmENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:27uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:22mHz; Core material:Iron; Leaded Process Compatible:Yes 1 ELEmENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:2.7uH; Inductance Tolerance: /- 10 %; Q Factor:37; Self Resonant Frequency:100mHz; Core material:Iron; Leaded Process Compatible:Yes 1 ELEmENT, 2.7 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:560nH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:300mHz; Core material:phenolic; Leaded Process Compatible:Yes 1 ELEmENT, 0.56 uH, phenolic-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:6.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60mHz; Core material:Iron; Leaded Process Compatible:Yes 1 ELEmENT, 6.8 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:28; Self Resonant Frequency:140mHz; Core material:Iron; Leaded Process Compatible:Yes Inductor; Series:8230; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:75mHz; Core material:Iron; Leaded Process Compatible:Yes Inductor; Series:8230; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:90mHz; Core material:Iron; Leaded Process Compatible:Yes
|